Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS92511 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TPS92511
Description  500-mA, 65-V Common Anode Constant Current Buck LED Driver Without External Current Sensing Resistor
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS92511 Datasheet(HTML) 5 Page - Texas Instruments

  TPS92511 Datasheet HTML 1Page - Texas Instruments TPS92511 Datasheet HTML 2Page - Texas Instruments TPS92511 Datasheet HTML 3Page - Texas Instruments TPS92511 Datasheet HTML 4Page - Texas Instruments TPS92511 Datasheet HTML 5Page - Texas Instruments TPS92511 Datasheet HTML 6Page - Texas Instruments TPS92511 Datasheet HTML 7Page - Texas Instruments TPS92511 Datasheet HTML 8Page - Texas Instruments TPS92511 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 31 page
background image
TPS92511
www.ti.com
SNVS901A – MARCH 2014 – REVISED MAY 2014
6.5 Electrical Characteristics
Unless otherwise specified, -40°C
≤ TJ = TA ≤ 125°C, VIN = 48 V
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
SYSTEM
IIN-DIM-HIGH
VIN Operating Current
4.5 V
≤ VIN ≤ 65 V, RIADJ = 3 kΩ, VDIM = High
2.8
3.15
mA
IIN-DIM-LOW
VIN Standby Current
4.5 V
≤ VIN ≤ 65 V, RIADJ = 3 kΩ, VDIM = Low
2.3
2.7
mA
ILX-OFF
LX Pin Current
Main switch turned OFF, VLX = VIN = 65 V
0.1
1.0
µA
VFS = 4.6V, RIADJ = 3 kΩ, TA = 25°C
484
502
520
mA
VFS = 4.6V, RIADJ = 3 kΩ
477
502
528
mA
VFS = 4.6V, RIADJ = 6 kΩ, TA = 25°C
236
249
262
mA
ILED
Average LED Current
VFS = 4.6V, RIADJ = 6 kΩ
233
249
268
mA
VFS = 4.6V, RIADJ = 10 kΩ, TA = 25°C
138
149
160
mA
VFS = 4.6V, RIADJ = 10 kΩ
133
149
166
mA
VIADJ
IADJ Pin voltage
1.224
1.25
1.278
V
VDIM-ON
DIM Pin Upper Threshold
VDIM Increasing
0.85
1.0
1.25
V
VDIM-OFF
DIM Pin Lower Threshold
VDIM Decreasing
0.44
V
VDIM-HYS
DIM Pin Threshold Hysteresis
325
mV
fSW
Switching frequency
RFS = 20 kΩ
450
500
550
kHz
ton(min)
Minimum On-time
250
400
ns
INTERNAL REGULATOR
VCC
VCC Regulated Output Voltage
CVCC =1 µF, no load
4.7
5.4
6.0
V
CVCC =1 µF, VIN = 4.5V, 2 mA load
3.7
4.1
V
VCC-UVLO-ON
VCC UVLO Upper Threshold
VCC rising
3.50
3.75
4.00
V
VCC-UVLO-OFF
VCC UVLO Lower Threshold
VCC falling
3.05
V
VCC-UVLO-HYS
VCC UVLO Hysteresis
275
mV
INTEGRATED MOSFET
RLX
Resistance Across LX and GND
Main Switch Turned ON, TA = 25°C
1.4
2.15
THERMAL SHUTDOWN
TSD
Thermal shutdown temperature
TJ Rising
165
°C
TSD-HYS
Thermal shutdown hysteresis
TJ Falling
10
Copyright © 2014, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: TPS92511


Similar Part No. - TPS92511

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS92510 TI1-TPS92510 Datasheet
1Mb / 25P
[Old version datasheet]   1.5-A Constant-Current Buck Converter for High-Brightness LEDs with Integrated LED Thermal Foldback
TPS92510DGQ TI1-TPS92510DGQ Datasheet
1Mb / 25P
[Old version datasheet]   1.5-A Constant-Current Buck Converter for High-Brightness LEDs with Integrated LED Thermal Foldback
TPS92510DGQ TI1-TPS92510DGQ Datasheet
1Mb / 28P
[Old version datasheet]   1.5-A Constant-Current Buck Converter for High-Brightness LEDs with Integrated LED Thermal Foldback
TPS92510DGQR TI1-TPS92510DGQR Datasheet
1Mb / 25P
[Old version datasheet]   1.5-A Constant-Current Buck Converter for High-Brightness LEDs with Integrated LED Thermal Foldback
TPS92510DGQR TI1-TPS92510DGQR Datasheet
1Mb / 28P
[Old version datasheet]   1.5-A Constant-Current Buck Converter for High-Brightness LEDs with Integrated LED Thermal Foldback
More results

Similar Description - TPS92511

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM3414 NSC-LM3414 Datasheet
401Kb / 20P
   1A 60W* Common Anode Capable Constant Current Buck LED Driver Requires No External Current Sensing Resistor
logo
Texas Instruments
LM3414 TI1-LM3414 Datasheet
1Mb / 32P
[Old version datasheet]   60-W Common Anode-Capable Constant Current Buck LED Driver Requires No External Current Sensing Resistor
LM3414 TI1-LM3414_15 Datasheet
1Mb / 30P
[Old version datasheet]   Common Anode-Capable Constant Current Buck LED Driver
logo
Shenzhen Huazhimei Semi...
HM9882 HMSEMI-HM9882 Datasheet
594Kb / 5P
   External MOS average current type LED buck constant current driver
logo
Texas Instruments
LM3414HVMRX TI-LM3414HVMRX Datasheet
1Mb / 25P
[Old version datasheet]   1A 60W Common Anode Capable Constant Current Buck LED Driver Requires No
logo
Recom International Pow...
RCD-48 RECOM-RCD-48 Datasheet
114Kb / 4P
   Constant Current Buck LED Driver
RCDE-48 RECOM-RCDE-48 Datasheet
880Kb / 7P
   Constant Current Buck LED Driver
logo
FOSLINK SEMICONDUCTOR C...
FSP3300 FOSLINK-FSP3300 Datasheet
173Kb / 7P
   350 MA CONSTANT-CURRENT LED DRIVER
logo
Shenzhen Tianyuan Semic...
TP8021A TPOWER-TP8021A Datasheet
551Kb / 5P
   Average Current Type LED Buck Constant Current Driver
logo
Shenzhen Huazhimei Semi...
HM7135 HMSEMI-HM7135 Datasheet
420Kb / 7P
   Linear buck LED constant current driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com