Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS92512HV Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TPS92512HV
Description  2.5A Buck LED Driver with Integrated Analog Current Adjust
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS92512HV Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPS92512HV Datasheet HTML 3Page - Texas Instruments TPS92512HV Datasheet HTML 4Page - Texas Instruments TPS92512HV Datasheet HTML 5Page - Texas Instruments TPS92512HV Datasheet HTML 6Page - Texas Instruments TPS92512HV Datasheet HTML 7Page - Texas Instruments TPS92512HV Datasheet HTML 8Page - Texas Instruments TPS92512HV Datasheet HTML 9Page - Texas Instruments TPS92512HV Datasheet HTML 10Page - Texas Instruments TPS92512HV Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 30 page
background image
IADJ Voltage (V)
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
0
0.25
0.5
0.75
1
1.25
1.5
D001
PDIM Duty Cycle (%)
0
10
20
30
40
50
60
70
80
90
100
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
D001
Resistor, RT (k:)
40
60
80
100
120
140
160
180
200
400
600
800
1000
1200
1400
1600
1800
2000
2200
D001
Resistor, RT (k:)
200
300
400
500
600
700
800
900 1000 1100 1200
100
150
200
250
300
350
400
450
500
550
600
D001
Input Voltage (V)
15
20
25
30
35
40
45
50
55
60
80
82
84
86
88
90
92
94
96
98
100
D001
Input Voltage (V)
10
15
20
25
30
35
40
45
50
55
60
1.47
1.48
1.49
1.5
1.51
1.52
1.53
D001
TPS92512, TPS92512HV
www.ti.com
SLVSCT1B – FEBRUARY 2015 – REVISED APRIL 2015
7.7 Typical Characteristics
VIN = 24V, Unless otherwise specified
1.5 A LED Current
4 LEDs in Series
VIADJ = 1.8 V
1.5 A LED Current
3 LEDs in Series
VIADJ = 1.8 V
fSW = 570 kHz
VOUT = 13.1 V
VOUT = 9.9 V
Figure 1. Efficiency vs Input Voltage
Figure 2. Line Regulation
Figure 3. Switching Frequency vs RT Resistor
Figure 4. Switching Frequency vs RT Resistor
1.5 A LED Current
3 LEDs in Series
1.5 A LED Current
3 LEDs in Series
VIADJ = 1.8 V
VOUT = 9.9 V
250 Hz PWM Frequency
VOUT = 9.9 V
Figure 5. LED Current vs IADJ Voltage
Figure 6. LED Current vs PDIM Duty Cycle
Copyright © 2015, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: TPS92512 TPS92512HV


Similar Part No. - TPS92512HV

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS92510 TI1-TPS92510 Datasheet
1Mb / 25P
[Old version datasheet]   1.5-A Constant-Current Buck Converter for High-Brightness LEDs with Integrated LED Thermal Foldback
TPS92510DGQ TI1-TPS92510DGQ Datasheet
1Mb / 25P
[Old version datasheet]   1.5-A Constant-Current Buck Converter for High-Brightness LEDs with Integrated LED Thermal Foldback
TPS92510DGQ TI1-TPS92510DGQ Datasheet
1Mb / 28P
[Old version datasheet]   1.5-A Constant-Current Buck Converter for High-Brightness LEDs with Integrated LED Thermal Foldback
TPS92510DGQR TI1-TPS92510DGQR Datasheet
1Mb / 25P
[Old version datasheet]   1.5-A Constant-Current Buck Converter for High-Brightness LEDs with Integrated LED Thermal Foldback
TPS92510DGQR TI1-TPS92510DGQR Datasheet
1Mb / 28P
[Old version datasheet]   1.5-A Constant-Current Buck Converter for High-Brightness LEDs with Integrated LED Thermal Foldback
More results

Similar Description - TPS92512HV

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS92513 TI1-TPS92513 Datasheet
1Mb / 30P
[Old version datasheet]   1.5A Buck LED Driver with Integrated Analog Current Adjust
logo
ON Semiconductor
NCV78723 ONSEMI-NCV78723 Datasheet
292Kb / 32P
   High Efficiency Buck Dual LED Driver with Integrated Current Sensing
November, 2015 ??Rev. 2
logo
Renesas Technology Corp
ISL78205 RENESAS-ISL78205 Datasheet
1Mb / 19P
   2.5A Buck Controller with Integrated High-Side MOSFET
logo
Intersil Corporation
ISL78205 INTERSIL-ISL78205 Datasheet
707Kb / 16P
   2.5A Buck Controller with Integrated High-Side MOSFET
logo
Taiwan Semiconductor Co...
TS19751ACS TSC-TS19751ACS Datasheet
335Kb / 7P
   Single-Stage Buck Current Control LED Driver with High Voltage MOSFET Integrated
logo
Recom International Pow...
RCD-48 RECOM-RCD-48 Datasheet
114Kb / 4P
   Constant Current Buck LED Driver
RCDE-48 RECOM-RCDE-48 Datasheet
880Kb / 7P
   Constant Current Buck LED Driver
logo
Intersil Corporation
ISL78206AVEZ INTERSIL-ISL78206AVEZ Datasheet
766Kb / 19P
   40V 2.5A Buck Controller with Integrated High-side MOSFET
March 25, 2015
logo
Renesas Technology Corp
ISL78206 RENESAS-ISL78206 Datasheet
1Mb / 19P
   40V 2.5A Buck Controller with Integrated High-side MOSFET
logo
List of Unclassifed Man...
MBI5029 ETC1-MBI5029 Datasheet
702Kb / 31P
   16-Bit Constant Current LED Sink Driver with Error Detection and Current Adjust
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com