Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS92513DGQT Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TPS92513DGQT
Description  1.5A Buck LED Driver with Integrated Analog Current Adjust
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS92513DGQT Datasheet(HTML) 5 Page - Texas Instruments

  TPS92513DGQT Datasheet HTML 1Page - Texas Instruments TPS92513DGQT Datasheet HTML 2Page - Texas Instruments TPS92513DGQT Datasheet HTML 3Page - Texas Instruments TPS92513DGQT Datasheet HTML 4Page - Texas Instruments TPS92513DGQT Datasheet HTML 5Page - Texas Instruments TPS92513DGQT Datasheet HTML 6Page - Texas Instruments TPS92513DGQT Datasheet HTML 7Page - Texas Instruments TPS92513DGQT Datasheet HTML 8Page - Texas Instruments TPS92513DGQT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 30 page
background image
TPS92513, TPS92513HV
www.ti.com
SLVSCX6 – APRIL 2015
7.4 Thermal Information
TPS92513
TPS92513HV
THERMAL METRIC(1)
UNIT
DGQ (10 PINS)
RθJA
Junction-to-ambient thermal resistance
66.7
RθJC(top)
Junction-to-case (top) thermal resistance
45.8
RθJB
Junction-to-board thermal resistance
37.5
°C/W
ψJT
Junction-to-top characterization parameter
1.8
ψJB
Junction-to-board characterization parameter
37.1
RθJC(bot)
Junction-to-case (bottom) thermal resistance
15.4
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953.
7.5 Electrical Characteristics
–40°C
≤ TJ ≤ 125°C, VVIN = 12V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
SUPPLY VOLTAGE (VIN)
VINUVLO
VIN undervoltage lockout threshold
No voltage hysteresis, rising and falling
2.94
V
IVINSD
Shutdown supply current
VUVLO = 0 V, 4.5 V ≤ VVIN ≤ 42 V (60 V for HV)
11.5
µA
VISENSE = 220 mV, 4.5V ≤ VVIN ≤ 42 V (60 V
IVIN
Non-switching supply current
337
407
µA
for HV)
UNDER VOLTAGE LOCKOUT (UVLO)
VUVLO
UVLO threshold voltage
Rising threshold
1.12
1.22
1.30
V
VUVLO = 1.5 V (device enabled)
3.97
UVLO pin source current
µA
VUVLO = 1 V (device disabled)
1.05
ANALOG CURRENT ADJUST (VIADJ, VISENSE)
IIADJ = 1 µA
1.8
VIADJ
IADJ clamp voltage
V
IIADJ = 100 µA
2.77
VIADJ = 1.2 V, TJ = 25°C to 125°C
191
200
210
VIADJ = 0.18 V, TJ = 25°C to 125°C
21.4
30.0
40.0
Current sense voltage
VISENSE
IIADJ = 1 µA, TJ = 25°C to 125°C
285
300
309
mV
IIADJ = 100 µA, TJ = 25°C to 125°C
286
300
309
Current sense voltage level
180 mV
≤ VIADJ ≤ 1.8V
VIADJ/6
HIGH-SIDE MOSFET (BOOT, PH)
VVIN = 4.5 V, (VBOOT – VPH) = 3.5 V
255
RDS(on)
On-resistance
m
Ω
(VBOOT – VPH) = 6 V
220
375
VBOOT
BOOT-PH voltage
VPDIM = 3V
6
V
IBOOT
BOOT-PH current
VPDIM = 0V, (VBOOT – VPH) = 5V
93.9
µA
Rising threshold
2.25
2.81
VBOOTUV
BOOT-PH under voltage lockout
V
Falling threshold
1.42
1.99
tON(min)
Minimum on time
VCOMP = 0
140
ns
ERROR AMPLIFIER (ISENSE, COMP)
Input bias current
VISENSE = 200 mV
20
nA
VIADJ = 1.2 V, 180 mV < VISENSE < 220 mV,
gM(ea)
Transconductance gain
331
µA/V
VCOMP = 1 V
DC gain
VIADJ = 1.2 V , VISENSE = 0.2 V
10
kV/V
Bandwidth
2.7
MHz
VIADJ = 1.2 V , VCOMP = 1 V,
Source/sink current
±28
µA
VISENSE = 200 mV ± 100 mV
CURRENT LIMIT
Current limit threshold
6
A
Copyright © 2015, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: TPS92513 TPS92513HV


Similar Part No. - TPS92513DGQT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS92510 TI1-TPS92510 Datasheet
1Mb / 25P
[Old version datasheet]   1.5-A Constant-Current Buck Converter for High-Brightness LEDs with Integrated LED Thermal Foldback
TPS92510DGQ TI1-TPS92510DGQ Datasheet
1Mb / 25P
[Old version datasheet]   1.5-A Constant-Current Buck Converter for High-Brightness LEDs with Integrated LED Thermal Foldback
TPS92510DGQ TI1-TPS92510DGQ Datasheet
1Mb / 28P
[Old version datasheet]   1.5-A Constant-Current Buck Converter for High-Brightness LEDs with Integrated LED Thermal Foldback
TPS92510DGQR TI1-TPS92510DGQR Datasheet
1Mb / 25P
[Old version datasheet]   1.5-A Constant-Current Buck Converter for High-Brightness LEDs with Integrated LED Thermal Foldback
TPS92510DGQR TI1-TPS92510DGQR Datasheet
1Mb / 28P
[Old version datasheet]   1.5-A Constant-Current Buck Converter for High-Brightness LEDs with Integrated LED Thermal Foldback
More results

Similar Description - TPS92513DGQT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS92512 TI1-TPS92512 Datasheet
1Mb / 30P
[Old version datasheet]   2.5A Buck LED Driver with Integrated Analog Current Adjust
logo
Diodes Incorporated
AL8860 DIODES-AL8860_18 Datasheet
569Kb / 17P
   40V 1.5A BUCK LED DRIVER
AL8861 DIODES-AL8861 Datasheet
685Kb / 18P
   40V 1.5A BUCK LED DRIVER
AL8860 DIODES-AL8860 Datasheet
1,018Kb / 17P
   40V 1.5A BUCK LED DRIVER
logo
ON Semiconductor
NCV78723 ONSEMI-NCV78723 Datasheet
292Kb / 32P
   High Efficiency Buck Dual LED Driver with Integrated Current Sensing
November, 2015 ??Rev. 2
logo
Linear Dimensions Semic...
LT3517HUF LINEAR_DIMENSIONS-LT3517HUF Datasheet
404Kb / 20P
   Full-Featured LED Driver with 1.5A Switch Current
logo
Linear Technology
LT3517 LINER-LT3517_12 Datasheet
294Kb / 20P
   Full-Featured LED Driver with 1.5A Switch Current
LT3517 LINER-LT3517 Datasheet
275Kb / 20P
   Full-Featured LED Driver with 1.5A Switch Current
LT3517 LINER-LT3517_15 Datasheet
404Kb / 20P
   Full-Featured LED Driver with 1.5A Switch Current
logo
Kinetic Technologies.
KTD2681 KINETIC-KTD2681 Datasheet
106Kb / 2P
   Flash LED Driver with Programmable 1.5A Current Source
August 2020 - Revision 04b
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com