Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C503C-RCN-CYAZaAA2 Datasheet(PDF) 5 Page - Cree, Inc

Part # C503C-RCN-CYAZaAA2
Description  Cree 5-mm Red and Amber Round LED
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

C503C-RCN-CYAZaAA2 Datasheet(HTML) 5 Page - Cree, Inc

  C503C-RCN-CYAZaAA2 Datasheet HTML 1Page - Cree, Inc C503C-RCN-CYAZaAA2 Datasheet HTML 2Page - Cree, Inc C503C-RCN-CYAZaAA2 Datasheet HTML 3Page - Cree, Inc C503C-RCN-CYAZaAA2 Datasheet HTML 4Page - Cree, Inc C503C-RCN-CYAZaAA2 Datasheet HTML 5Page - Cree, Inc C503C-RCN-CYAZaAA2 Datasheet HTML 6Page - Cree, Inc C503C-RCN-CYAZaAA2 Datasheet HTML 7Page - Cree, Inc C503C-RCN-CYAZaAA2 Datasheet HTML 8Page - Cree, Inc C503C-RCN-CYAZaAA2 Datasheet HTML 9Page - Cree, Inc  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
Copyright © 2010 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree, the Cree logo and XLamp are registered trademarks
of Cree, Inc.
5
Copyright © 2014 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree and the Cree logo are registered trademarks of Cree, Inc.
5
Cree 5-mm Round LED
C503C-RCS/RCN/ACS/ACN
ORDER CODE TABLE*
Amber
Color
Kit Number
Viewing
Angle
Luminous Intensity (mcd)
Dominant Wavelength
Package
Standoff
Min.
Max.
Color
Bin
Min.
(nm)
Color
Bin
Max.
(nm)
Amber
C503C-ACS-CYAZa251
30
5860
10100
A2
584
A5
596
Bulk
Yes
Amber
C503C-ACS-CYAZa341
30
5860
10100
A3
587
A4
593
Bulk
Yes
Amber
C503C-ACS-CYCZa251
30
7200
10100
A2
584
A5
596
Bulk
Yes
Amber
C503C-ACS-CYCZa341
30
7200
10100
A3
587
A4
593
Bulk
Yes
Amber
C503C-ACS-CYAZa252
30
5860
10100
A2
584
A5
596
Ammo
Yes
Amber
C503C-ACS-CYAZa342
30
5860
10100
A3
587
A4
593
Ammo
Yes
Amber
C503C-ACS-CYCZa252
30
7200
10100
A2
584
A5
596
Ammo
Yes
Amber
C503C-ACS-CYCZa342
30
7200
10100
A3
587
A4
593
Ammo
Yes
Amber
C503C-ACN-CYAZa251
30
5860
10100
A2
584
A5
596
Bulk
No
Amber
C503C-ACN-CYAZa341
30
5860
10100
A3
587
A4
593
Bulk
No
Amber
C503C-ACN-CYCZa251
30
7200
10100
A2
584
A5
596
Bulk
No
Amber
C503C-ACN-CYCZa341
30
7200
10100
A3
587
A4
593
Bulk
No
Amber
C503C-ACN-CYAZa252
30
5860
10100
A2
584
A5
596
Ammo
No
Amber
C503C-ACN-CYAZa342
30
5860
10100
A3
587
A4
593
Ammo
No
Amber
C503C-ACN-CYCZa252
30
7200
10100
A2
584
A5
596
Ammo
No
Amber
C503C-ACN-CYCZa342
30
7200
10100
A3
587
A4
593
Ammo
No
Notes:
1. The above kit numbers represent order codes that include multiple intensity-bin and color-bin codes. Only one
intensity-bin code and one color-bin code will be shipped on each bulk. Single intensity-bin code and single color-bin
codes will not be orderable.
2. Please refer to the “Cree LED Lamp Reliability Test Standards” document for reliability test conditions.
3. Please refer to the “Cree LED Lamp Soldering & Handling” document for information about how to use this LED
product safely.


Similar Part No. - C503C-RCN-CYAZaAA2

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
C503C-WAN CREE-C503C-WAN Datasheet
722Kb / 9P
   5-mm Round LED
C503C-WAN-CBaDa151 CREE-C503C-WAN-CBaDa151 Datasheet
722Kb / 9P
   5-mm Round LED
logo
Marktech Corporate
C503C-WAN-CBaDa151 MARKTECH-C503C-WAN-CBaDa151 Datasheet
722Kb / 9P
   Cree짰 5-mm Round LED
logo
Cree, Inc
C503C-WAN-CBaDa152 CREE-C503C-WAN-CBaDa152 Datasheet
722Kb / 9P
   5-mm Round LED
logo
Marktech Corporate
C503C-WAN-CBaDa152 MARKTECH-C503C-WAN-CBaDa152 Datasheet
722Kb / 9P
   Cree짰 5-mm Round LED
More results

Similar Description - C503C-RCN-CYAZaAA2

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
C503T-RAS CREE-C503T-RAS Datasheet
1Mb / 8P
   Cree짰 5-mm Red and Amber Round LED
logo
Marktech Corporate
C503B-R-A MARKTECH-C503B-R-A_15 Datasheet
815Kb / 13P
   5-mm Red and Amber Round LEDs
logo
Cree, Inc
C503B-RAS CREE-C503B-RAS Datasheet
533Kb / 8P
   5-mm Red and Amber Round LEDs
logo
Marktech Corporate
C503B-R-A MARKTECH-C503B-R-A Datasheet
815Kb / 13P
   5-mm Red and Amber Round LEDs
C503B-RAS MARKTECH-C503B-RAS Datasheet
815Kb / 13P
   Cree짰 5-mm Red and Amber Round LEDs
logo
Cree, Inc
C512A-WNS CREE-C512A-WNS Datasheet
929Kb / 13P
   Cree 5-mm Round LED
C503B-AAS-CA0C0251-015 CREE-C503B-AAS-CA0C0251-015 Datasheet
815Kb / 9P
   Cree 5mm Amber Round LED
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-AG70 AVAGO-HLMP-AG70 Datasheet
478Kb / 10P
   5 mm Mini Oval Red and Amber LEDs
logo
Broadcom Corporation.
ALMD-EG1E BOARDCOM-ALMD-EG1E Datasheet
1Mb / 12P
   High Brightness SMT Round Red, Amber LED Lamps
logo
OPTEK Technologies
OVLFR3C7 OPTEK-OVLFR3C7 Datasheet
1Mb / 4P
   Round Red Through-hole LED Lamp (5 mm)
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com