Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C503C-RCN-CYCZaAA2 Datasheet(PDF) 3 Page - Cree, Inc

Part # C503C-RCN-CYCZaAA2
Description  Cree 5-mm Red and Amber Round LED
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

C503C-RCN-CYCZaAA2 Datasheet(HTML) 3 Page - Cree, Inc

  C503C-RCN-CYCZaAA2 Datasheet HTML 1Page - Cree, Inc C503C-RCN-CYCZaAA2 Datasheet HTML 2Page - Cree, Inc C503C-RCN-CYCZaAA2 Datasheet HTML 3Page - Cree, Inc C503C-RCN-CYCZaAA2 Datasheet HTML 4Page - Cree, Inc C503C-RCN-CYCZaAA2 Datasheet HTML 5Page - Cree, Inc C503C-RCN-CYCZaAA2 Datasheet HTML 6Page - Cree, Inc C503C-RCN-CYCZaAA2 Datasheet HTML 7Page - Cree, Inc C503C-RCN-CYCZaAA2 Datasheet HTML 8Page - Cree, Inc C503C-RCN-CYCZaAA2 Datasheet HTML 9Page - Cree, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
Copyright © 2010 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree, the Cree logo and XLamp are registered trademarks
of Cree, Inc.
3
Copyright © 2014 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree and the Cree logo are registered trademarks of Cree, Inc.
3
Cree 5-mm Round LED
C503C-RCS/RCN/ACS/ACN
• Tolerance of measurement of luminous intensity is ±15%
• Tolerance of measurement of dominant wavelength is ±1 nm
Red
Red
Bin Code
Min. (nm)
Max. (nm)
RA
618
630
Amber
Bin Code
Min. (nm)
Max. (nm)
A2
584
587
A3
587
590
A4
590
593
A5
593
596
Amber
C503C-RCS/RCN
Bin Code
Min. (mcd)
Max. (mcd)
Bin Code
Min. (mcd)
Max. (mcd)
Bin Code
Min. (mcd)
Max. (mcd)
Y
Y0
5860
8200
Ya
5860
7030
YA
5860
6500
YB
6500
7200
Yb
7030
8200
YC
7200
8200
Z
Z0
8200
12000
Za
8200
10100
C503C-ACS/ACN
Bin Code
Min. (mcd)
Max. (mcd)
Bin Code
Min. (mcd)
Max. (mcd)
Bin Code
Min. (mcd)
Max. (mcd)
Y
Y0
5860
8200
Ya
5860
7030
YA
5860
6500
YB
6500
7200
Yb
7030
8200
YC
7200
8200
Z
Z0
8200
12000
Za
8200
10100
INTENSITY BIN LIMIT (I
F = 20 mA)
COLOR BIN LIMIT (I
F = 20 mA)
Bin Code
Min. (mcd)
Max. (mcd)
YA
5860
6500
YB
6500
7200
YC
7200
8200
Bin Code
Min. (mcd)
Max. (mcd)
YA
5860
6500
YB
6500
7200
YC
7200
8200


Similar Part No. - C503C-RCN-CYCZaAA2

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
C503C-WAN CREE-C503C-WAN Datasheet
722Kb / 9P
   5-mm Round LED
C503C-WAN-CBaDa151 CREE-C503C-WAN-CBaDa151 Datasheet
722Kb / 9P
   5-mm Round LED
logo
Marktech Corporate
C503C-WAN-CBaDa151 MARKTECH-C503C-WAN-CBaDa151 Datasheet
722Kb / 9P
   Cree짰 5-mm Round LED
logo
Cree, Inc
C503C-WAN-CBaDa152 CREE-C503C-WAN-CBaDa152 Datasheet
722Kb / 9P
   5-mm Round LED
logo
Marktech Corporate
C503C-WAN-CBaDa152 MARKTECH-C503C-WAN-CBaDa152 Datasheet
722Kb / 9P
   Cree짰 5-mm Round LED
More results

Similar Description - C503C-RCN-CYCZaAA2

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
C503T-RAS CREE-C503T-RAS Datasheet
1Mb / 8P
   Cree짰 5-mm Red and Amber Round LED
logo
Marktech Corporate
C503B-R-A MARKTECH-C503B-R-A_15 Datasheet
815Kb / 13P
   5-mm Red and Amber Round LEDs
logo
Cree, Inc
C503B-RAS CREE-C503B-RAS Datasheet
533Kb / 8P
   5-mm Red and Amber Round LEDs
logo
Marktech Corporate
C503B-R-A MARKTECH-C503B-R-A Datasheet
815Kb / 13P
   5-mm Red and Amber Round LEDs
C503B-RAS MARKTECH-C503B-RAS Datasheet
815Kb / 13P
   Cree짰 5-mm Red and Amber Round LEDs
logo
Cree, Inc
C512A-WNS CREE-C512A-WNS Datasheet
929Kb / 13P
   Cree 5-mm Round LED
C503B-AAS-CA0C0251-015 CREE-C503B-AAS-CA0C0251-015 Datasheet
815Kb / 9P
   Cree 5mm Amber Round LED
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-AG70 AVAGO-HLMP-AG70 Datasheet
478Kb / 10P
   5 mm Mini Oval Red and Amber LEDs
logo
Broadcom Corporation.
ALMD-EG1E BOARDCOM-ALMD-EG1E Datasheet
1Mb / 12P
   High Brightness SMT Round Red, Amber LED Lamps
logo
OPTEK Technologies
OVLFR3C7 OPTEK-OVLFR3C7 Datasheet
1Mb / 4P
   Round Red Through-hole LED Lamp (5 mm)
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com