Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C503C-ACN-CYAZa342 Datasheet(PDF) 8 Page - Cree, Inc

Part # C503C-ACN-CYAZa342
Description  Cree 5-mm Red and Amber Round LED
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

C503C-ACN-CYAZa342 Datasheet(HTML) 8 Page - Cree, Inc

  C503C-ACN-CYAZa342 Datasheet HTML 1Page - Cree, Inc C503C-ACN-CYAZa342 Datasheet HTML 2Page - Cree, Inc C503C-ACN-CYAZa342 Datasheet HTML 3Page - Cree, Inc C503C-ACN-CYAZa342 Datasheet HTML 4Page - Cree, Inc C503C-ACN-CYAZa342 Datasheet HTML 5Page - Cree, Inc C503C-ACN-CYAZa342 Datasheet HTML 6Page - Cree, Inc C503C-ACN-CYAZa342 Datasheet HTML 7Page - Cree, Inc C503C-ACN-CYAZa342 Datasheet HTML 8Page - Cree, Inc C503C-ACN-CYAZa342 Datasheet HTML 9Page - Cree, Inc  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
Copyright © 2010 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree, the Cree logo and XLamp are registered trademarks
of Cree, Inc.
8
Copyright © 2014 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree and the Cree logo are registered trademarks of Cree, Inc.
8
Cree 5-mm Round LED
C503C-RCS/RCN/ACS/ACN
KIT NUMBER SYSTEM
All dimensions in mm.Cree LED lamps are tested and sorted into performance bins. A bin is specified by ranges of color,
forward voltage, and brightness. Sorted LEDs are packaged for shipping in various convenient options. Please refer to
the “Cree LED Lamp Packaging Standard” document for more information about shipping and packaging options.
Cree LEDs are sold by order codes in combinations of bins called kits. Order codes are configured in the following man-
ner:


Similar Part No. - C503C-ACN-CYAZa342

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
C503C-WAN CREE-C503C-WAN Datasheet
722Kb / 9P
   5-mm Round LED
C503C-WAN-CBaDa151 CREE-C503C-WAN-CBaDa151 Datasheet
722Kb / 9P
   5-mm Round LED
logo
Marktech Corporate
C503C-WAN-CBaDa151 MARKTECH-C503C-WAN-CBaDa151 Datasheet
722Kb / 9P
   Cree짰 5-mm Round LED
logo
Cree, Inc
C503C-WAN-CBaDa152 CREE-C503C-WAN-CBaDa152 Datasheet
722Kb / 9P
   5-mm Round LED
logo
Marktech Corporate
C503C-WAN-CBaDa152 MARKTECH-C503C-WAN-CBaDa152 Datasheet
722Kb / 9P
   Cree짰 5-mm Round LED
More results

Similar Description - C503C-ACN-CYAZa342

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
C503T-RAS CREE-C503T-RAS Datasheet
1Mb / 8P
   Cree짰 5-mm Red and Amber Round LED
logo
Marktech Corporate
C503B-R-A MARKTECH-C503B-R-A_15 Datasheet
815Kb / 13P
   5-mm Red and Amber Round LEDs
logo
Cree, Inc
C503B-RAS CREE-C503B-RAS Datasheet
533Kb / 8P
   5-mm Red and Amber Round LEDs
logo
Marktech Corporate
C503B-R-A MARKTECH-C503B-R-A Datasheet
815Kb / 13P
   5-mm Red and Amber Round LEDs
C503B-RAS MARKTECH-C503B-RAS Datasheet
815Kb / 13P
   Cree짰 5-mm Red and Amber Round LEDs
logo
Cree, Inc
C512A-WNS CREE-C512A-WNS Datasheet
929Kb / 13P
   Cree 5-mm Round LED
C503B-AAS-CA0C0251-015 CREE-C503B-AAS-CA0C0251-015 Datasheet
815Kb / 9P
   Cree 5mm Amber Round LED
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-AG70 AVAGO-HLMP-AG70 Datasheet
478Kb / 10P
   5 mm Mini Oval Red and Amber LEDs
logo
Broadcom Corporation.
ALMD-EG1E BOARDCOM-ALMD-EG1E Datasheet
1Mb / 12P
   High Brightness SMT Round Red, Amber LED Lamps
logo
OPTEK Technologies
OVLFR3C7 OPTEK-OVLFR3C7 Datasheet
1Mb / 4P
   Round Red Through-hole LED Lamp (5 mm)
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com