Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C566C-RFF-CV0W0BB1 Datasheet(PDF) 3 Page - Cree, Inc

Part # C566C-RFF-CV0W0BB1
Description  Cree Screen Master 5-mm Oval LED
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

C566C-RFF-CV0W0BB1 Datasheet(HTML) 3 Page - Cree, Inc

  C566C-RFF-CV0W0BB1 Datasheet HTML 1Page - Cree, Inc C566C-RFF-CV0W0BB1 Datasheet HTML 2Page - Cree, Inc C566C-RFF-CV0W0BB1 Datasheet HTML 3Page - Cree, Inc C566C-RFF-CV0W0BB1 Datasheet HTML 4Page - Cree, Inc C566C-RFF-CV0W0BB1 Datasheet HTML 5Page - Cree, Inc C566C-RFF-CV0W0BB1 Datasheet HTML 6Page - Cree, Inc C566C-RFF-CV0W0BB1 Datasheet HTML 7Page - Cree, Inc C566C-RFF-CV0W0BB1 Datasheet HTML 8Page - Cree, Inc C566C-RFF-CV0W0BB1 Datasheet HTML 9Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Copyright © 2010 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree, the Cree logo and XLamp are registered trademarks
of Cree, Inc.
3
Copyright © 2014 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree and the Cree logo are registered trademarks of Cree, Inc.
3
Cree 5-mm Oval LED
C566C-RFF/GFF/BFF/AFF
C566C-RFE/GFE/BFE/AFE
• Tolerance of measurement of luminous intensity is ±15%
• Tolerance of measurement of dominant wavelength is ±1 nm
Red
Bin Code
Min.(nm)
Max.(nm)
RB
619
624
Green
Bin Code
Min.(nm)
Max.(nm)
G7
520
525
G8
525
530
G9
530
535
Blue
Bin Code
Min.(nm)
Max.(nm)
B3
460
465
B4
465
470
B5
470
475
Red
Bin Code
Min.(mcd)
Max.(mcd)
U0
1520
2130
V0
2130
3000
W0
3000
4180
Amber
Bin Code
Min.(mcd)
Max.(mcd)
U0
1520
2130
V0
2130
3000
W0
3000
4180
Green
Bin Code
Min.(mcd)
Max.(mcd)
X0
4180
5860
Y0
5860
8200
Z0
8200
12000
Blue
Bin Code
Min.(mcd)
Max.(mcd)
T0
1100
1520
U0
1520
2130
V0
2130
3000
Amber
Bin Code
Min.
(nm)
Max.
(nm)
A2
584
587
A3
587
590
A4
590
593
A5
593
596
INTENSITY BIN LIMIT (I
F = 20 mA)
COLOR BIN LIMIT (I
F = 20 mA)


Similar Part No. - C566C-RFF-CV0W0BB1

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
C566C-RFN CREE-C566C-RFN Datasheet
652Kb / 10P
   5mm Oval LED
C566C-RFN-CT0W0BB1 CREE-C566C-RFN-CT0W0BB1 Datasheet
652Kb / 10P
   5mm Oval LED
logo
Marktech Corporate
C566C-RFN-CT0W0BB1 MARKTECH-C566C-RFN-CT0W0BB1 Datasheet
652Kb / 10P
   Cree짰 5mm Oval LED
logo
Cree, Inc
C566C-RFN-CT0W0BB2 CREE-C566C-RFN-CT0W0BB2 Datasheet
652Kb / 10P
   5mm Oval LED
logo
Marktech Corporate
C566C-RFN-CT0W0BB2 MARKTECH-C566C-RFN-CT0W0BB2 Datasheet
652Kb / 10P
   Cree짰 5mm Oval LED
More results

Similar Description - C566C-RFF-CV0W0BB1

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
C5SMF-RJF CREE-C5SMF-RJF Datasheet
941Kb / 11P
   Cree Screen Master 5-mm Oval LED
C566D-RFF CREE-C566D-RFF Datasheet
860Kb / 12P
   Cree Screen Master 5-mm Oval LED
C5SMF-AJF CREE-C5SMF-AJF Datasheet
879Kb / 8P
   Cree Screen Master 5-mm Oval LED
C4SMF-RJS CREE-C4SMF-RJS Datasheet
975Kb / 9P
   Cree Screen Master 4-mm Oval LED
C4SMM-RJF CREE-C4SMM-RJF Datasheet
819Kb / 9P
   Cree Screen Master 4-mm Oval LED
C4SMG-RJF CREE-C4SMG-RJF Datasheet
788Kb / 9P
   Cree Screen Master 4-mm Oval LED
C4SMK-RJF CREE-C4SMK-RJF Datasheet
761Kb / 9P
   Cree Screen Master 4-mm Oval LED
C4SMN-RJF CREE-C4SMN-RJF Datasheet
806Kb / 9P
   Cree Screen Master 4-mm Oval LED
S4SMS-RJF CREE-S4SMS-RJF Datasheet
857Kb / 8P
   Cree Screen Master 4-mm Oval LED
C4SMB-RGF CREE-C4SMB-RGF Datasheet
685Kb / 9P
   Cree Screen Master 4-mm Oval LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com