Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS92640PWPT Datasheet(PDF) 8 Page - Texas Instruments

Part # TPS92640PWPT
Description  Synchronous Buck Controllers for Precision Dimming LED Drivers
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS92640PWPT Datasheet(HTML) 8 Page - Texas Instruments

Back Button TPS92640PWPT Datasheet HTML 4Page - Texas Instruments TPS92640PWPT Datasheet HTML 5Page - Texas Instruments TPS92640PWPT Datasheet HTML 6Page - Texas Instruments TPS92640PWPT Datasheet HTML 7Page - Texas Instruments TPS92640PWPT Datasheet HTML 8Page - Texas Instruments TPS92640PWPT Datasheet HTML 9Page - Texas Instruments TPS92640PWPT Datasheet HTML 10Page - Texas Instruments TPS92640PWPT Datasheet HTML 11Page - Texas Instruments TPS92640PWPT Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 37 page
background image
200
220
240
260
280
0
10
20
30
40
50
60
70
80
90
Input Voltage, V
IN(V)
C001
125°C
25°C
-40°C
200
220
240
260
280
0
10
20
30
40
50
60
70
80
90
Input Voltage, V
IN(V)
C001
125°C
25°C
-40°C
6.00
6.50
7.00
7.50
8.00
8.50
9.00
0
10
20
30
40
50
60
70
80
90
Input Voltage, V
IN(V)
C001
125°C
25°C
-40°C
I
VCC = 10mA
2.96
2.98
3.00
3.02
3.04
3.06
0
10
20
30
40
50
60
70
80
90
Input Voltage, V
IN(V)
C001
125°C
25°C
-40°C
I
VREF = 500PA
1.50
1.70
1.90
2.10
2.30
2.50
0
10
20
30
40
50
60
70
80
90
Input Voltage, V
IN(V)
C001
125°C
25°C
-40°C
0.00
40.00
80.00
120.00
160.00
200.00
0
10
20
30
40
50
60
70
80
90
Input Voltage, V
IN(V)
C001
125°C
25°C
-40°C
TPS92640, TPS92641
SNVS902A – OCTOBER 2012 – REVISED OCTOBER 2015
www.ti.com
6.6 Typical Characteristics
Unless otherwise stated, –40°C
≤ TA = TJ ≤ 125°C, VIN = 24 V, VIADJ= 2 V, ILED = 1 A, CVCC = 2.2 μF, CCOMP = 0.47 μF
Figure 1. Quescient Current, IQ vs Input Voltage, VIN
Figure 2. Shutdown Current, ISDvs Input Voltage , VIN
Figure 3. Start-Up Regulator, VCC vs Input Voltage, VIN
Figure 4. Reference Voltage, VREF vs Input Voltage, VIN
Figure 5. Minimum On-time, tON_MIN vs Input Voltage, VIN
Figure 6. Minimum Off-time, tOFF_MIN vs Input Voltage, VIN
8
Submit Documentation Feedback
Copyright © 2012–2015, Texas Instruments Incorporated
Product Folder Links: TPS92640 TPS92641


Similar Part No. - TPS92640PWPT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS92640PWPT TI-TPS92640PWPT Datasheet
207Kb / 10P
[Old version datasheet]   Synchronous Buck Controllers for Precision Dimming LED Drivers
TPS92640PWPT TI1-TPS92640PWPT Datasheet
1Mb / 37P
[Old version datasheet]   Synchronous Buck Controllers for Precision Dimming LED Drivers
More results

Similar Description - TPS92640PWPT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS92640 TI-TPS92640 Datasheet
207Kb / 10P
[Old version datasheet]   Synchronous Buck Controllers for Precision Dimming LED Drivers
TPS92640 TI1-TPS92640_15 Datasheet
1Mb / 37P
[Old version datasheet]   Synchronous Buck Controllers for Precision Dimming LED Drivers
logo
ON Semiconductor
NCP81166 ONSEMI-NCP81166 Datasheet
80Kb / 9P
   Synchronous Buck MOSFET Drivers
January, 2015 ??Rev. 2
NCP81063 ONSEMI-NCP81063 Datasheet
88Kb / 8P
   Synchronous Buck MOSFET Drivers
June, 2016 ??Rev. P1
NCP5269A ONSEMI-NCP5269A Datasheet
186Kb / 11P
   Synchronous Buck MOSFET Drivers
June, 2013 ??Rev. P1
logo
Anpec Electronics Corop...
APW7158 ANPEC-APW7158 Datasheet
511Kb / 24P
   Dual Synchronous Buck PWM Controllers
logo
ON Semiconductor
NCP1582 ONSEMI-NCP1582 Datasheet
155Kb / 16P
   Low Voltage Synchronous Buck Controllers
July, 2006 ??Rev. 2
logo
Maxim Integrated Produc...
MAX20050 MAXIM-MAX20050 Datasheet
654Kb / 23P
   2A Synchronous-Buck LED Drivers with Integrated MOSFETs
Rev 19; 7/21
logo
List of Unclassifed Man...
WS9822B ETC2-WS9822B Datasheet
786Kb / 11P
   Non-isolated Buck High Precision Three-stage Dimming LED Driver
logo
Shenzhen Winsemi Microe...
WS9822B WINSEMI-WS9822B Datasheet
786Kb / 11P
   Non-isolated Buck High Precision Three-stage Dimming LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com