Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS92660 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # TPS92660
Description  Two-String LED Driver with I2C OTP ROM Current Trim
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS92660 Datasheet(HTML) 9 Page - Texas Instruments

Back Button TPS92660 Datasheet HTML 5Page - Texas Instruments TPS92660 Datasheet HTML 6Page - Texas Instruments TPS92660 Datasheet HTML 7Page - Texas Instruments TPS92660 Datasheet HTML 8Page - Texas Instruments TPS92660 Datasheet HTML 9Page - Texas Instruments TPS92660 Datasheet HTML 10Page - Texas Instruments TPS92660 Datasheet HTML 11Page - Texas Instruments TPS92660 Datasheet HTML 12Page - Texas Instruments TPS92660 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 29 page
background image
600
680
760
840
920
1000
0
8
16
24
32
40
48
56
64
Trim Step
RS = 0.25Ω
G000
40
45
50
55
60
65
70
75
80
0
3
6
9
12
15
Trim Step
RS =3.32 Ω
G000
760
770
780
790
800
810
820
830
840
25
30
35
40
45
50
55
60
65
70
75
80
Input Voltage (V)
Load = 8 LEDs
G000
19.5
19.6
19.7
19.8
19.9
20.0
20.1
20.2
20.3
20.4
20.5
15
20
25
30
35
40
45
50
55
60
Input Voltage (V)
Load = 4 LEDs
G000
150
160
170
180
190
200
210
220
230
240
250
−40 −25 −10
5
20
35
50
65
80
95
110 125
Temperature (°C)
G000
150
160
170
180
190
200
210
220
230
240
250
−40 −25 −10
5
20
35
50
65
80
95
110 125
Temperature (°C)
G000
TPS92660
www.ti.com
SLUSBC2 – APRIL 2013
TYPICAL CHARACTERISTICS
Unless otherwise stated, –40°C
≤ TA = TJ ≤+125°C, VIN = 48 V, RT= 51.1 kΩ, CT = 1000 pF, CVCC = 1 μF, CCOMP = 1 μF
Figure 7. Linear Current Voltage Regulation
Figure 8. Switching Current Voltage Regulation
vs Junction Temperature
vs Junction Temperature
Figure 9. Switching Regulator LED Current
Figure 10. Linear Regulator LED Current
vs Input Voltage
vs Input Voltage
Figure 11. Switching Regulator LED Current
Figure 12. Linear Regulator LED Current
vs I2C Trim Step
vs I2C Trim Step
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: TPS92660


Similar Part No. - TPS92660

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS92660 TI1-TPS92660 Datasheet
1Mb / 29P
[Old version datasheet]   Two-String LED Driver with IC OTP ROM Current Trim
More results

Similar Description - TPS92660

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS92660 TI1-TPS92660 Datasheet
1Mb / 29P
[Old version datasheet]   Two-String LED Driver with IC OTP ROM Current Trim
logo
SHANGHAI BELLING CO., L...
BL9590 BELLING-BL9590 Datasheet
1Mb / 23P
   Six-String White LED Driver with Active Current
logo
Linear Technology
LT3598 LINER-LT3598 Datasheet
341Kb / 20P
   6-String 30mA LED Driver with 1.5% Current Matching
LT3598 LINER-LT3598_1 Datasheet
401Kb / 24P
   6-String 30mA LED Driver with 1.5% Current Matching
logo
ATMEL Corporation
MSL1061 ATMEL-MSL1061 Datasheet
2Mb / 20P
   6-string PWM LED Driver with Digitally Compensated, 1.1MHz, 48V Boost Regulator, 짹1.5% Current Balance, I2C Interface
logo
Linear Technology
LT3598 LINER-LT3598_15 Datasheet
407Kb / 24P
   6-String 30mA LED Driver
logo
ATMEL Corporation
MSL1060AW ATMEL-MSL1060AW Datasheet
2Mb / 20P
   6-string PWM LED Driver with Digitally Compensated, 1.1MHz 48V Boost Regulator and 짹1.5% LED String Current Balance
logo
Eutech Microelectronics...
EUP2990 EUTECH-EUP2990 Datasheet
681Kb / 1P
   6 String White LED Driver
logo
Analog Devices
ADD5207 AD-ADD5207 Datasheet
428Kb / 16P
   Four-String, White LED Driver
REV. A
ADD5205 AD-ADD5205 Datasheet
441Kb / 16P
   Four-String White LED Driver
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com