Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IK2409SA Datasheet(PDF) 1 Page - XP Power Limited

Part # IK2409SA
Description  0.25 Watt IK Series
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

IK2409SA Datasheet(HTML) 1 Page - XP Power Limited

  IK2409SA Datasheet HTML 1Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Mechanical Details
26-Aug-14
Specification
0.25 Watt
Single Output
SIP or DIP Package
1000 VDC Isolation
Optional 3000 VDC Isolation
Small Package Sizes
40 °C to +85 °C Operation
3 Year Warranty
IK Series
Input
Input Voltage Range
• Nominal ±10%
Input Reflected
• 20 mA pk-pk through 12 µH inductor 5Hz
Ripple Current
to 20 MHz
Input Reverse Voltage
• None
Protection
Output
Output Voltage
See table
Minimum Load
• None(4)
Line Regulation
• 1.2%/1%
∆ Vin
Load Regulation
• 10% 20-100% load change
(3.3 V models ±20%)
Setpoint Accuracy
• ±3%
Ripple & Noise
• 100 mV pk-pk max, 20 MHz bandwidth
Temperature Coefficient
• 0.02%/°C
Maximum Capacitive
• 100 µF
Load
General
Efficiency
• See table
Isolation Voltage
• 1000 VDC minimum(2)
Isolation Resistance
• 109
Isolation Capacitance
• 60 pF typical
Switching Frequency
• Variable, 80 KHz typical
MTBF
• >1.1 MHrs to MIL-HDBK-217F at 25 °C, GB
Environmental
Operating Temperature
• -40 °C to +85 °C
Storage Temperature
• -40 °C to +125 °C
Case Temperature
• 100 °C max
Cooling
• Convection-cooled
xppower.com
0.08
(2.03)
0.01
(0.25)
-Vin
-Vout +Vout
+Vin
0.06
(1.60)
Bottom View
Bottom View
0.46
(11.68)
0.02
(0.5)
0.12
(3.00)
-Vin
-Vout
+Vout
+Vin
0.12
(3.05)
SIP Package
DIP Package
0.50
(12.70)
0.40
(10.14)
0.24(4)
(6.00)
0.27
(6.86)
0.38
(9.65)
0.02
(0.5)
0.02
(0.5)
0.2
(5.1)
0.30
(7.62)
0.01
(0.25)
0.30
(7.62)
0.30
(7.62)
Input Voltage
No Load
Input Current
Output
Voltage
Output
Current
Efficiency
Model
Number(1,2)
5 VDC
20 mA
3.3 V
75.70 mA
66%
IK0503SA
20 mA
5.0 V
50.00 mA
66%
IK0505SA
20 mA
7.2 V
34.72 mA
66%
IK0507SA
20 mA
9.0 V
27.77 mA
68%
IK0509SA
20 mA
12.0 V
20.83 mA
68%
IK0512SA
20 mA
15.0 V
16.67 mA
68%
IK0515SA
20 mA
18.0 V
13.88 mA
68%
IK0518SA
20 mA
24.0 V
10.41 mA
70%
IK0524SA
12 VDC
15 mA
3.3 V
75.70 mA
65%
IK1203SA
15 mA
5.0 V
50.00 mA
65%
IK1205SA
15 mA
7.2 V
34.72 mA
68%
IK1207SA
15 mA
9.0 V
27.77 mA
64%
IK1209SA
15 mA
12.0 V
20.83 mA
62%
IK1212SA
15 mA
15.0 V
16.67 mA
67%
IK1215SA
15 mA
18.0 V
13.88 mA
67%
IK1218SA
15 mA
24.0 V
10.41 mA
54%
IK1224SA
24 VDC
8 mA
3.3 V
75.70 mA
60%
IK2403SA
8 mA
5.0 V
50.00 mA
62%
IK2405SA
8 mA
7.2 V
34.72 mA
61%
IK2407SA
8 mA
9.0 V
27.77 mA
62%
IK2409SA
8 mA
12.0 V
20.83 mA
56%
IK2412SA
8 mA
15.0 V
16.67 mA
56%
IK2415SA
8 mA
18.0 V
13.88 mA
55%
IK2418SA
8 mA
24.0 V
10.41 mA
59%
IK2424SA
48 VDC(3)
5 mA
3.3 V
75.70 mA
55%
IK4803SA
5 mA
5.0 V
50.00 mA
57%
IK4805SA
5 mA
7.2 V
34.72 mA
57%
IK4807SA
5 mA
9.0 V
27.77 mA
57%
IK4809SA
5 mA
12.0 V
20.83 mA
53%
IK4812SA
5 mA
15.0 V
16.67 mA
53%
IK4815SA
5 mA
18.0 V
13.88 mA
53%
IK4818SA
5 mA
24.0 V
10.41 mA
50%
IK4824SA
1. For DIP package, replace ‘S’ in model number with ‘D’.
2. Add suffix ‘-H’ to model number for 3000 VDC isolation.
3. 48 V input not available with DIP package.
4. Operation at no load will not damage unit but it may not meet all specifications.
5. All dimensions in inches (mm).
6. Pin pitch tolerance: ±0.014 (±0.35)
7. Case tolerance: ±0.02 (±0.5)
8. Weight: SIP 0.003 lbs (1.4 g), DIP 0.004 lbs (1.8 g)
Notes


Similar Part No. - IK2409SA

ManufacturerPart #DatasheetDescription
logo
DANFOSS POWER SOLUTIONS
IK2 DANFOSS-IK2 Datasheet
192Kb / 2P
   Remote Control IK2 Transmitter
May 2021
logo
IK Semicon Co., Ltd
IK2102 IKSEMICON-IK2102 Datasheet
2Mb / 23P
   LED Display Driver IC
IK2102DW IKSEMICON-IK2102DW Datasheet
2Mb / 23P
   Serial Interface
IK2102DW IKSEMICON-IK2102DW Datasheet
2Mb / 23P
   LED Display Driver IC
IK2102DWT IKSEMICON-IK2102DWT Datasheet
2Mb / 23P
   LED Display Driver IC
More results

Similar Description - IK2409SA

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AM1_4S-Z AIMTEC-AM1_4S-Z_13 Datasheet
230Kb / 3P
   0.25 Watt | DC-DC Converter
logo
Make-Ps
PME-S-Z MAKE-PS-PME-S-Z Datasheet
533Kb / 3P
   0.25 Watt | DC-DC Converter
logo
Recom International Pow...
RM RECOM-RM_10 Datasheet
81Kb / 2P
   0.25 Watt SIP4 Single Output
logo
AIMTEC
AM1_4S-Z AIMTEC-AM1_4S-Z Datasheet
224Kb / 3P
   0.25 Watt | DC-DC Converter
AMQL-N AIMTEC-AMQL-N Datasheet
371Kb / 4P
   0.25 watt dc-dc converters
logo
Recom International Pow...
RM-3.305S-E RECOM-RM-3.305S-E Datasheet
93Kb / 2P
   0.25 Watt SIP4 Single Output
logo
AIMTEC
AM1_4LS-NZ AIMTEC-AM1_4LS-NZ Datasheet
240Kb / 4P
   0.25 Watt | DC-DC Converter
logo
Recom International Pow...
RQS RECOM-RQS Datasheet
89Kb / 3P
   0.25 Watt SMD Single & Dual Output
logo
Toshiba Semiconductor
IK-540A TOSHIBA-IK-540A Datasheet
60Kb / 2P
   Toshiba IK-540A Camera
logo
Recom International Pow...
RM-1.81.8S RECOM-RM-1.81.8S Datasheet
101Kb / 3P
   0.25 Watt SIP4 & DIP8 Single Output
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com