Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS92661QPHPRQ1 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TPS92661QPHPRQ1
Description  High-Brightness LED Matrix Manager for Automotive Headlight Systems
Download  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS92661QPHPRQ1 Datasheet(HTML) 6 Page - Texas Instruments

Back Button TPS92661QPHPRQ1 Datasheet HTML 2Page - Texas Instruments TPS92661QPHPRQ1 Datasheet HTML 3Page - Texas Instruments TPS92661QPHPRQ1 Datasheet HTML 4Page - Texas Instruments TPS92661QPHPRQ1 Datasheet HTML 5Page - Texas Instruments TPS92661QPHPRQ1 Datasheet HTML 6Page - Texas Instruments TPS92661QPHPRQ1 Datasheet HTML 7Page - Texas Instruments TPS92661QPHPRQ1 Datasheet HTML 8Page - Texas Instruments TPS92661QPHPRQ1 Datasheet HTML 9Page - Texas Instruments TPS92661QPHPRQ1 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 53 page
background image
6
TPS92661-Q1
SLUSBU2A – SEPTEMBER 2014 – REVISED FEBRUARY 2016
www.ti.com
Product Folder Links: TPS92661-Q1
Submit Documentation Feedback
Copyright © 2014–2016, Texas Instruments Incorporated
(1)
Single channel on-resitance (RDS(on)) measurement includes internal bond wires. All switches on-resistance (RALL(on)) should be used for
all power calculations. See Internal Switch Resistance for details.
(2)
Specified by design. Not production tested.
6.5 Electrical Characteristics
Limits apply over operating junction temperature range –40°C
≤ TJ ≤ +150°C. Typical values represent the most likely
parametric norm at TJ = 25°C. Unless otherwise noted, VIN = 5 V. For digital outputs, CLOAD = 20 pF.
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
GENERAL
IVIN-OP
Input operating bias current
No switching
1
mA
VIN-UVT
VIN internal POR threshold
VIN rising
4.5
V
VCC-REG
Regulated VCC voltage
0 mA
≤ IVCC ≤ 5 mA
3.1
3.3
3.5
V
IVCC-LIM
VCC current limit
10
mA
VCPP
Charge pump operating voltage
VVIN = 5 V, 0 V ≤ VSW ≤ –60 V
6.2
V
fCPP
Charge pump oscillator
frequency
1.3
2.3
3.3
MHz
LED MATRIX SWITCHES
RDS(on)
LED switch on-resistance (1)
225
m
Ω
RALL(on)
All switches on-resistance
Measured LED12 - LED0
1800
3400
m
Ω
IDS(off)
OFF state switch leakage current
50
µA
VTH-S
LED short threshold voltage
0 V
≤ VSW ≤ –60 V
0.52
1.4
V
VTH-O
LED OPEN threshold voltage
0 V
≤ VSW ≤ –60 V
5
6
6.9
V
tTO-O
LED OPEN detection and
correction delay
50
150
ns
tREP
LED fault reporting delay
5
µs
tRISE(LEDx)
LEDx drain voltage rise time(2)
ILED = 800 mA
2
µs
tFALL(LEDx)
LEDx drain voltage fall time(2)
ILED = 800 mA
2
µs
DIGITAL SPECIFICATIONS
VIH-TH
High-level input voltage threshold
1.9
V
VIL-TH
Low-level input voltage threshold
0.8
V
VOH
High-level output voltage
ISOURCE = 2 mA, VVCC = 4.0 V
4.27
V
VOL
Low-level output voltage
ISINK = 2 mA, VVCC = 4.5 V
0.23
V
IOS
Output short circuit current
(source or sink)
VVCC = 4.5 V
42
mA
RSP
Internal SYNC pull-down
100
k
Ω
tWD-TO
CLK watchdog timeout
32/fCPP
µs
tTO
CLK rise to TX output valid(2)
80
ns
tTZ
CLK rise to TX output tri-state(2)
80
ns


Similar Part No. - TPS92661QPHPRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS92660 TI1-TPS92660 Datasheet
1Mb / 29P
[Old version datasheet]   Two-String LED Driver with IC OTP ROM Current Trim
TPS92660 TI1-TPS92660 Datasheet
1Mb / 29P
[Old version datasheet]   Two-String LED Driver with I2C OTP ROM Current Trim
TPS92660PWP TI1-TPS92660PWP Datasheet
1Mb / 29P
[Old version datasheet]   Two-String LED Driver with I2C OTP ROM Current Trim
TPS92660PWP/NOPB TI1-TPS92660PWP/NOPB Datasheet
1Mb / 29P
[Old version datasheet]   Two-String LED Driver with I2C OTP ROM Current Trim
TPS92660PWPR TI1-TPS92660PWPR Datasheet
1Mb / 29P
[Old version datasheet]   Two-String LED Driver with I2C OTP ROM Current Trim
More results

Similar Description - TPS92661QPHPRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS92663-Q1 TI1-TPS92663-Q1 Datasheet
739Kb / 11P
[Old version datasheet]   High-Brightness LED Matrix Manager for Automotive Headlight Systems
TPS92662-Q1 TI1-TPS92662-Q1 Datasheet
771Kb / 12P
[Old version datasheet]   High-Brightness LED Matrix Manager for Automotive Headlight Systems
TPS92663A-Q1 TI-TPS92663A-Q1 Datasheet
1Mb / 12P
[Old version datasheet]   TPS92663A-Q1 High-brightness LED Matrix Manager for Automotive Headlight Systems
TPS92662A-Q1 TI1-TPS92662A-Q1 Datasheet
126Kb / 5P
[Old version datasheet]   TPS92662A-Q1 High Brightness LED Matrix Manager with EMI Mitigation Techniques
logo
Maxim Integrated Produc...
MAX20092 MAXIM-MAX20092 Datasheet
407Kb / 2P
   12-Switch Matrix Manager for Automotive Lighting
2018
logo
STMicroelectronics
STEVAL-ILL061V1 STMICROELECTRONICS-STEVAL-ILL061V1 Datasheet
159Kb / 7P
   High brightness 4x4 RGB LED matrix
October 2013 Rev 1
logo
Energizer
TUFHD31PH ENERGIZER-TUFHD31PH Datasheet
593Kb / 1P
   LED Headlight
HD5HP32E ENERGIZER-HD5HP32E Datasheet
403Kb / 2P
   High Performance LED Headlight
MSHD31E ENERGIZER-MSHD31E Datasheet
148Kb / 1P
   LED Headlight
logo
STMicroelectronics
STEVAL-ILL060V1 STMICROELECTRONICS-STEVAL-ILL060V1 Datasheet
407Kb / 7P
   High brightness LED array driver with diagnostics for automotive
May 2014 Rev 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com