Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

JCK60XXS12 Datasheet(PDF) 2 Page - XP Power Limited

Part # JCK60XXS12
Description  60 Watts JCK Series
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

JCK60XXS12 Datasheet(HTML) 2 Page - XP Power Limited

  JCK60XXS12 Datasheet HTML 1Page - XP Power Limited JCK60XXS12 Datasheet HTML 2Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
29-Oct-13
Input Voltage
Output Voltage
Output Current
Input Current (1)
Maximum
Capacitive Load
Efficiency
Model Number
No Load
Full Load
18-36 VDC
3.3 V
14.0 A
80 mA
2151 mA
36000 µF
91%
JCK6024S3V3
5.0 V
12.0 A
100 mA
2762 mA
20400 µF
92%
JCK6024S05
12.0 V
5.0 A
40 mA
2793 mA
3550 µF
91%
JCK6024S12
15.0 V
4.0 A
40 mA
2793 mA
2300 µF
91%
JCK6024S15
36-75 VDC
3.3 V
14.0 A
50 mA
1075 mA
36000 µF
91%
JCK6048S3V3
5.0 V
12.0 A
60 mA
1389 mA
20400 µF
92%
JCK6048S05
12.0 V
5.0 A
40 mA
1397 mA
3550 µF
91%
JCK6048S12
15.0 V
4.0 A
40 mA
1397 mA
2300 µF
91%
JCK6048S15
JCK60
Notes
1. Input current specified at nominal input.
2. Measured with 1 µF ceramic capacitor in parallel with a 10 µF electrolytic
across output rails and 20 MHz bandwidth.
3. For heatsink option, add ‘-HK’ to the end of the part number
12
3
45
6
7
8
0.3
(7.62)
50.8
(2.0)
Bottom View
45.7
(1.8)
5.08
(0.2)
10.16
(0.4)
0.24
(6.0)
27.9 (1.1)
50.8 (2.0)
0.2
(5.08)
0.2
(5.08)
0.3
(7.62)
0.2
(5.08)
0.4
(10.16)
Printed Face
Dia. 0.04 (1.0)
Thermal Pad
2.00
(50.80)
0.64
(16.3)
Optional heatsink (-HK)
Mechanical Details
Application Notes
PIN CONNECTIONS
Pin
Single
1
+Vin
2
-Vin
3
Remote On/Off
4
-Sense
5
+Sense
6
+Vout
7
-Vout
8
Trim
1. All dimensions are in inches (mm).
2. Weight: 0.154 lbs (70 g) approx
3. Pin diameter: 0.04 ±0.002 (1.0 ±0.05)
4. Pin pitch tolerance: ±0.014 (±0.35)
5. Case tolerance: ±0.02 (±0.5)
Notes
Models and Ratings
External Output Trim
R trim-up
7
8
R trim-down
6
8
Remote Sense
If Remote Sense is not required, the +Sense and -Sense pins should be locally connected to +Vout and -Vout respectively. Remote sense can compensate for a total
volt drop of 10%. When remote sense is used, output power must not exceed rated power.
Rtrim-down
-R4
Where:
=
R1 x RTD
R1 - RTD
RTD
-R2
=
R3 x (VREQ - K)
VREQ x R3 - (R2 + R3) x K
K
(R2 + R3) x RTU
(R2 + R3) - RTU
Rtrim-up
-R4
Where:
=
RTU =
R1 x (R2 + R3) x K
Model
R1
R2
R3
R4
K
JCK60XXS3V3
8200
330
5100
24000
1.24
JCK60XXS05
5100
22
5100
15000
2.495
JCK60XXS12
7500
6200
3600
20000
2.495
JCK60XXS15
8200
6800
3000
24000
2.495
Derating Curve
50%
25%
75%
100%
-40
-20
0
20
40
60
80
100
85
with heat-sink
without heat-sink
55
Ambient Temperature (
ºC)


Similar Part No. - JCK60XXS12

ManufacturerPart #DatasheetDescription
logo
jb Capacitors Company
JCK JBCAPACITORS-JCK Datasheet
356Kb / 1P
   Designed for surface mounting on high density circuit board
logo
XP Power Limited
JCK1512D03 XPPOWER-JCK1512D03 Datasheet
287Kb / 2P
   2:1 Input Range
JCK1512D05 XPPOWER-JCK1512D05 Datasheet
287Kb / 2P
   2:1 Input Range
JCK1512D12 XPPOWER-JCK1512D12 Datasheet
287Kb / 2P
   2:1 Input Range
JCK1512D15 XPPOWER-JCK1512D15 Datasheet
287Kb / 2P
   2:1 Input Range
More results

Similar Description - JCK60XXS12

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
JCK4012S3V3 XPPOWER-JCK4012S3V3 Datasheet
135Kb / 2P
   40 Watts JCK Series
JCK30 XPPOWER-JCK30 Datasheet
101Kb / 2P
   30 Watts JCK Series
JCK2012S3V3 XPPOWER-JCK2012S3V3 Datasheet
294Kb / 2P
   20 Watts JCK Series
SDS60 XPPOWER-SDS60 Datasheet
152Kb / 2P
   60 Watts SDS Series
ECP60UD01 XPPOWER-ECP60UD01 Datasheet
391Kb / 2P
   60 Watts ECP Series
logo
Astec America, Inc
DAS60-480 ASTEC-DAS60-480 Datasheet
137Kb / 2P
   60 Watts
ALQ15AF48N-6 ASTEC-ALQ15AF48N-6 Datasheet
408Kb / 2P
   60 Watts
LPS50-M ASTEC-LPS50-M Datasheet
595Kb / 2P
   60 Watts
logo
Anaren Microwave
60-50TP ANAREN-60-50TP Datasheet
284Kb / 2P
   60 Watts
logo
Astec America, Inc
DPS50-M ASTEC-DPS50-M Datasheet
465Kb / 2P
   60 Watts
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com