Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C0603COG Datasheet(PDF) 1 Page - Texas Instruments

Part # C0603COG
Description  LOW-VOLTAGE 1.2-GHz FRACTIONAL-N/INTEGER-N SYNTHESIZER
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

C0603COG Datasheet(HTML) 1 Page - Texas Instruments

  C0603COG Datasheet HTML 1Page - Texas Instruments C0603COG Datasheet HTML 2Page - Texas Instruments C0603COG Datasheet HTML 3Page - Texas Instruments C0603COG Datasheet HTML 4Page - Texas Instruments C0603COG Datasheet HTML 5Page - Texas Instruments C0603COG Datasheet HTML 6Page - Texas Instruments C0603COG Datasheet HTML 7Page - Texas Instruments C0603COG Datasheet HTML 8Page - Texas Instruments C0603COG Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 34 page
background image
TRF2050
LOW-VOLTAGE 1.2-GHz FRACTIONAL-N/INTEGER-N SYNTHESIZER
SLWS030E– JUNE 1996 – REVISED OCTOBER 2000
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
D 1.2-GHz Operation
D Two Operating Modes:
– Philips SA7025 Emulation Mode
Pin-for-Pin and Programming
Compatible
– Extended Performance Mode (EPM)
D Dual RF – IF Phase-Locked Loops
D Fractional-N or Integer-N Operation
D Programmable EPM Fractional
Modulus of 1–16
D Normal, Speed-Up, and Fractional
Compensation Charge Pumps
D Low-Power Consumption
description
The TRF2050 is a low-voltage, low-power consumption 1.2-GHz fractional-N/integer-N frequency synthesizer
component for wireless applications. Fractional-N division and an integral speed-up charge pump are used to
achieve rapid channel switching. Two operating modes are available: 1) SA7025 emulation mode in which the
part emulates the Philips SA7025 fractional-N synthesizer and 2) extended performance mode (EPM), which
provides additional features including fractional accumulator modulos from 1 to 16 (compared to only 5 or 8 for
the SA7025) and programmable control of the speed-up mode duration (compared to the SA7025 method of
holding the strobe line high).
Along with external loop filters, the TRF2050 provides all functions necessary for voltage-controlled oscillator
(VCO) control in a dual phase-locked loop (PLL) frequency synthesizer system. A main channel is provided for
radio frequency (RF) channels and an auxiliary channel for intermediate frequency (IF) channels. The
current-output charge pumps directly drive passive resistance-capacitance (RC) filter networks to generate
VCO control voltages. Rapid main-channel frequency switching is achieved with a charge pump arrangement
that increases the current drive and alters the loop-filter frequency response during the speed-up mode portion
of the switching interval.
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
CLOCK
DATA
STROBE
VSS
RFIN
RFIN
VCCP
REFIN
RA
AUXIN
VDD
TSETUP
LOCK/TEST
RF
RN
VDDA
PHP
PHI
VSSA
PHA
PW PACKAGE
(TOP VIEW)
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Copyright
© 2000, Texas Instruments Incorporated


Similar Part No. - C0603COG

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
C0603COG500-180J SILABS-C0603COG500-180J Datasheet
684Kb / 36P
   Evaluation Board Rev 5.0 for the Si2493/57/34/15/04
More results

Similar Description - C0603COG

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TRF2050 TI-TRF2050 Datasheet
563Kb / 34P
[Old version datasheet]   LOW-VOLTAGE 1.2-GHz FRACTIONAL-N/INTEGER-N SYNTHESIZER
TRF2056 TI1-TRF2056 Datasheet
327Kb / 24P
[Old version datasheet]   LOW-VOLTAGE 1,2-GHz FRACTIONAL-N/INTEGER-N SYNTHESIZER
logo
Analog Devices
ADF41513 AD-ADF41513_V01 Datasheet
1Mb / 30P
   26.5 GHz, Integer N/Fractional-N, PLL Synthesizer
ADF4151 AD-ADF4151 Datasheet
462Kb / 28P
   Fractional-N/Integer-N PLL Synthesizer
REV. B
ADF4150BCPZ AD-ADF4150BCPZ Datasheet
486Kb / 28P
   Fractional-N/Integer-N PLL Synthesizer
REV. 0
ADF4155 AD-ADF4155 Datasheet
530Kb / 32P
   Integer-N/Fractional-N PLL Synthesizer
ADF41513 AD-ADF41513 Datasheet
565Kb / 33P
   Integer N/Fractional-N, PLL Synthesizer
ADF4150 AD-ADF4150 Datasheet
818Kb / 28P
   Fractional-N/Integer-N PLL Synthesizer
ADF4152HV AD-ADF4152HV Datasheet
634Kb / 27P
   High Voltage, Fractional-N/Integer N PLL Synthesizer
logo
Hynix Semiconductor
HM6F5201 HYNIX-HM6F5201 Datasheet
328Kb / 25P
   Dual Fractional-N / Integer-N Frequency Synthesizer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com