Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C566D-AFE-CV14Q341 Datasheet(PDF) 11 Page - Cree, Inc

Part # C566D-AFE-CV14Q341
Description  Cree Screen Master 5-mm Oval LED
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

C566D-AFE-CV14Q341 Datasheet(HTML) 11 Page - Cree, Inc

Back Button C566D-AFE-CV14Q341 Datasheet HTML 4Page - Cree, Inc C566D-AFE-CV14Q341 Datasheet HTML 5Page - Cree, Inc C566D-AFE-CV14Q341 Datasheet HTML 6Page - Cree, Inc C566D-AFE-CV14Q341 Datasheet HTML 7Page - Cree, Inc C566D-AFE-CV14Q341 Datasheet HTML 8Page - Cree, Inc C566D-AFE-CV14Q341 Datasheet HTML 9Page - Cree, Inc C566D-AFE-CV14Q341 Datasheet HTML 10Page - Cree, Inc C566D-AFE-CV14Q341 Datasheet HTML 11Page - Cree, Inc C566D-AFE-CV14Q341 Datasheet HTML 12Page - Cree, Inc  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
Copyright © 2010 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree, the Cree logo and XLamp are registered trademarks
of Cree, Inc.
11
Copyright © 2014Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree and the Cree logo are registered trademarks of Cree, Inc.
11
Cree 5-mm Oval LED
C566D-RFF/GFF/BFF/AFF
C566D-RFE/GFE/BFE/AFE
KIT NUMBER SYSTEM
All dimensions in mm.Cree LED lamps are tested and sorted into performance bins. A bin is specified by ranges of color,
forward voltage, and brightness. Sorted LEDs are packaged for shipping in various convenient options. Please refer to
the “Cree LED Lamp Packaging Standard” document for more information about shipping and packaging options.
Cree LEDs are sold by order codes in combinations of bins called kits. Order codes are configured in the following man-
ner:
C C C C C - D X G - X H H K K M N T
D - C o l o r
C C C C C - P r o d u c t S e r i e s
G - O p t i o n
S : S t a n d o f f
N : N o S t a n d o f f
B : B l a c k F a c e
W : W h i t e F a c e
A : B l a c k B o d y
E : I r o n L e a d F r a m e w i t h o u t s t a n d o f f
F : I r o n L e a d F r a m e w i t h S t a n d o f f
M - M i n . W a v e l e n g t h / C h r o m a t i c i t y R a n g e
R e f e r t o o r d e r c o d e t a b l e
N - M a x . W a v e l e n g t h / C h r o m a t i c i t y R a n g e
R : S e l e c t 1 h u e f r o m 4 h u e b i n s
S : S e l e c t 1 h u e f r o m 3 h u e b i n s
T : S e l e c t 1 h u e f r o m 2 h u e b i n s
U : S e l e c t 2 h u e f r o m 4 h u e b i n s
V : S e l e c t 2 h u e f r o m 3 h u e b i n s
T - P a c k a g i n g Ty p e
1 : B u l k P a c k
2 : A m m o P a c k
3 : Ta p e & R e e l ( R o l l P a c k )
4 : T u b e P a c k
H H - M i n i m u m I n t e n s i t y B i n
R e f e r t o o r d e r c o d e t a b l e
K K - M a x i m u m I n t e n s i t y B i n
R e f e r t o o r d e r c o d e t a b l e
* P l e a s e c o n t a c t o u r s a l e s r e p r e s e n t a t i v e f o r o r d e r i n g i n f o r m a t i o n .


Similar Part No. - C566D-AFE-CV14Q341

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
C566C MARKTECH-C566C Datasheet
652Kb / 10P
   5mm Oval LED
logo
Cree, Inc
C566C-AFE-CU0V0341 CREE-C566C-AFE-CU0V0341 Datasheet
904Kb / 10P
   Cree Screen Master 5-mm Oval LED
C566C-AFE-CU0V0342 CREE-C566C-AFE-CU0V0342 Datasheet
904Kb / 10P
   Cree Screen Master 5-mm Oval LED
C566C-AFE-CU0W0251 CREE-C566C-AFE-CU0W0251 Datasheet
904Kb / 10P
   Cree Screen Master 5-mm Oval LED
C566C-AFE-CU0W0252 CREE-C566C-AFE-CU0W0252 Datasheet
904Kb / 10P
   Cree Screen Master 5-mm Oval LED
More results

Similar Description - C566D-AFE-CV14Q341

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
C5SMF-RJF CREE-C5SMF-RJF Datasheet
941Kb / 11P
   Cree Screen Master 5-mm Oval LED
C566C-RFF CREE-C566C-RFF Datasheet
904Kb / 10P
   Cree Screen Master 5-mm Oval LED
C5SMF-AJF CREE-C5SMF-AJF Datasheet
879Kb / 8P
   Cree Screen Master 5-mm Oval LED
C4SMF-RJS CREE-C4SMF-RJS Datasheet
975Kb / 9P
   Cree Screen Master 4-mm Oval LED
C4SMM-RJF CREE-C4SMM-RJF Datasheet
819Kb / 9P
   Cree Screen Master 4-mm Oval LED
C4SMG-RJF CREE-C4SMG-RJF Datasheet
788Kb / 9P
   Cree Screen Master 4-mm Oval LED
C4SMK-RJF CREE-C4SMK-RJF Datasheet
761Kb / 9P
   Cree Screen Master 4-mm Oval LED
C4SMN-RJF CREE-C4SMN-RJF Datasheet
806Kb / 9P
   Cree Screen Master 4-mm Oval LED
S4SMS-RJF CREE-S4SMS-RJF Datasheet
857Kb / 8P
   Cree Screen Master 4-mm Oval LED
C4SMB-RGF CREE-C4SMB-RGF Datasheet
685Kb / 9P
   Cree Screen Master 4-mm Oval LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com