Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VEL36US150-US-JA Datasheet(PDF) 1 Page - XP Power Limited

Part # VEL36US150-US-JA
Description  VEL36 Series AC-DC Power Supplies
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

VEL36US150-US-JA Datasheet(HTML) 1 Page - XP Power Limited

  VEL36US150-US-JA Datasheet HTML 1Page - XP Power Limited VEL36US150-US-JA Datasheet HTML 2Page - XP Power Limited VEL36US150-US-JA Datasheet HTML 3Page - XP Power Limited VEL36US150-US-JA Datasheet HTML 4Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
VEL36 Series
AC-DC Power Supplies
Output
Characteristic
Minimum
Typical
Maximum
Units
Notes & Conditions
Output Voltage
12
24
V
See Models and Ratings table
Minimum Load
0
A
No minimum load required
Start Up Delay
4
s
Start Up Rise Time
30
ms
Hold Up Time
8
ms
Full load and 100 VAC
Total Regulation
5
%
See Models and Ratings table
Transient Response
5
% deviation
Recovely within <1% within 500 µs for a 60% step load
change at 0.15 A/µs
Ripple & Noise
180
mV pk-pk
Measured with 20 MHz bandwidth and 47 µF electrolytic in
parallel with 0.1 µF ceramic capacitor
Short Circuit Protection
Continuous, trip and restart (hiccup mode) with auto recovely
Temperature Coefficient
0.05
%/ ˚C
xxx Series
www.xppower.com
1
Models & Ratings
Notes
1. Other output voltages available, contact sales for details.
2. Total regulation includes initial set accuracy, line and load regulation.
3. Replace ‘XX’ in model number with ‘US’ for US mains plug, ‘UK’ for UK mains
plug or ‘EU’ for European mains plug.
4. Meets DOE efficiency level VI and CoC tier 1, not tier 2.
Dimensions:
VEL (body only):
-US: 3.70 x 1.38 x 1.83” (94.0 x 35.0 x 46.6 mm)
-EU: 3.70 x 1.38 x 2.55” (94.0 x 35.0 x 64.8 mm)
-UK: 3.70 x 1.95 x 2.11” (94.0 x 49.6 x 53.6 mm)
36 Watt
Output Power
Output Voltage
Output Current
Total Regulation(2)
Output Connector
Model Number(3)
36 W
12.0 V
3000 mA
5%
5.5 x 2.1 x 12 mm DC Jack
VEL36US120-XX-JA(4)
15.0 V
2400 mA
5%
5.5 x 2.1 x 12 mm DC Jack
VEL36US150-XX-JA
18.0 V
2000 mA
5%
5.5 x 2.1 x 12 mm DC Jack
VEL36US180-XX-JA
24.0 V
1500 mA
5%
5.5 x 2.1 x 12 mm DC Jack
VEL36US240-XX-JA
• Energy Efficiency Level VI
• European CoC Tier 2
• Fixed Mains Connectors
• Universal Input
• Output Voltages from 12 V to 24 V
• Class II Construction
• Low Cost
B R A N D
Input
Characteristic
Minimum
Typical
Maximum
Units
Notes & Conditions
Input Voltage
90
264
VAC
Input Frequency
47
63
Hz
Input Current
0.8
A
100 VAC
Inrush Current
120
A
240 VAC, cold start at 25 °C
Power Factor
EN61000-3-2, class A
No Load Input Power
75
mW
Input Protection
Internal T1.0A/250 VAC fuse
The VEL36 series of wall plug adaptors comply with the very latest energy efficiency VI standards
with high active mode efficiency and extremely low no load power consumption. Available with a
standard jack plug connector these adaptors suit a wide variety of cost sensitive applications while
maintaining industry leading performance.


Similar Part No. - VEL36US150-US-JA

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
VEL05 XPPOWER-VEL05 Datasheet
789Kb / 7P
   AC-DC Power Supplies
VEL05 XPPOWER-VEL05 Datasheet
1,002Kb / 7P
   AC-DC Power Supplies
VEL05US050 XPPOWER-VEL05US050 Datasheet
789Kb / 7P
   AC-DC Power Supplies
VEL05US050-XX-BB XPPOWER-VEL05US050-XX-BB Datasheet
1,002Kb / 7P
   AC-DC Power Supplies
VEL05US050-XX-JA XPPOWER-VEL05US050-XX-JA Datasheet
1,002Kb / 7P
   AC-DC Power Supplies
More results

Similar Description - VEL36US150-US-JA

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
DRS80US12 XPPOWER-DRS80US12 Datasheet
70Kb / 2P
   AC-DC Power Supplies
ECM40US05 XPPOWER-ECM40US05 Datasheet
175Kb / 4P
   AC-DC Power Supplies
SMR800PS12 XPPOWER-SMR800PS12 Datasheet
262Kb / 2P
   AC-DC Power Supplies
AMD150PS12 XPPOWER-AMD150PS12 Datasheet
68Kb / 2P
   AC-DC Power Supplies
AMM120PS12 XPPOWER-AMM120PS12 Datasheet
70Kb / 2P
   AC-DC Power Supplies
DNR05US05 XPPOWER-DNR05US05 Datasheet
144Kb / 4P
   AC-DC Power Supplies
PBM300PS03-C XPPOWER-PBM300PS03-C Datasheet
201Kb / 2P
   AC-DC Power Supplies
logo
Touchstone Semiconducto...
TIW TOUCHSTONE-TIW Datasheet
233Kb / 3P
   AC/DC Power Supplies
logo
XP Power Limited
AMM150PS12 XPPOWER-AMM150PS12 Datasheet
89Kb / 2P
   AC-DC Power Supplies
MCM60US12-D9 XPPOWER-MCM60US12-D9 Datasheet
79Kb / 2P
   AC-DC Power Supplies
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com