Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX5222 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX5222
Description  Dual, 8-Bit, Voltage-Output Serial DAC in 8-Pin SOT23
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5222 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX5222 Datasheet HTML 1Page - Maxim Integrated Products MAX5222 Datasheet HTML 2Page - Maxim Integrated Products MAX5222 Datasheet HTML 3Page - Maxim Integrated Products MAX5222 Datasheet HTML 4Page - Maxim Integrated Products MAX5222 Datasheet HTML 5Page - Maxim Integrated Products MAX5222 Datasheet HTML 6Page - Maxim Integrated Products MAX5222 Datasheet HTML 7Page - Maxim Integrated Products MAX5222 Datasheet HTML 8Page - Maxim Integrated Products MAX5222 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
0.40
0.45
0.50
0.60
0.55
0.65
-50
0
50
100
POSITIVE SUPPLY CURRENT
vs. TEMPERATURE
TEMPERATURE (°C)
0
0.1
0.3
0.2
0.5
0.4
0.6
23
4
5
6
SHUTDOWN SUPPLY CURRENT
vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
-25
-20
-10
-15
0
-5
5
0.1
1
10
100
1000
10,000
REFERENCE SMALL-SIGNAL
FREQUENCY RESPONSE
FREQUENCY (kHz)
Dual, 8-Bit, Voltage-Output
Serial DAC in 8-Pin SOT23
4
_______________________________________________________________________________________
__________________________________________Typical Operating Characteristics
(VDD = +3V, TA = +25°C, unless otherwise noted.)
0
1.0
0.5
2.0
1.5
3.0
2.5
3.5
0.001
0.01
0.1
1
10
100
OUTPUT VOLTAGE vs.
OUTPUT SOURCE CURRENT (VDD = 3V)
OUTPUT SOURCE CURRENT (mA)
-0.3
-0.2
0
-0.1
0.2
0.1
0.3
0
100
200
300
INTEGRAL NONLINEARITY
vs. DIGITAL CODE
CODE
50
150
250
0
2
1
3
5
4
6
0.0001
0.01
1
100
OUTPUT VOLTAGE vs.
OUTPUT SOURCE CURRENT (VDD = 5V)
OUTPUT SOURCE CURRENT (mA)
-100
200
0
100
500
400
300
700
600
800
0.0001
0.001
0.01
0.1
1
10
OUTPUT VOLTAGE
vs. OUTPUT SINK CURRENT
OUTPUT SINK CURRENT (mA)
-0.10
-0.05
0.05
0
0.15
0.10
0.20
0
100
200
300
DIFFERENTIAL NONLINEARITY
vs. DIGITAL CODE
CODE
-0.15
-0.20
50
150
250
0
0.1
0.3
0.2
0.5
0.4
0.6
23
4
5
POSITIVE SUPPLY CURRENT
vs. SUPPLY VOLTAGE
VDD (V)


Similar Part No. - MAX5222

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX522 MAXIM-MAX522 Datasheet
116Kb / 12P
   Dual, 8-Bit, Voltage-Output Serial DAC in 8-Pin SO Package
Rev 0; 6/95
MAX5223 MAXIM-MAX5223 Datasheet
222Kb / 11P
   Low - Power, Dual, 8 - Bit, Voltage Output Serial DAC in 8 - Pin SOT23
Rev 0; 1/01
MAX5223EKA-T MAXIM-MAX5223EKA-T Datasheet
222Kb / 11P
   Low - Power, Dual, 8 - Bit, Voltage Output Serial DAC in 8 - Pin SOT23
Rev 0; 1/01
MAX522CPA MAXIM-MAX522CPA Datasheet
116Kb / 12P
   Dual, 8-Bit, Voltage-Output Serial DAC in 8-Pin SO Package
Rev 0; 6/95
MAX522CSA MAXIM-MAX522CSA Datasheet
116Kb / 12P
   Dual, 8-Bit, Voltage-Output Serial DAC in 8-Pin SO Package
Rev 0; 6/95
More results

Similar Description - MAX5222

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5223 MAXIM-MAX5223 Datasheet
222Kb / 11P
   Low - Power, Dual, 8 - Bit, Voltage Output Serial DAC in 8 - Pin SOT23
Rev 0; 1/01
MAX522 MAXIM-MAX522 Datasheet
116Kb / 12P
   Dual, 8-Bit, Voltage-Output Serial DAC in 8-Pin SO Package
Rev 0; 6/95
logo
Wolfson Microelectronic...
WM2627 WOLFSON-WM2627 Datasheet
107Kb / 11P
   Quad 8-Bit Serial Input Voltage Output DAC
logo
Maxim Integrated Produc...
MAX5304 MAXIM-MAX5304 Datasheet
405Kb / 12P
   10-Bit Voltage-Output DAC in 8-Pin 關MAX
Rev 0; 10/99
MAX5820 MAXIM-MAX5820 Datasheet
400Kb / 13P
   Dual, 8-Bit, Low-Power, 2-Wire, Serial Voltage-Output DAC
Rev 0; 2/05
logo
Analog Devices
AD5363 AD-AD5363_15 Datasheet
701Kb / 29P
   8-Channel, 16-/14-Bit, Serial Input, Voltage Output DAC
REV. A
AD5362 AD-AD5362 Datasheet
295Kb / 25P
   8-Channel, 16/14-Bit, Serial Input, Voltage-Output DAC
Rev. PrF
AD5362 AD-AD5362_15 Datasheet
701Kb / 29P
   8-Channel, 16-/14-Bit, Serial Input, Voltage Output DAC
REV. A
AD7303 AD-AD7303_15 Datasheet
363Kb / 16P
   2.7 V to 5.5 V, Serial Input, Dual Voltage Output 8-Bit DAC
REV. 0
AD7303BRZ AD-AD7303BRZ Datasheet
292Kb / 16P
   2.7 V to 5.5 V, Serial Input, Dual Voltage Output 8-Bit DAC
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com