Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX1057BETM Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX1057BETM
Description  10-Bit, Multichannel ADCs/DACs with FIFO, Temperature Sensing, and GPIO Ports
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1057BETM Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX1057BETM Datasheet HTML 1Page - Maxim Integrated Products MAX1057BETM Datasheet HTML 2Page - Maxim Integrated Products MAX1057BETM Datasheet HTML 3Page - Maxim Integrated Products MAX1057BETM Datasheet HTML 4Page - Maxim Integrated Products MAX1057BETM Datasheet HTML 5Page - Maxim Integrated Products MAX1057BETM Datasheet HTML 6Page - Maxim Integrated Products MAX1057BETM Datasheet HTML 7Page - Maxim Integrated Products MAX1057BETM Datasheet HTML 8Page - Maxim Integrated Products MAX1057BETM Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 47 page
background image
General Description
The MAX1020–MAX1023/MAX1057/MAX1058 integrate a
multichannel, 10-bit, analog-to-digital converter (ADC)
and an octal, 10-bit, digital-to-analog converter (DAC) in a
single IC. These devices also include a temperature sen-
sor and configurable general-purpose I/O ports (GPIOs)
with a 25MHz SPI™-/QSPI™-/MICROWIRE™-compatible
serial interface. The ADC is available in 8/12/16 input-
channel versions. The octal DAC outputs settle within
2.0µs, and the ADC has a 300ksps conversion rate.
All devices include an internal reference (2.5V or 4.096V)
providing a well-regulated, low-noise reference for both
the ADC and DAC. Programmable reference modes for
the ADC and the DAC allow the use of an internal refer-
ence, an external reference, or a combination of both.
Features such as an internal ±1°C accurate temperature
sensor, FIFO, scan modes, programmable internal
or external clock modes, data averaging, and
AutoShutdown™ allow users to minimize both power con-
sumption and processor requirements. The low glitch
energy (4nVs) and low digital feedthrough (0.5nVs) of
the integrated octal DACs make these devices ideal for
digital control of fast-response closed-loop systems.
The devices are guaranteed to operate with a supply volt-
age from +2.7V to +3.6V (MAX1021/MAX1023/MAX1057)
and from +4.75V to +5.25V (MAX1020/MAX1022/
MAX1058). The devices consume 2.5mA at 300ksps
throughput, only 22µA at 1ksps throughput, and under
0.2µA in the shutdown mode. The MAX1057/MAX1058
feature 12 GPIOs, while the MAX1020/MAX1021 offer 4
GPIOs that can be configured as inputs or outputs.
The MAX1057/MAX1058 are available in 48-pin thin QFN
packages. The MAX1020–MAX1023 are available in 36-
pin thin QFN packages. All devices are specified over the
-40°C to +85°C temperature range.
Applications
Controls for Optical Components
Base-Station Control Loops
System Supervision and Control
Data-Acquisition Systems
Features
♦ 10-Bit, 300ksps ADC
Analog Multiplexer with True-Differential
Track/Hold (T/H)
16 Single-Ended Channels or 8 Differential
Channels (Unipolar or Bipolar)
12 Single-Ended Channels or 6 Differential
Channels (Unipolar or Bipolar)
8 Single-Ended Channels or 4 Differential
Channels (Unipolar or Bipolar)
Excellent Accuracy: ±0.5 LSB INL, ±0.5 LSB DNL
♦ 10-Bit, Octal, 2µs Settling DAC
Ultra-Low Glitch Energy (4nVs)
Power-Up Options from Zero Scale or Full Scale
Excellent Accuracy: ±1 LSB INL
♦ Internal Reference or External Single-Ended/
Differential Reference
Internal Reference Voltage 2.5V or 4.096V
♦ Internal ±1°C Accurate Temperature Sensor
♦ On-Chip FIFO Capable of Storing 16 ADC
Conversion Results and One Temperature Result
♦ On-Chip Channel-Scan Mode and Internal
Data-Averaging Features
♦ Analog Single-Supply Operation
+2.7V to +3.6V or +4.75V to +5.25V
♦ 25MHz, SPI/QSPI/MICROWIRE Serial Interface
♦ AutoShutdown Between Conversions
♦ Low-Power ADC
2.5mA at 300ksps
22µA at 1ksps
0.2µA at Shutdown
♦ Low-Power DAC: 1.5µA
♦ Evaluation Kit Available (Order MAX1258EVKIT)
10-Bit, Multichannel ADCs/DACs with FIFO,
Temperature Sensing, and GPIO Ports
________________________________________________________________ Maxim Integrated Products
1
Ordering Information/Selector Guide
19-3280; Rev 2; 8/04
For pricing, delivery, and ordering information, please contact Maxim/Dallas Direct! at
1-888-629-4642, or visit Maxim’s website at www.maxim-ic.com.
EVALUATION
KIT
AVAILABLE
Pin Configurations appear at end of data sheet.
PART
TEMP RANGE
PIN-PACKAGE
REF
VOLTAGE
(V)
ANALOG
SUPPLY
VOLTAGE (V)
RESOLUTION
BITS***
ADC
CHANNELS
DAC
CHANNELS
GPIOs
MAX1020BETX
-40
°C to +85°C 36 Thin QFN-EP**
4.096
4.75 to 5.25
10
8
8
4
MAX1021BETX* -40
°C to +85°C 36 Thin QFN-EP**
2.5
2.7 to 3.6
10
8
8
4
MAX1022BETX* -40
°C to +85°C 36 Thin QFN-EP**
4.096
4.75 to 5.25
10
12
8
0
MAX1023BETX* -40
°C to +85°C 36 Thin QFN-EP**
2.5
2.7 to 3.6
10
12
8
0
MAX1057BETM
-40
°C to +85°C 48 Thin QFN-EP**
2.5
2.7 to 3.6
10
16
8
12
MAX1058BETM
-40
°C to +85°C 48 Thin QFN-EP**
4.096
4.75 to 5.25
10
16
8
12
SPI and QSPI are trademarks of Motorola, Inc.
MICROWIRE is a trademark of National Semiconductor Corp.
AutoShutdown is a trademark of Maxim Integrated Products, Inc.
*Future product—contact factory for availability.
**EP = Exposed pad.
***Number of resolution bits refers to both DAC and ADC.


Similar Part No. - MAX1057BETM

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1057BETM MAXIM-MAX1057BETM Datasheet
612Kb / 44P
   10-Bit, Multichannel ADCs/DACs with FIFO, Temperature Sensing, and GPIO Ports
Rev 5; 2/12
More results

Similar Description - MAX1057BETM

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1040 MAXIM-MAX1040 Datasheet
621Kb / 44P
   10-Bit, Multichannel ADCs/DACs with FIFO, Temperature Sensing, and GPIO Ports
Rev 1; 8/04
MAX1020 MAXIM-MAX1020_12 Datasheet
612Kb / 44P
   10-Bit, Multichannel ADCs/DACs with FIFO, Temperature Sensing, and GPIO Ports
Rev 5; 2/12
MAX1040 MAXIM-MAX1040_08 Datasheet
406Kb / 39P
   10-Bit, Multichannel ADCs/DACs with FIFO, Temperature Sensing, and GPIO Ports
Rev 3; 3/08
MAX1021 MAXIM-MAX1021 Datasheet
593Kb / 40P
   10-Bit, Multichannel ADCs/DACs with FIFO, Temperature Sensing, and GPIO Ports
Rev 1; 3/08
MAX1221 MAXIM-MAX1221 Datasheet
558Kb / 44P
   12-Bit, Multichannel ADCs/DACs with FIFO, Temperature Sensing, and GPIO Ports
Rev 1; 12/07
MAX1340 MAXIM-MAX1340 Datasheet
388Kb / 39P
   12-Bit, Multichannel ADCs/DACs with FIFO, Temperature Sensing, and GPIO Ports
Rev 3; 3/08
MAX1220 MAXIM-MAX1220_10 Datasheet
554Kb / 43P
   12-Bit, Multichannel ADCs/DACs with FIFO, Temperature Sensing, and GPIO Ports
Rev 6; 1/10
MAX1220 MAXIM-MAX1220 Datasheet
1Mb / 47P
   12-Bit, Multichannel ADCs/DACs with FIFO, Temperature Sensing, and GPIO Ports
Rev 4; 6/06
MAX1220 MAXIM-MAX1220_12 Datasheet
567Kb / 43P
   12-Bit, Multichannel ADCs/DACs with FIFO,Temperature Sensing, and GPIO Ports
Rev 7; 2/12
logo
Texas Instruments
AMC7932 TI-AMC7932 Datasheet
746Kb / 9P
[Old version datasheet]   AMC7932 32-Channel, 12-Bit Analog Monitor and Controller With Multichannel ADC, Bipolar DACs, Temperature Sensor and GPIO Ports
NOVEMBER 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com