Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLS850D0TAV33 Datasheet(PDF) 6 Page - Infineon Technologies AG

Part # TLS850D0TAV33
Description  Low Dropout Linear Voltage Regulator
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLS850D0TAV33 Datasheet(HTML) 6 Page - Infineon Technologies AG

Back Button TLS850D0TAV33 Datasheet HTML 2Page - Infineon Technologies AG TLS850D0TAV33 Datasheet HTML 3Page - Infineon Technologies AG TLS850D0TAV33 Datasheet HTML 4Page - Infineon Technologies AG TLS850D0TAV33 Datasheet HTML 5Page - Infineon Technologies AG TLS850D0TAV33 Datasheet HTML 6Page - Infineon Technologies AG TLS850D0TAV33 Datasheet HTML 7Page - Infineon Technologies AG TLS850D0TAV33 Datasheet HTML 8Page - Infineon Technologies AG TLS850D0TAV33 Datasheet HTML 9Page - Infineon Technologies AG TLS850D0TAV33 Datasheet HTML 10Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 31 page
background image
Data Sheet
6
Rev. 1.0, 2015-12-01
TLS850D0TA
Pin Configuration
3
Pin Configuration
3.1
Pin Assignment TLS850D0TAV50 and TLS850D0TAV33
Figure 3
Pin Configuration
3.2
Pin Definitions and Functions TLS850D0TAV50 and TLS850D0TAV33
Pin
Symbol
Function
1I
Input
It is recommended to place a small ceramic capacitor (e.g. 100 nF) to GND, close
to the IC terminals, in order to compensate line influences. See also Chapter 6.2.1
2EN
Enable (integrated pull-down resistor)
Enable the IC with high level input signal;
Disable the IC with low level input signal;
3RO
Reset Output (intergrated pull-up resistor to Q)
Open collector output;
Leave open if the reset function is not needed
4GND
Ground
5RADJ
Reset Threshold Adjustment
Connect to GND to use standard value;
Connect an external voltage divider to adjust reset threshold
6DT
Delay Timing (integrated pull-down resistor)
Connect to GND or Q to select Reset timing acc. to Table 8
7Q
Output Voltage
Connect output capacitor
C
Q to GND close to the IC’s terminals, respecting the
values specified for its capacitance and ESR in “Functional Range” on Page 8
Heat
Slug
Heat Slug
Connect to heatsink area;
Connect to GND
12 3 4 5 7
6


Similar Part No. - TLS850D0TAV33

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLS850D0TE INFINEON-TLS850D0TE Datasheet
1Mb / 29P
   Low Dropout Linear Voltage Regulator
Rev. 1.0, 2016-10-07
TLS850D0TEV33 INFINEON-TLS850D0TEV33 Datasheet
1Mb / 29P
   Low Dropout Linear Voltage Regulator
Rev. 1.0, 2016-10-07
TLS850D0TEV50 INFINEON-TLS850D0TEV50 Datasheet
1Mb / 29P
   Low Dropout Linear Voltage Regulator
Rev. 1.0, 2016-10-07
More results

Similar Description - TLS850D0TAV33

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE42764 INFINEON-TLE42764_11 Datasheet
1Mb / 20P
   Low Dropout Linear Voltage Regulator
Rev. 1.2, 2011-02-15
TLE42344G INFINEON-TLE42344G Datasheet
1Mb / 13P
   Low Dropout Linear Voltage Regulator
Rev. 1.0, 2010-02-08
TLE42744 INFINEON-TLE42744 Datasheet
438Kb / 18P
   Low Dropout Linear Voltage Regulator
Rev. 1.1, January 2010
IFX2931 INFINEON-IFX2931 Datasheet
1Mb / 15P
   Low Dropout Linear Voltage Regulator
Rev. 1.12, 2010-02-23
TLS850B0TBV33 INFINEON-TLS850B0TBV33 Datasheet
901Kb / 23P
   Low dropout linear voltage regulator
Rev. 1.00 2017-09-12
TLS850F1TAV50 INFINEON-TLS850F1TAV50 Datasheet
1Mb / 35P
   Low Dropout Linear Voltage Regulator
Rev. 1.0, 2016-02-04
TLS715B0 INFINEON-TLS715B0_15 Datasheet
1Mb / 20P
   Low Dropout Linear Voltage Regulator
Rev. 1.0, 2015-03-12
TLF2931 INFINEON-TLF2931 Datasheet
1Mb / 15P
   Low Dropout Linear Voltage Regulator
Rev. 1.0, 2010-10-06
TLS715B0EJV50 INFINEON-TLS715B0EJV50 Datasheet
1Mb / 22P
   Low Dropout Linear Voltage Regulator
Rev. 1.0, 2015-04-02
TLS850F2TAV50 INFINEON-TLS850F2TAV50 Datasheet
1Mb / 35P
   Low Dropout Linear Voltage Regulator
Rev. 1.0 2018-09-06
logo
Analog Devices
ADP667 AD-ADP667_15 Datasheet
160Kb / 12P
   Low-Dropout Linear Voltage Regulator
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com