Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLF50281EL Datasheet(PDF) 11 Page - Infineon Technologies AG

Part # TLF50281EL
Description  2.2 MHz Step-Down Regulator 500 mA, 5 V, low quiescent current
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLF50281EL Datasheet(HTML) 11 Page - Infineon Technologies AG

Back Button TLF50281EL Datasheet HTML 7Page - Infineon Technologies AG TLF50281EL Datasheet HTML 8Page - Infineon Technologies AG TLF50281EL Datasheet HTML 9Page - Infineon Technologies AG TLF50281EL Datasheet HTML 10Page - Infineon Technologies AG TLF50281EL Datasheet HTML 11Page - Infineon Technologies AG TLF50281EL Datasheet HTML 12Page - Infineon Technologies AG TLF50281EL Datasheet HTML 13Page - Infineon Technologies AG TLF50281EL Datasheet HTML 14Page - Infineon Technologies AG TLF50281EL Datasheet HTML 15Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 36 page
background image
TLF50281EL
Buck Regulator
Data Sheet
11
Rev. 1.01, 2013-04-30
Input undervoltage shutdown: If the input voltage is below the input undervoltage shutdown threshold
V
S,off the
device will shut down.
Output overvoltage protection: If the output voltage exceeds the PFM threshold the device will switch from PWM
to PFM. Pulses will then be generated only depending on the value of the output voltage
V
CC.
Soft start function: An integrated soft start function of duration
t
start ensures, that the inrush current will be limited.
After an over-temperature shutdown the regulator always restarts with a soft start.
Over-temperature shutdown: An internal temperature sensor detects the temperature of the device. It will be
switched off if the junction temperature exceeds the over temperature shutdown threshold
T
j,sd and restart with a
certain hysteresis
T
j,sd_hyst (for details please refer to Chapter 7, Enable and Thermal Shutdown).
Biasing:
The internal biasing is taken from pin VS as well as from pin FB (connected to
V
CC) (for details please refer to
Chapter 7, Enable and Thermal Shutdown). Thus the power consumption from the supply voltage
V
S can be
minimized.
Figure 3
Block Diagram Buck Regulator
-
Driver
CS-gmI
EA-gmV
PWM
PFM
Logic
Clock
Manager
PWM Comp
SoftStart
GateD
VS
SWO
FB
FREQ
SYNC_IN
GND
PFM
Comparator
-
Slope
Comp.
VBG
CLK
CK_A


Similar Part No. - TLF50281EL

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLF50281ELV50 INFINEON-TLF50281ELV50 Datasheet
1Mb / 35P
   2.2 MHz Step-Down Regulator 500 mA, 5 V, low quiescent current
Rev. 1.1 2018-03-07
More results

Similar Description - TLF50281EL

ManufacturerPart #DatasheetDescription
logo
Marl International Limi...
TLF50211EL MARL-TLF50211EL_15 Datasheet
1Mb / 27P
   2.2 MHz Step-Down Regulator 500 mA, 5 V, low quiescent current
TLF50251EL MARL-TLF50251EL_15 Datasheet
1Mb / 30P
   2.2 MHz Step-Down Regulator 500 mA, 5 V, low quiescent current
logo
Infineon Technologies A...
TLF50251ELV50 INFINEON-TLF50251ELV50 Datasheet
1Mb / 30P
   2.2 MHz Step-Down Regulator 500 mA, 5 V, low quiescent current
Rev. 1.1 2018-03-07
IFX90121ELV50 INFINEON-IFX90121ELV50_18 Datasheet
806Kb / 26P
   2.2 MHz Step-Down Regulator 500 mA, 5 V, low quiescent current
Rev. 1.1 2018-03-07
TLF50211EL INFINEON-TLF50211EL Datasheet
1Mb / 27P
   2.2 MHz Step-Down Regulator 500 mA, 5 V Low quiescent current
Rev. 1.0, 2013-06-19
TLF50251EL INFINEON-TLF50251EL Datasheet
1Mb / 30P
   2.2 MHz Step-Down Regulator 500 mA, 5 V Low quiescent current
Rev. 1.0, 2013-06-19
TLF50241EL INFINEON-TLF50241EL Datasheet
1Mb / 30P
   2.2 MHz Step-Down Regulator 500 mA, 5 V Low quiescent current
Rev. 1.0, 2013-06-19
TLF50211EL INFINEON-TLF50211EL Datasheet
1Mb / 27P
   2.2 MHz Step-Down Regulator 500 mA, 5 V, low quiescent current
Rev. 1.0, 2013-06-19
TLF50251EL INFINEON-TLF50251EL Datasheet
1Mb / 30P
   2.2 MHz Step-Down Regulator 500 mA, 5 V, low quiescent current
Rev. 1.0, 2013-06-19
TLF50241EL INFINEON-TLF50241EL Datasheet
1Mb / 30P
   2.2 MHz Step-Down Regulator 500 mA, 5 V, low quiescent current
Rev. 1.0, 2013-06-19
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com