Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M660-02-AJ Datasheet(PDF) 3 Page - Integrated Circuit Systems

Part # M660-02-AJ
Description  DUAL SAW, SELECTABLE FREQUENCY VCSO
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

M660-02-AJ Datasheet(HTML) 3 Page - Integrated Circuit Systems

  M660-02-AJ Datasheet HTML 1Page - Integrated Circuit Systems M660-02-AJ Datasheet HTML 2Page - Integrated Circuit Systems M660-02-AJ Datasheet HTML 3Page - Integrated Circuit Systems M660-02-AJ Datasheet HTML 4Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
M660-02 Datasheet Rev 3.0
3 of 4
Revised 10Apr2003
Integ r ated Circuit Systems , Inc. ● Comm unications Modules ● www.i cst. com ● tel (508) 852-5400
M660-02
DUAL SAW, SELECTABLE FREQUENCY VCSO
Preliminar y In f o r m atio n
Integrated
Circuit
Systems, Inc.
ELECTRICAL SPECIFICATIONS
DC Characteristics
Unless stated otherwise, V
CC = 3.3 Volts + 10%, TA = 0 to 85
oC, VCSO Frequency =500-700MHz, Outputs terminated into 180Ω to ground
Symbol Parameter
Pin
Min
Typ
Max
Unit
Power Supply V
CC
Positive Supply Voltage
VCC
2.97
3.3
3.63
V
I
CC
Power Supply Current
90
125
mA
Control
Voltage
V
IN
Input Control Voltage Range
VIN
0
Vcc
V
V
IN Input Impedence
100
k
V
IN Modulation Bandwidth
1000
kHz
Frequency
Select1
Note 1: Internally pulled down to Logic 0 (Frequency 1) if left unselected.
V
IH
Input High Voltage
F_SEL
2
Vcc + 0.3
V
V
IL
Input Low Voltage
-0.3
0.8
V
I
IH
Input High Current
5
µA
I
IL
Input Low Current
-150
µA
Rpulldown Internal Pull-down Resistor
51
k
Differential
Outputs
V
OH
Output High Voltage
FOUT, nFOUT
Vcc - 0.98
Vcc - 0.75
V
V
OL
Output Low Voltage
Vcc - 1.95
Vcc - 1.63
V
V
P
-P
Peak to Peak Output Voltage
0.475
0.625
0.85
V
P
-P
I
OUT
Output Current
20
mA
Table 5: DC Characteristics
AC Characteristics
Unless stated otherwise, V
CC = 3.3 Volts + 10%, TA = 0 to 85
oC, VCSO Frequency =500-700MHz, Outputs terminated into 180Ω to ground
Symbol Parameter
Min
Typ
Max
Unit
Notes
Frequency
F
OUT
Output Center Frequency Range
500
700
MHz
APR
Absolute Pull-Range 1
±50
ppm
f
STAB
Frequency Stability
110
ppm p-p
L
IN
Tuning Linearity
6
%
K
VCO
VCO Gain
@622.08MHz
230
ppm/V
VIN = 0.3 to 3.0V
Best fit straight line
Outputs
Non-harmonic Spurious
-50
-77
dBc
Φn
SSB (single sideband)
Phase Noise, offset
from carrier
100Hz Offset
-41
dBc/Hz
1kHz Offset
-68
dBc/Hz
10kHz Offset
-97
dBc/Hz
100kHz Offset
-122
dBc/Hz
J(t)
Jitter (rms)
12kHz to 20MHz
0.37
ps rms
50kHz to 80MHz
0.19
ps rms
odc
Output Duty Cycle 2
45
55
%
t
R
Output Rise Time 2 for FOUT, nFOUT
275
400
ps
20
% to 80%
t
F
Output Fall Time 2 for FOUT, nFOUT
275
400
ps
20
% to 80%
Table 6: AC Characteristics
Note 1: Consult ICS for availability of other APRs.
Note 2: See Parameter Measurement Information on pg. 4.


Similar Part No. - M660-02-AJ

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
M660-01 ICST-M660-01 Datasheet
552Kb / 3P
   Voltage Controlled SAW Oscillator
M660-01-BA ICST-M660-01-BA Datasheet
552Kb / 3P
   Voltage Controlled SAW Oscillator
M660-01-BB ICST-M660-01-BB Datasheet
552Kb / 3P
   Voltage Controlled SAW Oscillator
M660-01-BC ICST-M660-01-BC Datasheet
552Kb / 3P
   Voltage Controlled SAW Oscillator
M660-01-BD ICST-M660-01-BD Datasheet
552Kb / 3P
   Voltage Controlled SAW Oscillator
More results

Similar Description - M660-02-AJ

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
M685 ICST-M685 Datasheet
281Kb / 7P
   DUAL SAW, SELECTABLE FREQUENCY VCSO
logo
Integrated Device Techn...
M685 IDT-M685 Datasheet
120Kb / 7P
   DUAL SAW, SELECTABLE FREQUENCY VCSO
logo
Integrated Circuit Syst...
M660 ICST-M660 Datasheet
59Kb / 1P
   DUAL SAW, SELECTABLE FREQUENCY VCSO
M672 ICST-M672 Datasheet
194Kb / 4P
   VCSO WITH SELECTABLE OUTPUT FREQUENCY DIVIDER
logo
Vectron International, ...
VS-751 VECTRON-VS-751 Datasheet
255Kb / 7P
   Dual Frequency VCSO
VS-509 VECTRON-VS-509_11 Datasheet
207Kb / 9P
   Dual Frequency VCSO
VS-550 VECTRON-VS-550_06 Datasheet
144Kb / 7P
   Dual Frequency VCSO
VS-709 VECTRON-VS-709 Datasheet
719Kb / 9P
   Dual Frequency VCSO
VS-504 VECTRON-VS-504 Datasheet
872Kb / 6P
   Dual Frequency VCSO
VS-709 VECTRON-VS-709_12 Datasheet
719Kb / 9P
   Dual Frequency VCSO
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com