Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADN20-24-3PM-C Datasheet(PDF) 3 Page - Artesyn Technologies

Part # ADN20-24-3PM-C
Description  Total Power: 120-960 Watts
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies

ADN20-24-3PM-C Datasheet(HTML) 3 Page - Artesyn Technologies

  ADN20-24-3PM-C Datasheet HTML 1Page - Artesyn Technologies ADN20-24-3PM-C Datasheet HTML 2Page - Artesyn Technologies ADN20-24-3PM-C Datasheet HTML 3Page - Artesyn Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
WORLDWIDE OFFICES
Americas
2900 S.Diablo Way
Tempe, AZ 85282
USA
+1 888 412 7832
Europe (UK)
Waterfront Business Park
Merry Hill, Dudley
West Midlands, DY5 1LX
United Kingdom
+44 (0) 1384 842 211
Asia (HK)
14/F, Lu Plaza
2 Wing Yip Street
Kwun Tong, Kowloon
Hong Kong
+852 2176 3333
For more information: www.artesyn.com/power
For support: productsupport.ep@artesyn.com
While every precaution has been taken to ensure accuracy and completeness in this literature, Artesyn
Embedded Technologies assumes no responsibility, and disclaims all liability for damages resulting from use of
this information or for any errors or omissions. Artesyn Embedded Technologies, Artesyn and the Artesyn
Embedded Technologies logo are trademarks and service marks of Artesyn Embedded Technologies, Inc. All other
names and logos referred to are trade names, trademarks, or registered trademarks of their respective owners.
© 2015 Artesyn Embedded Technologies, Inc.
www.artesyn.com
ADN-C Series 3-Phase Data Sheet
ADN-C Series 3-Phase DS 03Aug2015
Ordering Information
Model Number
Power
Input Voltage
Weight
Current
Efficiency
Case Type
MTBF
ADN5-24-3PM-C
120 W
320 - 540 Vac
450 - 760 Vdc
1.15 lbs (520 g)
5 A @ 24 Vdc
85.0%
Metal
> 500,000 hours
Nominal voltage,
full load,
Tamb=25 oC
ADN10-24-3PM-C
240 W
1.54 lbs (700 g)
10 A @ 24 Vdc
91.2%
ADN20-24-3PM-C
480 W
2.8 lbs (1300 g)
20 A @ 24 Vdc
93.0%
ADN40-24-3PM-C
960 W
320 - 540 Vac
5.3 lbs (2400 g)
40 A @ 24 Vdc
94.0%
Dimensions
Height
Width
Depth
ADN5-24-3PM-C
4.85 in (123 mm)
1.97 in (50 mm)
4.36 (111 mm)
ADN10-24-3PM-C
4.85 in (123 mm)
2.36 in (60 mm)
4.36 (111 mm)
ADN20-24-3PM-C
4.85 in (123 mm)
3.34 in (85 mm)
4.68 (119 mm)
ADN40-24-3PM-C
4.85 in (123 mm)
7.09 in (180 mm)
4.85 in (123 mm)
Mechanical Drawing
380 - 480 V3; 3W + PE 50/60 Hz
0.9 A / Phase
US LISTED
ADN20-24-3PM-C
Parallel
Single
C
L
U
L2
L1
24 VDC/ 20 A
+
+
-
-
OK
W
D
Input
Alarm
Output
24 - 28 Vd c
L3
W
D
L1 L2
+
L3
+ - -
24-
28V
3PH 380/500 VAC
1.7/1.5A/Phase 50/60 Hz
Input:
US LISTED
U
C
L
ADN40-24-3PM-C
Output:
24 VDC / 40 A
Electronically Protected


Similar Part No. - ADN20-24-3PM-C

ManufacturerPart #DatasheetDescription
logo
Astec America, Inc
ADN20-24-3PM ASTEC-ADN20-24-3PM Datasheet
377Kb / 2P
   120-960 Watts
More results

Similar Description - ADN20-24-3PM-C

ManufacturerPart #DatasheetDescription
logo
Artesyn Technologies
ADN5-24-1PM-C ARTESYN-ADN5-24-1PM-C Datasheet
516Kb / 3P
   Total Power: 120-960 Watts
AVO120-48S12-4L ARTESYN-AVO120-48S12-4L Datasheet
498Kb / 3P
   Total Power: 120 Watts
AVD100-48S05-6L ARTESYN-AVD100-48S05-6L Datasheet
497Kb / 3P
   Total Power: 100 - 120 Watts
logo
Astec America, Inc
ADN5-24-3PM ASTEC-ADN5-24-3PM Datasheet
377Kb / 2P
   120-960 Watts
logo
Artesyn Technologies
AIF12W300 ARTESYN-AIF12W300 Datasheet
592Kb / 3P
   Total Power: 600 Watts
AGF800-48S48P-6L ARTESYN-AGF800-48S48P-6L Datasheet
611Kb / 3P
   Total Power: 800 Watts
AVQ300-48S12-6L ARTESYN-AVQ300-48S12-6L Datasheet
545Kb / 3P
   Total Power: 300 Watts
AVO100-48S1V2-6L ARTESYN-AVO100-48S1V2-6L Datasheet
548Kb / 3P
   Total Power: 100 Watts
APC18T12-9L ARTESYN-APC18T12-9L Datasheet
447Kb / 2P
   Total Power: 75 Watts
AIQ02R300-L ARTESYN-AIQ02R300-L Datasheet
829Kb / 2P
   Total Power: 65 Watts
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com