Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M28W320ECB90N6 Datasheet(PDF) 8 Page - STMicroelectronics

Part # M28W320ECB90N6
Description  32 Mbit (2Mb x16, Boot Block) 3V Supply Flash Memory
Download  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M28W320ECB90N6 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button M28W320ECB90N6 Datasheet HTML 4Page - STMicroelectronics M28W320ECB90N6 Datasheet HTML 5Page - STMicroelectronics M28W320ECB90N6 Datasheet HTML 6Page - STMicroelectronics M28W320ECB90N6 Datasheet HTML 7Page - STMicroelectronics M28W320ECB90N6 Datasheet HTML 8Page - STMicroelectronics M28W320ECB90N6 Datasheet HTML 9Page - STMicroelectronics M28W320ECB90N6 Datasheet HTML 10Page - STMicroelectronics M28W320ECB90N6 Datasheet HTML 11Page - STMicroelectronics M28W320ECB90N6 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 53 page
background image
M28W320ECT, M28W320ECB
8/53
Figure 5. Block Addresses
Note: Also see Appendix A, Tables 24 and 25 for a full listing of the Block Addresses.
Figure 6. Protection Register Memory Map
AI05519
4 KWords
1FFFFF
1FF000
32 KWords
00FFFF
008000
32 KWords
007FFF
000000
M28W320ECT
Top Boot Block Addresses
4 KWords
1F8FFF
1F8000
32 KWords
1F0000
1F7FFF
Total of 8
4 KWord Blocks
Total of 63
32 KWord Blocks
4 KWords
1FFFFF
1F8000
32 KWords
32 KWords
000FFF
000000
M28W320ECB
Bottom Boot Block Addresses
4 KWords
1F7FFF
00FFFF
32 KWords
1F0000
008000
Total of 63
32 KWord Blocks
Total of 8
4 KWord Blocks
007FFF
007000
AI05520
User Programmable OTP
Unique device number
Protection Register Lock
2(1)
10
8Ch
85h
84h
81h
80h
PROTECTION REGISTER
Note1. Bit 2 of the Protection Register Lock must not be programmed to 0.


Similar Part No. - M28W320ECB90N6

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M28W320EB-ZB STMICROELECTRONICS-M28W320EB-ZB Datasheet
299Kb / 45P
   32 Mbit (2Mb x16, Boot Block) 3V Supply Flash Memory
M28W320EB-ZBT STMICROELECTRONICS-M28W320EB-ZBT Datasheet
299Kb / 45P
   32 Mbit (2Mb x16, Boot Block) 3V Supply Flash Memory
M28W320EBB STMICROELECTRONICS-M28W320EBB Datasheet
299Kb / 45P
   32 Mbit (2Mb x16, Boot Block) 3V Supply Flash Memory
M28W320EBB10N1 STMICROELECTRONICS-M28W320EBB10N1 Datasheet
299Kb / 45P
   32 Mbit (2Mb x16, Boot Block) 3V Supply Flash Memory
M28W320EBB10N1T STMICROELECTRONICS-M28W320EBB10N1T Datasheet
299Kb / 45P
   32 Mbit (2Mb x16, Boot Block) 3V Supply Flash Memory
More results

Similar Description - M28W320ECB90N6

ManufacturerPart #DatasheetDescription
logo
Numonyx B.V
M28W320FCT NUMONYX-M28W320FCT Datasheet
1Mb / 69P
   32 Mbit (2Mb x16, Boot Block) 3V Supply Flash Memory
logo
STMicroelectronics
M28W320CT STMICROELECTRONICS-M28W320CT Datasheet
414Kb / 42P
   32 Mbit (2Mb x16, Boot Block) 3V Supply Flash Memory
M28W320BT STMICROELECTRONICS-M28W320BT Datasheet
211Kb / 43P
   32 Mbit (2Mb x16, Boot Block) 3V Supply Flash Memory
May 2002
M28W320EBT STMICROELECTRONICS-M28W320EBT Datasheet
299Kb / 45P
   32 Mbit (2Mb x16, Boot Block) 3V Supply Flash Memory
M28W320FCT STMICROELECTRONICS-M28W320FCT Datasheet
514Kb / 69P
   32 Mbit (2Mb x16, Boot Block) 3V Supply Flash Memory
M29W320DT STMICROELECTRONICS-M29W320DT Datasheet
524Kb / 56P
   32 Mbit 4Mb x8 or 2Mb x16, Boot Block 3V Supply Flash Memory
M29W320ET STMICROELECTRONICS-M29W320ET Datasheet
887Kb / 46P
   32 Mbit (4Mb x8 or 2Mb x16, Boot Block) 3V Supply Flash Memory
M58LW032A STMICROELECTRONICS-M58LW032A Datasheet
856Kb / 61P
   32 Mbit 2Mb x16, Uniform Block, Burst 3V Supply Flash Memory
M58LW032C STMICROELECTRONICS-M58LW032C Datasheet
845Kb / 61P
   32 Mbit 2Mb x16, Uniform Block, Burst 3V Supply Flash Memory
M58LW032D STMICROELECTRONICS-M58LW032D_04 Datasheet
799Kb / 50P
   32 Mbit (4Mb x8, 2Mb x16, Uniform Block) 3V Supply Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com