Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX9374AEKA-T Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX9374AEKA-T
Description  Differential LVPECL-to-LVDS Translators
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9374AEKA-T Datasheet(HTML) 6 Page - Maxim Integrated Products

  MAX9374AEKA-T Datasheet HTML 1Page - Maxim Integrated Products MAX9374AEKA-T Datasheet HTML 2Page - Maxim Integrated Products MAX9374AEKA-T Datasheet HTML 3Page - Maxim Integrated Products MAX9374AEKA-T Datasheet HTML 4Page - Maxim Integrated Products MAX9374AEKA-T Datasheet HTML 5Page - Maxim Integrated Products MAX9374AEKA-T Datasheet HTML 6Page - Maxim Integrated Products MAX9374AEKA-T Datasheet HTML 7Page - Maxim Integrated Products MAX9374AEKA-T Datasheet HTML 8Page - Maxim Integrated Products MAX9374AEKA-T Datasheet HTML 9Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
Detailed Description
The MAX9374/MAX9374A are 2.0GHz differential
LVPECL-to-LVDS translators. The output is differential
LVDS and conforms to the ANSI TIA/EIA-644 LVDS
standard. The inputs are biased with internal resistors
such that the output is differential low when inputs are
open. An on-chip VBB reference output is available for
single-ended input operation. The MAX9374 is
designed for low-voltage operation from 2.375V to
2.625V in systems with a nominal 2.5V supply. The
MAX9374A is designed for 3.0V to 3.6V operation in
systems with a nominal 3.3V supply.
Differential LVPECL Input
The MAX9374/MAX9374A accept differential LVPECL
inputs and can be configured to accept single-ended
inputs through the use of the VBB voltage reference out-
put. The maximum magnitude of the differential signal
applied to the input is 3.0V or VCC, whichever is less.
This limit also applies to the difference between any ref-
erence voltage input and a single-ended input.
Specifications for the high and low voltages of a differ-
ential input (VIHD and VILD) and the differential input
voltage (VIHD - VILD) apply simultaneously.
Single-Ended Inputs and VBB
The differential inputs can be configured to accept a
single-ended input through the use of the VBB refer-
ence voltage. A noninverting, single-ended input is pro-
duced by connecting VBB to the D input and applying a
single-ended input signal to the D input. Similarly, an
inverting input is produced by connecting VBB to the D
input and applying the input signal to the D input. With
a differential input configured as single ended (using
VBB), the single-ended input can be driven to VCC and
GND or with a single-ended LVPECL signal. Note that a
single-ended input must be at least VBB ±95mV or a
differential input of at least 95mV to switch the outputs
to the VOH and VOL levels specified in the DC Electrical
Characteristics table.
When using the VBB reference output, bypass it with a
0.01µF ceramic capacitor to VCC. If the VBB reference is
not used, leave it unconnected. Use VBB only for inputs
that are on the same device as the VBB reference.
Input Bias Resistors
Internal biasing resistors ensure a (differential) output-
low condition in the event that the inputs are not connect-
ed. The inverting input (D) is biased with a 36.5k
Ω pull-
down to VCC and a 75k
Ω pullup to GND. The
noninverting input (D) is biased with a 75k
Ω pullup to
VCC and 75k
Ω pulldown to GND.
Differential LVDS Output
The differential outputs conform to the ANSI TIA/EIA-644
LVDS standard. Typically, terminate the outputs with 100
across Q and Q, as shown in the Typical Application
Circuit. The outputs are short-circuit protected.
Applications Information
Supply Bypassing
Bypass VCC to GND with high-frequency surface-mount
ceramic 0.1µF and 0.01µF capacitors in parallel and as
close to the device as possible, with the 0.01µF capaci-
tor closest to the device. Use multiple parallel vias to
minimize parasitic inductance. When using the VBB ref-
erence output, bypass it with a 0.01µF ceramic capaci-
tor to VCC (if the VBB reference is not used, it can be
left open).
Controlled-Impedance Traces
Input and output trace characteristics affect the perfor-
mance of the MAX9374/MAX9374A. Connect high-fre-
quency input and output signals to 50
Ω characteristic
impedance traces. Minimize the number of vias to pre-
vent impedance discontinuities. Reduce reflections by
maintaining the 50
Ω characteristic impedance through
cables and connectors. Reduce skew within a differen-
tial pair by matching the electrical length of the traces.
Output Termination
Terminate the outputs with 100
Ω across Q and Q as
shown in the Typical Application Circuit. Both outputs
must be terminated.
Differential LVPECL-to-LVDS Translators
6
_______________________________________________________________________________________


Similar Part No. - MAX9374AEKA-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9370 MAXIM-MAX9370 Datasheet
218Kb / 9P
   LVTTL/TTL-to-Differential LVPECL/PECL Translators
Rev 0; 4/02
MAX9370-MAX9372 MAXIM-MAX9370-MAX9372 Datasheet
218Kb / 9P
   LVTTL/TTL-to-Differential LVPECL/PECL Translators
Rev 0; 4/02
MAX9370ESA MAXIM-MAX9370ESA Datasheet
218Kb / 9P
   LVTTL/TTL-to-Differential LVPECL/PECL Translators
Rev 0; 4/02
MAX9371 MAXIM-MAX9371 Datasheet
218Kb / 9P
   LVTTL/TTL-to-Differential LVPECL/PECL Translators
Rev 0; 4/02
MAX9371ESA MAXIM-MAX9371ESA Datasheet
218Kb / 9P
   LVTTL/TTL-to-Differential LVPECL/PECL Translators
Rev 0; 4/02
More results

Similar Description - MAX9374AEKA-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1217EVKIT MAXIM-MAX1217EVKIT Datasheet
982Kb / 21P
   On-Board LVDS/LVPECL Differential Level Translators
Rev 0; 3/06
MAX9420 MAXIM-MAX9420 Datasheet
352Kb / 13P
   Quad Differential LVECL-to-LVPECL Translators
Rev 0; 1/02
MAX9370 MAXIM-MAX9370 Datasheet
218Kb / 9P
   LVTTL/TTL-to-Differential LVPECL/PECL Translators
Rev 0; 4/02
logo
MTRONPTI
M2075 MTRONPTI-M2075 Datasheet
201Kb / 5P
   LVPECL/LVDS Differential Output
M2058 MTRONPTI-M2058 Datasheet
323Kb / 6P
   LVPECL/LVDS Differential Output
M3028 MTRONPTI-M3028 Datasheet
214Kb / 6P
   LVPECL/LVDS Differential Output
logo
Integrated Device Techn...
ICS879S216I-02 IDT-ICS879S216I-02 Datasheet
873Kb / 22P
   2:2, Differential-to-LVPECL/LVDS Divider
logo
Micrel Semiconductor
SY89321L MICREL-SY89321L_08 Datasheet
48Kb / 5P
   3.3V DIFFERENTIAL LVPECL/CML/LVDS-to-LVTTL
logo
Maxim Integrated Produc...
MAX9377 MAXIM-MAX9377 Datasheet
166Kb / 9P
   Anything-to-LVPECL/LVDS Translators with Pin-Selectable Divide-by-Four
Rev 1; 7/03
logo
Renesas Technology Corp
ICS879S216I RENESAS-ICS879S216I Datasheet
1Mb / 23P
   2:2, Differential-to-LVPECL/LVDS Divider
2019
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com