Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX6846KAWD3 Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # MAX6846KAWD3
Description  Low-Power, Adjustable Battery Monitors with Hysteresis and Integrated UP Reset
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6846KAWD3 Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button MAX6846KAWD3 Datasheet HTML 4Page - Maxim Integrated Products MAX6846KAWD3 Datasheet HTML 5Page - Maxim Integrated Products MAX6846KAWD3 Datasheet HTML 6Page - Maxim Integrated Products MAX6846KAWD3 Datasheet HTML 7Page - Maxim Integrated Products MAX6846KAWD3 Datasheet HTML 8Page - Maxim Integrated Products MAX6846KAWD3 Datasheet HTML 9Page - Maxim Integrated Products MAX6846KAWD3 Datasheet HTML 10Page - Maxim Integrated Products MAX6846KAWD3 Datasheet HTML 11Page - Maxim Integrated Products MAX6846KAWD3 Datasheet HTML 12Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
Low-Power, Adjustable Battery Monitors with
Hysteresis and Integrated µP Reset
10
______________________________________________________________________________________
1) Choose a value for RTOTAL, the sum of R1, R2, and
R3. Because the MAX6848/MAX6849 have very high
input impedance, RTOTAL can be up to 500k
Ω.
2) Calculate R3 based on RTOTAL and the desired
upper trip point:
3) Calculate R2 based on RTOTAL, R3, and the desired
lower trip point:
4) Calculate R1 based on RTOTAL, R3, and R2:
5) LBOL high-trip level:
VTRIPLOW 1.05
6) LBOH high-trip level:
VTRIPHIGH 1.05
Monitoring Multicell Battery Applications
For monitoring multicell Li+ (or a higher number of alka-
line/NiCd/NiMH cells), connect VDD to a supply voltage
between 1.6V to 5.5V. Figure 6 shows VDD connected
directly to VCC. To calculate the values of R1, R2, and
R3, see the Resistor-Value Selection section.
DC-DC Converter Application
The MAX6848/MAX6849 dual battery monitors can be
used in conjunction with a DC-DC converter to power
microprocessor systems using a single Li+ cell or two
to three alkaline/NiCd/NiMH cells. The LBOH output
indicates that the battery voltage is weak, and is used
to warn the microprocessor of potential problems.
Armed with this information, the microprocessor can
reduce system power consumption. The LBOL output
indicates the battery is empty and system power should
be disabled. By connecting LBOL to the SHDN pin of the
DC-DC converter, power to the microprocessor is
removed. Microprocessor power does not return until the
battery has recharged to a voltage greater than VLTH+
(see Figure 7).
RR
R
R
TOTAL
12
3
=
--
R
mV
R
V
R
TOTAL
TRIPLOW
2
582
3
=
×


-
R
mV
R
V
TOTAL
TRIPHIGH
3
582
=
×
PART NO.
SUFFIX
( _ )
VCC NOMINAL
RESET
THRESHOLD (V)
T
3.075
S
2.925
R
2.625
Z
2.313
Y
2.188
W
1.665
V
1.575
Table 1. Factory-Trimmed VCC Reset
Threshold Levels
ACTIVE TIMEOUT PERIOD (ms)
TIMEOUT
PERIOD SUFFIX
MIN
MAX
D3
150
300
D7
1200
2400
Table 2. VCC Reset Timeout Period Suffix
Guide
DC-DC
SHDN
VDD
RESET
MAX6848
MAX6849
LTHIN
HTHIN
NMI
RESET
µP
VCC
GND
GND
VCC
Li+
3.6V
LBOL
LBOH
OUT
IN
Figure 7. DC-DC Converter Application
MAX6846
MAX6847
MAX6848
MAX6849
VMONITORED
VDD
VCC
VCC
LTHIN
HTHIN
GND
* FOR THE MAX6846/MAX6847.
( ) FOR THE MAX6848/MAX6849.
(LBOH)
R1
R2
R3
LBO*
(LBOL)
Figure 6. Monitoring Multicell Li+ Applications


Similar Part No. - MAX6846KAWD3

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6846KA MAXIM-MAX6846KA Datasheet
257Kb / 12P
   Low-Power, Adjustable Battery Monitors with Hysteresis and Integrated uP Reset
19-2947; Rev 1; 11/05
More results

Similar Description - MAX6846KAWD3

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6846 MAXIM-MAX6846_05 Datasheet
257Kb / 12P
   Low-Power, Adjustable Battery Monitors with Hysteresis and Integrated uP Reset
19-2947; Rev 1; 11/05
MAX6439 MAXIM-MAX6439 Datasheet
235Kb / 14P
   Low-Power, Single-/Dual-Level Battery Monitors with Hysteresis and Integrated uP Reset
Rev 0; 7/02
MAX6439 MAXIM-MAX6439_V01 Datasheet
256Kb / 14P
   Low-Power, Single-/Dual-Level Battery Monitors with Hysteresis and Integrated 關P Reset
2005
MAX6427 MAXIM-MAX6427_05 Datasheet
379Kb / 20P
   Low-Power, Single/Dual-Level Battery Monitors with Hysteresis
Rev 2; 12/05
MAX6427 MAXIM-MAX6427 Datasheet
319Kb / 20P
   Low-Power, Single/Dual-Level Battery Monitors with Hysteresis
Rev 1; 9/03
logo
Shanghai Consonance Ele...
CN302 CONSONANCE-CN302 Datasheet
220Kb / 9P
   Low Power Battery Monitor with Hysteresis Control
logo
Maxim Integrated Produc...
MAX6301 MAXIM-MAX6301 Datasheet
102Kb / 12P
   5V, Low-Power uP Supervisory Circuits with Adjustable Reset/Watchdog
19-1078; Rev 0; 6/96
logo
Micrel Semiconductor
MIC841 MICREL-MIC841_11 Datasheet
320Kb / 8P
   Comparator with 1.25% Reference and Adjustable Hysteresis
MIC841 MICREL-MIC841_15 Datasheet
850Kb / 11P
   Comparator with 1.25% Reference and Adjustable Hysteresis
logo
TelCom Semiconductor, I...
TCM809 TELCOM-TCM809 Datasheet
60Kb / 4P
   3-PIN UP RESET MONITORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com