Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CLM2C-GCA-CYAA0793 Datasheet(PDF) 4 Page - Cree, Inc

Part # CLM2C-GCA-CYAA0793
Description  PLCC4 1-in-1 SMD LED
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

CLM2C-GCA-CYAA0793 Datasheet(HTML) 4 Page - Cree, Inc

  CLM2C-GCA-CYAA0793 Datasheet HTML 1Page - Cree, Inc CLM2C-GCA-CYAA0793 Datasheet HTML 2Page - Cree, Inc CLM2C-GCA-CYAA0793 Datasheet HTML 3Page - Cree, Inc CLM2C-GCA-CYAA0793 Datasheet HTML 4Page - Cree, Inc CLM2C-GCA-CYAA0793 Datasheet HTML 5Page - Cree, Inc CLM2C-GCA-CYAA0793 Datasheet HTML 6Page - Cree, Inc CLM2C-GCA-CYAA0793 Datasheet HTML 7Page - Cree, Inc CLM2C-GCA-CYAA0793 Datasheet HTML 8Page - Cree, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Copyright © 2010 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree, the Cree logo and XLamp are registered trademarks
of Cree, Inc.
4
Copyright © 2015 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree and the Cree logo are registered trademarks of Cree, Inc.
4
Cree PLCC4 1 in 1 SMD LED
CLM2C-GCA/BCA
ORDER CODE TABLE*
Color
Kit Number
Luminous Intensity (mcd)
Dominant Wavelength
Min.
Max.
Color Bin Min.(nm)
Color Bin
Max.(nm)
Green
CLM2C-GCA-CXbB07a3
2240
9000
G7
520
Ga
540
Green
CLM2C-GCA-CYaA08a3
2800
7100
G8
525
Ga
540
Green
CLM2C-GCA-CYaA0793
2800
7100
G7
520
G9
535
Green
CLM2C-GCA-CYbB0793
3550
9000
G7
520
G9
535
Color
Kit Number
Luminous Intensity (mcd)
Dominant Wavelength
Min.
Max.
Color Bin Min.(nm)
Color Bin
Max.(nm)
Blue
CLM2C-BCA-CVbYa363
900
3550
B3
460
B6
480
Blue
CLM2C-BCA-CWaXb353
1120
2800
B3
460
B5
475
Blue
CLM2C-BCA-CWbYa453
1400
3550
B4
465
B5
475
Notes:
1. The above kit numbers represent order codes that include multiple intensity-bin and color-bin codes. Only one
intensity-bin code and one color-bin code will be shipped on each bulk. Single intensity-bin code and single color-bin
codes will not be orderable.
2. Please refer to the “Cree LED Lamp Reliability Test Standards” document for reliability test conditions.
3. Please refer to the “Cree LED Lamp Soldering & Handling” document for information about how to use this LED
product safely.


Similar Part No. - CLM2C-GCA-CYAA0793

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CLM2C-ACA CREE-CLM2C-ACA Datasheet
765Kb / 8P
   PLCC4 1-in-1 SMD LED
CLM2C-ACA-CXaA0253 CREE-CLM2C-ACA-CXaA0253 Datasheet
765Kb / 8P
   PLCC4 1-in-1 SMD LED
CLM2C-ACA-CXbA0253 CREE-CLM2C-ACA-CXbA0253 Datasheet
765Kb / 8P
   PLCC4 1-in-1 SMD LED
CLM2C-ACA-CXbA0343 CREE-CLM2C-ACA-CXbA0343 Datasheet
765Kb / 8P
   PLCC4 1-in-1 SMD LED
CLM2C-ACA-CYaA0253 CREE-CLM2C-ACA-CYaA0253 Datasheet
765Kb / 8P
   PLCC4 1-in-1 SMD LED
More results

Similar Description - CLM2C-GCA-CYAA0793

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
CLM2B MARKTECH-CLM2B_15 Datasheet
484Kb / 8P
   PLCC4 1 in 1 SMD LED
CLM4B-RKW MARKTECH-CLM4B-RKW_15 Datasheet
439Kb / 8P
   PLCC4 1 in 1 SMD LED
logo
Cree, Inc
CLM4B-BKB CREE-CLM4B-BKB Datasheet
844Kb / 8P
   PLCC4 1 in 1 SMD LED
CLA1A-WKW CREE-CLA1A-WKW Datasheet
354Kb / 8P
   PLCC4 1 in 1 SMD LED
logo
Marktech Corporate
CLA1A MARKTECH-CLA1A Datasheet
542Kb / 10P
   PLCC4 1 in 1 SMD LED
logo
Cree, Inc
CLM2D-RCC CREE-CLM2D-RCC Datasheet
800Kb / 8P
   PLCC4 1 in 1 SMD LED
CLM4B-RKW CREE-CLM4B-RKW Datasheet
280Kb / 6P
   PLCC4 1 in 1 SMD LED
logo
Marktech Corporate
CLM4B-RKW MARKTECH-CLM4B-RKW Datasheet
439Kb / 8P
   PLCC4 1 in 1 SMD LED
CLA1A MARKTECH-CLA1A_15 Datasheet
542Kb / 10P
   PLCC4 1 in 1 SMD LED
CLM4B MARKTECH-CLM4B_15 Datasheet
446Kb / 8P
   PLCC4 1-in-1 SMD LED
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com