Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CLM2C-ACA-CXbA0253 Datasheet(PDF) 3 Page - Cree, Inc

Part # CLM2C-ACA-CXbA0253
Description  PLCC4 1-in-1 SMD LED
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

CLM2C-ACA-CXbA0253 Datasheet(HTML) 3 Page - Cree, Inc

  CLM2C-ACA-CXbA0253 Datasheet HTML 1Page - Cree, Inc CLM2C-ACA-CXbA0253 Datasheet HTML 2Page - Cree, Inc CLM2C-ACA-CXbA0253 Datasheet HTML 3Page - Cree, Inc CLM2C-ACA-CXbA0253 Datasheet HTML 4Page - Cree, Inc CLM2C-ACA-CXbA0253 Datasheet HTML 5Page - Cree, Inc CLM2C-ACA-CXbA0253 Datasheet HTML 6Page - Cree, Inc CLM2C-ACA-CXbA0253 Datasheet HTML 7Page - Cree, Inc CLM2C-ACA-CXbA0253 Datasheet HTML 8Page - Cree, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Copyright © 2010 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree, the Cree logo and XLamp are registered trademarks
of Cree, Inc.
3
Copyright © 2015 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree and the Cree logo are registered trademarks of Cree, Inc.
3
Cree PLCC4 1 in 1 SMD LED
CLM2C-RCA/ACA
COLOR BIN LIMIT (I
F = 20 mA)
Tolerance of measurement of luminous intensity is ±10%.
Red (CLM2C-RCA)
Bin Code
Min.
(mcd)
Max.
(mcd)
Wb
1400
1800
Xa
1800
2240
Xb
2240
2800
Ya
2800
3550
Yb
3550
4500
Z0
4500
5600
Amber (CLM2C-ACA)
Bin Code
Min.
(mcd)
Max.
(mcd)
Xa
1800
2240
Xb
2240
2800
Ya
2800
3550
Yb
3550
4500
Z0
4500
5600
A0
5600
7100
Red (CLM2C-RCA)
Bin Code
Min.
(nm)
Max.
(nm)
RB
619
624
Amber (CLM2C-ACA)
Bin Code
Min.
(nm)
Max.
(nm)
A2
584
587
A3
587
590
A4
590
593
A5
593
596
Tolerance of measurement of dominant wavelength is ±1 nm.
INTENSITY BIN LIMIT (I
F = 20 mA)


Similar Part No. - CLM2C-ACA-CXbA0253

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CLM2C-BCA CREE-CLM2C-BCA Datasheet
801Kb / 8P
   PLCC4 1-in-1 SMD LED
CLM2C-BCA-CVBYA363 CREE-CLM2C-BCA-CVBYA363 Datasheet
801Kb / 8P
   PLCC4 1-in-1 SMD LED
CLM2C-BCA-CWAXB353 CREE-CLM2C-BCA-CWAXB353 Datasheet
801Kb / 8P
   PLCC4 1-in-1 SMD LED
CLM2C-BCA-CWBYA453 CREE-CLM2C-BCA-CWBYA453 Datasheet
801Kb / 8P
   PLCC4 1-in-1 SMD LED
CLM2C-GCA CREE-CLM2C-GCA Datasheet
801Kb / 8P
   PLCC4 1-in-1 SMD LED
More results

Similar Description - CLM2C-ACA-CXbA0253

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
CLM2B MARKTECH-CLM2B_15 Datasheet
484Kb / 8P
   PLCC4 1 in 1 SMD LED
CLM4B-RKW MARKTECH-CLM4B-RKW_15 Datasheet
439Kb / 8P
   PLCC4 1 in 1 SMD LED
logo
Cree, Inc
CLM2C-GCA CREE-CLM2C-GCA Datasheet
801Kb / 8P
   PLCC4 1-in-1 SMD LED
CLM4B-BKB CREE-CLM4B-BKB Datasheet
844Kb / 8P
   PLCC4 1 in 1 SMD LED
CLA1A-WKW CREE-CLA1A-WKW Datasheet
354Kb / 8P
   PLCC4 1 in 1 SMD LED
logo
Marktech Corporate
CLA1A MARKTECH-CLA1A Datasheet
542Kb / 10P
   PLCC4 1 in 1 SMD LED
logo
Cree, Inc
CLM2D-RCC CREE-CLM2D-RCC Datasheet
800Kb / 8P
   PLCC4 1 in 1 SMD LED
CLM4B-RKW CREE-CLM4B-RKW Datasheet
280Kb / 6P
   PLCC4 1 in 1 SMD LED
logo
Marktech Corporate
CLM4B-RKW MARKTECH-CLM4B-RKW Datasheet
439Kb / 8P
   PLCC4 1 in 1 SMD LED
CLA1A MARKTECH-CLA1A_15 Datasheet
542Kb / 10P
   PLCC4 1 in 1 SMD LED
CLM4B MARKTECH-CLM4B_15 Datasheet
446Kb / 8P
   PLCC4 1-in-1 SMD LED
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com