Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CLM2C-BCA-CWBYA453 Datasheet(PDF) 1 Page - Cree, Inc

Part # CLM2C-BCA-CWBYA453
Description  PLCC4 1-in-1 SMD LED
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

CLM2C-BCA-CWBYA453 Datasheet(HTML) 1 Page - Cree, Inc

  CLM2C-BCA-CWBYA453 Datasheet HTML 1Page - Cree, Inc CLM2C-BCA-CWBYA453 Datasheet HTML 2Page - Cree, Inc CLM2C-BCA-CWBYA453 Datasheet HTML 3Page - Cree, Inc CLM2C-BCA-CWBYA453 Datasheet HTML 4Page - Cree, Inc CLM2C-BCA-CWBYA453 Datasheet HTML 5Page - Cree, Inc CLM2C-BCA-CWBYA453 Datasheet HTML 6Page - Cree, Inc CLM2C-BCA-CWBYA453 Datasheet HTML 7Page - Cree, Inc CLM2C-BCA-CWBYA453 Datasheet HTML 8Page - Cree, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
PRODUCT FAMILY DATA SHEET
Cree® PLCC4 1-in-1 SMD LED
CLM2C-GCA/BCA
Copyright © 2010 Cree, Inc. All rights reserved. The information in this document is subject to change without notice.
Cree, the Cree logo and XLamp are registered trademarks of Cree, Inc.
PRODUCT DESCRIPTION
SMD LEDs is packaged in the industry
standard package. These LEDs have high
reliability performance and are
designed to work under a wide range of
environmental conditions.
This high reliability feature makes
them ideally suited to be used under
Architectural lighting application conditions
These LEDs are suited for channel letter,or
Architectural lighting applications.
FEATURES
• Size (mm):3.2 x 2.8
Color and Typical Dominant
Wavelength:
Green (520 - 540nm)
Blue(460 - 480nm)
• Luminous Intensity (mcd)
CLM2C-GCA:(2240 - 9000)
CLM2C-BCA:(900 - 3550)
• Moisture Sensitivity Level: 5a
• Lead-Free
• RoHS Compliant
Cree, Inc.
4600 Silicon Drive
Durham, NC 27703
USA Tel: +1.919.313.5300
www.cree.com/xlamp
Copyright © 2015 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree and
the Cree logo are registered trademarks of Cree, Inc.
Cree, Inc.
4600 Silicon Drive
Durham, NC 27703
USA Tel: +1.919.313.5300
APPLICATIONS
• Light Strip
• Channel Letter
Architectural Lighting


Similar Part No. - CLM2C-BCA-CWBYA453

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CLM2C-ACA CREE-CLM2C-ACA Datasheet
765Kb / 8P
   PLCC4 1-in-1 SMD LED
CLM2C-ACA-CXaA0253 CREE-CLM2C-ACA-CXaA0253 Datasheet
765Kb / 8P
   PLCC4 1-in-1 SMD LED
CLM2C-ACA-CXbA0253 CREE-CLM2C-ACA-CXbA0253 Datasheet
765Kb / 8P
   PLCC4 1-in-1 SMD LED
CLM2C-ACA-CXbA0343 CREE-CLM2C-ACA-CXbA0343 Datasheet
765Kb / 8P
   PLCC4 1-in-1 SMD LED
CLM2C-ACA-CYaA0253 CREE-CLM2C-ACA-CYaA0253 Datasheet
765Kb / 8P
   PLCC4 1-in-1 SMD LED
More results

Similar Description - CLM2C-BCA-CWBYA453

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
CLM2B MARKTECH-CLM2B_15 Datasheet
484Kb / 8P
   PLCC4 1 in 1 SMD LED
CLM4B-RKW MARKTECH-CLM4B-RKW_15 Datasheet
439Kb / 8P
   PLCC4 1 in 1 SMD LED
logo
Cree, Inc
CLM4B-BKB CREE-CLM4B-BKB Datasheet
844Kb / 8P
   PLCC4 1 in 1 SMD LED
CLA1A-WKW CREE-CLA1A-WKW Datasheet
354Kb / 8P
   PLCC4 1 in 1 SMD LED
logo
Marktech Corporate
CLA1A MARKTECH-CLA1A Datasheet
542Kb / 10P
   PLCC4 1 in 1 SMD LED
logo
Cree, Inc
CLM2D-RCC CREE-CLM2D-RCC Datasheet
800Kb / 8P
   PLCC4 1 in 1 SMD LED
CLM4B-RKW CREE-CLM4B-RKW Datasheet
280Kb / 6P
   PLCC4 1 in 1 SMD LED
logo
Marktech Corporate
CLM4B-RKW MARKTECH-CLM4B-RKW Datasheet
439Kb / 8P
   PLCC4 1 in 1 SMD LED
CLA1A MARKTECH-CLA1A_15 Datasheet
542Kb / 10P
   PLCC4 1 in 1 SMD LED
CLM4B MARKTECH-CLM4B_15 Datasheet
446Kb / 8P
   PLCC4 1-in-1 SMD LED
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com