Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CLY6D-FKC-CK1N1D1BB7D3D3 Datasheet(PDF) 6 Page - Cree, Inc

Part # CLY6D-FKC-CK1N1D1BB7D3D3
Description  PLCC6 3 in 1 SMD LED
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

CLY6D-FKC-CK1N1D1BB7D3D3 Datasheet(HTML) 6 Page - Cree, Inc

Back Button CLY6D-FKC-CK1N1D1BB7D3D3 Datasheet HTML 2Page - Cree, Inc CLY6D-FKC-CK1N1D1BB7D3D3 Datasheet HTML 3Page - Cree, Inc CLY6D-FKC-CK1N1D1BB7D3D3 Datasheet HTML 4Page - Cree, Inc CLY6D-FKC-CK1N1D1BB7D3D3 Datasheet HTML 5Page - Cree, Inc CLY6D-FKC-CK1N1D1BB7D3D3 Datasheet HTML 6Page - Cree, Inc CLY6D-FKC-CK1N1D1BB7D3D3 Datasheet HTML 7Page - Cree, Inc CLY6D-FKC-CK1N1D1BB7D3D3 Datasheet HTML 8Page - Cree, Inc CLY6D-FKC-CK1N1D1BB7D3D3 Datasheet HTML 9Page - Cree, Inc CLY6D-FKC-CK1N1D1BB7D3D3 Datasheet HTML 10Page - Cree, Inc  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
Copyright © 2010 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree, the Cree logo and XLamp are registered trademarks
of Cree, Inc.
6
Copyright © 2015 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree and the Cree logo are registered trademarks of Cree, Inc.
6
Cree PLCC6 3 in 1 SMD LED
CLY6D-FKC
GRAPHS
The above data are collected from statistical figures that do not necessarily correspond to the actual
parameters of each single LED. Hence, these data will be changed without further notice.


Similar Part No. - CLY6D-FKC-CK1N1D1BB7D3D3

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CLY6C-DXA-XHHKKMN1 CREE-CLY6C-DXA-XHHKKMN1 Datasheet
1Mb / 11P
   Cree짰 PLCC6 3 in 1 SMD LED
CLY6C-DXA-XHHKKMN2 CREE-CLY6C-DXA-XHHKKMN2 Datasheet
1Mb / 11P
   Cree짰 PLCC6 3 in 1 SMD LED
CLY6C-DXA-XHHKKMN3 CREE-CLY6C-DXA-XHHKKMN3 Datasheet
1Mb / 11P
   Cree짰 PLCC6 3 in 1 SMD LED
CLY6C-DXA-XHHKKMN4 CREE-CLY6C-DXA-XHHKKMN4 Datasheet
1Mb / 11P
   Cree짰 PLCC6 3 in 1 SMD LED
CLY6C-DXA-XHHKKMNT CREE-CLY6C-DXA-XHHKKMNT Datasheet
1Mb / 11P
   Cree짰 PLCC6 3 in 1 SMD LED
More results

Similar Description - CLY6D-FKC-CK1N1D1BB7D3D3

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
CLP6C-FKB MARKTECH-CLP6C-FKB_15 Datasheet
511Kb / 9P
   PLCC6 3 in 1 SMD LED
logo
Cree, Inc
CLV6B-FKB CREE-CLV6B-FKB Datasheet
1Mb / 11P
   PLCC6 3-in-1 SMD LED
CLX6A-FKB CREE-CLX6A-FKB Datasheet
1Mb / 11P
   PLCC6 3 in 1 SMD LED
CLP6B-WKW CREE-CLP6B-WKW Datasheet
639Kb / 10P
   PLCC6 3-in-1 SMD LED
CLP6C-RKW CREE-CLP6C-RKW Datasheet
493Kb / 8P
   PLCC6 3-in-1 SMD LED
logo
Marktech Corporate
CLP6C-FKB MARKTECH-CLP6C-FKB Datasheet
511Kb / 9P
   PLCC6 3 in 1 SMD LED
logo
Cree, Inc
CLYBA-FKA CREE-CLYBA-FKA Datasheet
1Mb / 10P
   PLCC6 3 in 1 SMD LED
CLV6A-FKB CREE-CLV6A-FKB Datasheet
583Kb / 11P
   PLCC6 3 in 1 SMD LED
CLV6D-FKB CREE-CLV6D-FKB Datasheet
1Mb / 11P
   PLCC6 3-in-1 SMD LED
logo
Marktech Corporate
CLP6C-RKW MARKTECH-CLP6C-RKW Datasheet
493Kb / 8P
   PLCC6 3-in-1 SMD LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com