Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CXB1310-0000-000N0HM450G Datasheet(PDF) 11 Page - Cree, Inc

Part # CXB1310-0000-000N0HM450G
Description  Available in 5-step EasyWhite
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

CXB1310-0000-000N0HM450G Datasheet(HTML) 11 Page - Cree, Inc

Back Button CXB1310-0000-000N0HM450G Datasheet HTML 7Page - Cree, Inc CXB1310-0000-000N0HM450G Datasheet HTML 8Page - Cree, Inc CXB1310-0000-000N0HM450G Datasheet HTML 9Page - Cree, Inc CXB1310-0000-000N0HM450G Datasheet HTML 10Page - Cree, Inc CXB1310-0000-000N0HM450G Datasheet HTML 11Page - Cree, Inc CXB1310-0000-000N0HM450G Datasheet HTML 12Page - Cree, Inc CXB1310-0000-000N0HM450G Datasheet HTML 13Page - Cree, Inc CXB1310-0000-000N0HM450G Datasheet HTML 14Page - Cree, Inc CXB1310-0000-000N0HM450G Datasheet HTML 15Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
11
11
Copyright © 2016 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree®, XLamp® and EasyWhite® are registered trademarks and SC5 Technology™ and
the Cree logo are trademarks of Cree, Inc. UL® and the UR logo are registered trademarks of UL LLC.
11
XLamp® CXB1310 LED
relatiVe luminOus Flux - COntinued
Therelativeluminousfluxvaluesprovidedbelowaretheratioof:
• Measurements of CXB1310 at steady-state operation at the given conditions, divided by
• Fluxmeasuredduringbinning,whichisapulsedmeasurementat350 mAatT
J=85 °Cforthe36‑VCXB1310LED.
Forexample,atsteady‑stateoperationofTc=55 °C,I
F = 500  mA, the relative luminous flux ratio is 140% in the chart below. A 36‑V
CXB1310LEDthatmeasures1200 lmduringbinningwilldeliver1680 lm(1200*1.4)atsteady‑stateoperationofTc=55 °C,I
F=500 mA.
0%
20%
40%
60%
80%
100%
120%
140%
160%
180%
200%
200
250
300
350
400
450
500
550
600
650
700
Current (mA)
Tc = 25 °C
Tc = 55 °C
Tc = 85 °C
Tc = 105 °C
36 V


Similar Part No. - CXB1310-0000-000N0HM450G

ManufacturerPart #DatasheetDescription
logo
Cree LED
CXB1310-0000-000N0HM450G CREELED-CXB1310-0000-000N0HM450G Datasheet
1Mb / 25P
   XLamp® CXB1310 LED
REV 4A
More results

Similar Description - CXB1310-0000-000N0HM450G

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CXB1520 CREE-CXB1520 Datasheet
2Mb / 15P
   Available in 5-step EasyWhite
MK-R CREE-MK-R Datasheet
1Mb / 33P
   Available in ANSI white bins as well as 4-step and 2-step EasyWhite bins at 2700 K
MT-G CREE-MT-G Datasheet
1Mb / 18P
   XLamp EasyWhite LEDs
MT-G2 CREE-MT-G2 Datasheet
1Mb / 19P
   XLamp EasyWhite LEDs
CXA1850 CREE-CXA1850 Datasheet
1Mb / 15P
   Available in 4-step and 2-step EasyWhite짰 bins at 2700 K
CXA2590 CREE-CXA2590 Datasheet
1Mb / 16P
   Available in 4-step and 2-step EasyWhite짰 bins at 2700 K
logo
Hammond Manufacturing L...
1457K1602 HAMMOND-1457K1602 Datasheet
994Kb / 1P
   Solid models of this enclosure available in STEP or IGES.
1457K1601 HAMMOND-1457K1601 Datasheet
1Mb / 1P
   Solid models of this enclosure available in STEP or IGES
1457C1202 HAMMOND-1457C1202 Datasheet
914Kb / 1P
   Solid models of this enclosure available in STEP or IGES.
1457N1601 HAMMOND-1457N1601 Datasheet
240Kb / 1P
   Solid models of this enclosure available in STEP or IGES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com