Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CXB1310-0000-000N0UK450G Datasheet(PDF) 2 Page - Cree, Inc

Part # CXB1310-0000-000N0UK450G
Description  Available in 5-step EasyWhite
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

CXB1310-0000-000N0UK450G Datasheet(HTML) 2 Page - Cree, Inc

  CXB1310-0000-000N0UK450G Datasheet HTML 1Page - Cree, Inc CXB1310-0000-000N0UK450G Datasheet HTML 2Page - Cree, Inc CXB1310-0000-000N0UK450G Datasheet HTML 3Page - Cree, Inc CXB1310-0000-000N0UK450G Datasheet HTML 4Page - Cree, Inc CXB1310-0000-000N0UK450G Datasheet HTML 5Page - Cree, Inc CXB1310-0000-000N0UK450G Datasheet HTML 6Page - Cree, Inc CXB1310-0000-000N0UK450G Datasheet HTML 7Page - Cree, Inc CXB1310-0000-000N0UK450G Datasheet HTML 8Page - Cree, Inc CXB1310-0000-000N0UK450G Datasheet HTML 9Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
22
Copyright © 2016 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree®, XLamp® and EasyWhite® are registered trademarks and SC5 Technology™ and
the Cree logo are trademarks of Cree, Inc. UL® and the UR logo are registered trademarks of UL LLC.
2
XLamp® CXB1310 LED
CharaCtEristiCs
Characteristics
unit
Minimum
typical
Maximum
viewing angle (FWHM)
degrees
115
ESDwithstandvoltage(HBMperMil‑Std‑883D)
v
8000
DCforwardcurrent(18 V)
mA
1400*
DCforwardcurrent(36 V)
mA
700*
Reverse current
mA
0.1
Forwardvoltage(18 V,@700 mA,85 °C)
v
16.5
18.5
Forwardvoltage(36 V,@350 mA,85 °C)
v
33.0
37.0
*
Refer to the Operating Limits section.


Similar Part No. - CXB1310-0000-000N0UK450G

ManufacturerPart #DatasheetDescription
logo
Cree LED
CXB1310-0000-000N0UK450G CREELED-CXB1310-0000-000N0UK450G Datasheet
1Mb / 25P
   XLamp® CXB1310 LED
REV 4A
More results

Similar Description - CXB1310-0000-000N0UK450G

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CXB1520 CREE-CXB1520 Datasheet
2Mb / 15P
   Available in 5-step EasyWhite
MK-R CREE-MK-R Datasheet
1Mb / 33P
   Available in ANSI white bins as well as 4-step and 2-step EasyWhite bins at 2700 K
MT-G CREE-MT-G Datasheet
1Mb / 18P
   XLamp EasyWhite LEDs
MT-G2 CREE-MT-G2 Datasheet
1Mb / 19P
   XLamp EasyWhite LEDs
CXA1850 CREE-CXA1850 Datasheet
1Mb / 15P
   Available in 4-step and 2-step EasyWhite짰 bins at 2700 K
CXA2590 CREE-CXA2590 Datasheet
1Mb / 16P
   Available in 4-step and 2-step EasyWhite짰 bins at 2700 K
logo
Hammond Manufacturing L...
1457K1602 HAMMOND-1457K1602 Datasheet
994Kb / 1P
   Solid models of this enclosure available in STEP or IGES.
1457K1601 HAMMOND-1457K1601 Datasheet
1Mb / 1P
   Solid models of this enclosure available in STEP or IGES
1457C1202 HAMMOND-1457C1202 Datasheet
914Kb / 1P
   Solid models of this enclosure available in STEP or IGES.
1457N1601 HAMMOND-1457N1601 Datasheet
240Kb / 1P
   Solid models of this enclosure available in STEP or IGES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com