Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MHBAWT-0000-000C0BD265E Datasheet(PDF) 6 Page - Cree, Inc

Part # MHBAWT-0000-000C0BD265E
Description  Flexible 9?멫, 18?멫 or 36?멫 options
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

MHBAWT-0000-000C0BD265E Datasheet(HTML) 6 Page - Cree, Inc

Back Button MHBAWT-0000-000C0BD265E Datasheet HTML 2Page - Cree, Inc MHBAWT-0000-000C0BD265E Datasheet HTML 3Page - Cree, Inc MHBAWT-0000-000C0BD265E Datasheet HTML 4Page - Cree, Inc MHBAWT-0000-000C0BD265E Datasheet HTML 5Page - Cree, Inc MHBAWT-0000-000C0BD265E Datasheet HTML 6Page - Cree, Inc MHBAWT-0000-000C0BD265E Datasheet HTML 7Page - Cree, Inc MHBAWT-0000-000C0BD265E Datasheet HTML 8Page - Cree, Inc MHBAWT-0000-000C0BD265E Datasheet HTML 9Page - Cree, Inc MHBAWT-0000-000C0BD265E Datasheet HTML 10Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
Copyright © 2014-2016 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree®, XLamp® and EasyWhite® are registered trademarks and the Cree logo is a
trademark of Cree, Inc. UL® and the UR logo are registered trademarks of UL LLC.
6
XLamp® mHB-a LED
Notes
Cree maintains a tolerance of ±7% on flux and power measurements, ±0.005 on chromaticity (CCx, CCy) measurements and a
tolerance of ±2 on CRI measurements. See the Measurements section (page 24).
CreeXLampMHB-ALEDordercodesspecifyonlyaminimumfluxbinandnotamaximum.Creemayshipreelsinfluxbinshigherthan
theminimumspecifiedbytheordercodewithoutadvancenotice.Shipmentswillalwaysadheretothechromaticitybinrestrictions
specifiedbytheordercode.
*
Fluxvalues@25°Carecalculatedandforreferenceonly.
FLuX CHArACtEristiCs, EAsyWHitE® Order COdes and Bins - 18 V
The following table provides order codes for XLamp MHB-A LeDs. For a complete description of the order code nomenclature, please see
the Bin and Order Code Formats section (page 22).
Test condition: T
J=85 °C,18 V,IF=240 mA
nominal
CCt
Cri
Minimum Luminous Flux
2-step
3-step
5-step
Min
Group
Flux (lm)
@ 85 °C
Flux (lm)
@ 25 °C*
Group
order Code
Group
order Code
Group
order Code
6500 K
70
D2
510
570
65e
MHBAWT-0000-
000F0BD265e
D4
550
615
MHBAWT-0000-
000F0BD465e
e2
590
660
MHBAWT-0000-
000F0Be265e
80
C4
475
531
65e
MHBAWT-0000-
000F0HC465e
D2
510
570
MHBAWT-0000-
000F0HD265e
D4
550
615
MHBAWT-0000-
000F0HD465e
90
B4
410
459
65e
MHBAWT-0000-
000F0UB465e
C2
440
492
MHBAWT-0000-
000F0UC265e
C4
475
531
MHBAWT-0000-
000F0UC465e
5700 K
70
D2
510
570
57e
MHBAWT-0000-
000F0BD257e
D4
550
615
MHBAWT-0000-
000F0BD457e
e2
590
660
MHBAWT-0000-
000F0Be257e
80
C4
475
531
57e
MHBAWT-0000-
000F0HC457e
D2
510
570
MHBAWT-0000-
000F0HD257e
D4
550
615
MHBAWT-0000-
000F0HD457e
90
B4
410
459
57e
MHBAWT-0000-
000F0UB457e
C2
440
492
MHBAWT-0000-
000F0UC257e
C4
475
531
MHBAWT-0000-
000F0UC457e


Similar Part No. - MHBAWT-0000-000C0BD265E

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
MHBA ILLINOISCAPACITOR-MHBA Datasheet
636Kb / 8P
   Small size - High voltage ??High Capacitance
More results

Similar Description - MHBAWT-0000-000C0BD265E

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
MHB-B CREE-MHB-B Datasheet
1Mb / 25P
   Flexible 9?멫, 18?멫 or 36?멫 options
MHD-E CREE-MHD-E Datasheet
1Mb / 25P
   Flexible 9?멫, 18?멫 or 36?멫 options
MHD-G CREE-MHD-G Datasheet
1Mb / 21P
   Flexible 18?멫 or 36?멫 options
JR50506-V CREE-JR50506-V Datasheet
4Mb / 43P
   Cree짰 J Series??5050 6-V, 9?멫, 12?멫, 24?멫 & 36?멫 LEDs
JQ5050 CREE-JQ5050 Datasheet
4Mb / 26P
   Cree짰 J Series??5050 9?멫 LEDs
JK28359-V CREE-JK28359-V Datasheet
5Mb / 28P
   Cree짰 J Series??2835 9?멫 Value LEDs
logo
List of Unclassifed Man...
MIKE-1B ETC2-MIKE-1B Datasheet
301Kb / 2P
   Flexible connector and cable options
logo
Maxim Integrated Produc...
MAX13053AESHLD MAXIM-MAX13053AESHLD Datasheet
882Kb / 9P
   Family Provides Flexible Design Options
Rev 0; 7/18
logo
Integrated Device Techn...
IDT72264 IDT-IDT72264 Datasheet
392Kb / 31P
   VARIABLE WIDTH SUPERSYNCO FIFO 8,192 x 18 or 16,384 x 9 16,384 x 18 or 32,768 x 9
logo
Lineage Power Corporati...
JHW350R1 LINEAGEPOWER-JHW350R1 Datasheet
583Kb / 16P
   18 - 36Vdc or 36 - 75Vdc Input; 28Vdc Output; 350W
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com