Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CXB1310-0000-000N0UM250G Datasheet(PDF) 7 Page - Cree, Inc

Part # CXB1310-0000-000N0UM250G
Description  Available in 5-step EasyWhite
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

CXB1310-0000-000N0UM250G Datasheet(HTML) 7 Page - Cree, Inc

Back Button CXB1310-0000-000N0UM250G Datasheet HTML 3Page - Cree, Inc CXB1310-0000-000N0UM250G Datasheet HTML 4Page - Cree, Inc CXB1310-0000-000N0UM250G Datasheet HTML 5Page - Cree, Inc CXB1310-0000-000N0UM250G Datasheet HTML 6Page - Cree, Inc CXB1310-0000-000N0UM250G Datasheet HTML 7Page - Cree, Inc CXB1310-0000-000N0UM250G Datasheet HTML 8Page - Cree, Inc CXB1310-0000-000N0UM250G Datasheet HTML 9Page - Cree, Inc CXB1310-0000-000N0UM250G Datasheet HTML 10Page - Cree, Inc CXB1310-0000-000N0UM250G Datasheet HTML 11Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
77
Copyright © 2016 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree®, XLamp® and EasyWhite® are registered trademarks and SC5 Technology™ and
the Cree logo are trademarks of Cree, Inc. UL® and the UR logo are registered trademarks of UL LLC.
7
XLamp® CXB1310 LED
Notes
Creemaintainsatoleranceof±7%onfluxandpowermeasurements,±0.005onchromaticity(CCx,CCy)measurementsandatoleranceof±2onCRI
measurements. See the Measurements section (page 19).
CreeXLampCXB1310LEDordercodesspecifyonlyaminimumfluxbinandnotamaximum.Creemayshipreelsinfluxbinshigherthantheminimum
specifiedbytheordercodewithoutadvancenotice.Shipmentswillalwaysadheretothechromaticitybinrestrictionsspecifiedbytheordercode.
*
For80CRIminimumLEDs,CRIR9minimumis0witha±2tolerance.For90CRIminimumLEDs,CRIR9typicalis60.
** Fluxvalues@25 °Carecalculatedandforreferenceonly.
nominal
CCt
Cri*
Minimum Luminous flux
2-step
3-step
5-step
Min
typ
group Flux (lm)
@ 85 °C
Flux (lm)
@ 25 °C** group
order Code
group
order Code
group
order Code
group
order Code
3500 K
80
---
M2
1380
1504
35H
CXB1310-0000-
000N0HM235H
35G
CXB1310-0000-
000N0HM235G
M4
1485
1618
CXB1310-0000-
000N0HM435H
CXB1310-0000-
000N0HM435G
90
92
K2
1200
1308
35H
CXB1310-0000-
000N0UK235H
35G
CXB1310-0000-
000N0UK235G
K4
1290
1406
CXB1310-0000-
000N0UK435H
CXB1310-0000-
000N0UK435G
3000 K
80
---
M2
1380
1504
30H
CXB1310-0000-
000N0HM230H
30G
CXB1310-0000-
000N0HM230G
M4
1485
1618
CXB1310-0000-
000N0HM430H
CXB1310-0000-
000N0HM430G
90
92
J4
1120
1221
30Q
CXB1310-0000-
000N0UJ430Q
30U
CXB1310-0000-
000N0UJ430U
K2
1200
1308
CXB1310-0000-
000N0UK230Q
CXB1310-0000-
000N0UK230U
90
92
J4
1120
1221
30H
CXB1310-0000-
000N0UJ430H
30G
CXB1310-0000-
000N0UJ430G
K2
1200
1308
CXB1310-0000-
000N0UK230H
CXB1310-0000-
000N0UK230G
2700 K
80
---
K4
1290
1406
27H
CXB1310-0000-
000N0HK427H
27G
CXB1310-0000-
000N0HK427G
M2
1380
1504
CXB1310-0000-
000N0HM227H
CXB1310-0000-
000N0HM227G
90
92
J4
1120
1221
27H
CXB1310-0000-
000N0UJ427H
27G
CXB1310-0000-
000N0UJ427G
K2
1200
1308
CXB1310-0000-
000N0UK227H
CXB1310-0000-
000N0UK227G
fLuX CharaCtEristiCs, EasyWhitE® Order COdes and Bins - 36 V (i
f = 350 ma, tJ = 85 °C) - COntinued


Similar Part No. - CXB1310-0000-000N0UM250G

ManufacturerPart #DatasheetDescription
logo
Cree LED
CXB1310-0000-000N0UM250G CREELED-CXB1310-0000-000N0UM250G Datasheet
1Mb / 25P
   XLamp® CXB1310 LED
REV 4A
More results

Similar Description - CXB1310-0000-000N0UM250G

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CXB1520 CREE-CXB1520 Datasheet
2Mb / 15P
   Available in 5-step EasyWhite
MK-R CREE-MK-R Datasheet
1Mb / 33P
   Available in ANSI white bins as well as 4-step and 2-step EasyWhite bins at 2700 K
MT-G CREE-MT-G Datasheet
1Mb / 18P
   XLamp EasyWhite LEDs
MT-G2 CREE-MT-G2 Datasheet
1Mb / 19P
   XLamp EasyWhite LEDs
CXA1850 CREE-CXA1850 Datasheet
1Mb / 15P
   Available in 4-step and 2-step EasyWhite짰 bins at 2700 K
CXA2590 CREE-CXA2590 Datasheet
1Mb / 16P
   Available in 4-step and 2-step EasyWhite짰 bins at 2700 K
logo
Hammond Manufacturing L...
1457K1602 HAMMOND-1457K1602 Datasheet
994Kb / 1P
   Solid models of this enclosure available in STEP or IGES.
1457K1601 HAMMOND-1457K1601 Datasheet
1Mb / 1P
   Solid models of this enclosure available in STEP or IGES
1457C1202 HAMMOND-1457C1202 Datasheet
914Kb / 1P
   Solid models of this enclosure available in STEP or IGES.
1457N1601 HAMMOND-1457N1601 Datasheet
240Kb / 1P
   Solid models of this enclosure available in STEP or IGES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com