Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MHBBWT-0000-000N0BD440E Datasheet(PDF) 1 Page - Cree, Inc

Part # MHBBWT-0000-000N0BD440E
Description  Flexible 9?멫, 18?멫 or 36?멫 options
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

MHBBWT-0000-000N0BD440E Datasheet(HTML) 1 Page - Cree, Inc

  MHBBWT-0000-000N0BD440E Datasheet HTML 1Page - Cree, Inc MHBBWT-0000-000N0BD440E Datasheet HTML 2Page - Cree, Inc MHBBWT-0000-000N0BD440E Datasheet HTML 3Page - Cree, Inc MHBBWT-0000-000N0BD440E Datasheet HTML 4Page - Cree, Inc MHBBWT-0000-000N0BD440E Datasheet HTML 5Page - Cree, Inc MHBBWT-0000-000N0BD440E Datasheet HTML 6Page - Cree, Inc MHBBWT-0000-000N0BD440E Datasheet HTML 7Page - Cree, Inc MHBBWT-0000-000N0BD440E Datasheet HTML 8Page - Cree, Inc MHBBWT-0000-000N0BD440E Datasheet HTML 9Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
Product family data sheet
Copyright © 2016 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree®, XLamp® and EasyWhite®
are registered trademarks and the Cree logo is a trademark of Cree, Inc. UL® and the UR logo are registered trademarks of UL LLC.
Cree, Inc.
4600 Silicon Drive
Durham, NC 27703
USA Tel: +1.919.313.5300
Cree® XLamp® MHB-B LEDs
ProDuCt DEsCriPtion
The XLamp® MHB-B LeD is a new high-
power LeD that enables a more effective
way to lower system costs for high
lumen lighting applications, such as
high-bay, roadway and outdoor area, than
mid-power LeDs.
Leveraging key elements of Cree’s SC5
Technology™ Platform, the ceramic
MHB-B LeDs combine high light output,
high efficacy and high reliability to enable
high lumen LeD designs that are not
possible with mid-power LeDs.
The MHB-B LeD delivers higher LPW than
the MHB-A LeD in the same 5mm x 5mm
package, allowing lighting manufacturers
to quickly increase performance for
existing MHB designs without any
additional investment.
FEAturEs
• Flexible 9-v, 18-v or 36-v options
• Maximum drive current: 700 mA (9 V),
350 mA (18 V), 175 mA (36 V)
• viewing angle: 115°
• Available in 70-CRI, 80-CRI and 90-CRI
options
• Unlimited floor life at ≤ 30 ºC/85% RH
• Reflow solderable - JEDEC
J-STD-020C
• electrically neutral thermal path
• RoHS- and ReACh-compliant
• UL® recognized component (E349212)
tABLE oF ContEnts
Characteristics ...........................................2
Flux Characteristics, easyWhite® Order
Codes and Bins - 9 V..................................3
Flux Characteristics, easyWhite® Order
Codes and Bins - 18 V................................5
Flux Characteristics, easyWhite® Order
Codes and Bins - 36 V................................7
Relative Spectral Power Distribution ........9
Relative Flux vs. Junction Temperature....9
electrical Characteristics.........................10
Relative Flux vs. Current ..........................11
Relative Chromaticity vs. Current............13
Relative Chromaticity vs. Temperature...14
Typical Spatial Distribution......................14
Thermal Design........................................15
Performance Groups – Luminous Flux ..16
Thermal Design - Continued....................16
Performance Groups – Chromaticity......17
Cree’s Standard White Chromaticity
Regions Plotted on the 1931 CIe Curve..18
Bin and Order Code Formats...................19
Reflow Soldering Characteristics............20
Notes ........................................................21
Mechanical Dimensions ..........................23
Tape and Reel...........................................24
Packaging.................................................25


Similar Part No. - MHBBWT-0000-000N0BD440E

ManufacturerPart #DatasheetDescription
logo
CIT Relay & Switch
MHB CIT-MHB Datasheet
142Kb / 2P
   CIT SWITCH
logo
Cree, Inc
MHB-A CREE-MHB-A Datasheet
1Mb / 28P
   Flexible 9?멫, 18?멫 or 36?멫 options
logo
Mean Well Enterprises C...
MHB100 MEANWELL-MHB100 Datasheet
842Kb / 6P
   100W DC-DC Half-Brick Regulated Single Output Converter
MHB100-24S05 MEANWELL-MHB100-24S05 Datasheet
842Kb / 6P
   100W DC-DC Half-Brick Regulated Single Output Converter
MHB100-24S12 MEANWELL-MHB100-24S12 Datasheet
842Kb / 6P
   100W DC-DC Half-Brick Regulated Single Output Converter
More results

Similar Description - MHBBWT-0000-000N0BD440E

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
MHB-A CREE-MHB-A Datasheet
1Mb / 28P
   Flexible 9?멫, 18?멫 or 36?멫 options
MHD-E CREE-MHD-E Datasheet
1Mb / 25P
   Flexible 9?멫, 18?멫 or 36?멫 options
MHD-G CREE-MHD-G Datasheet
1Mb / 21P
   Flexible 18?멫 or 36?멫 options
JR50506-V CREE-JR50506-V Datasheet
4Mb / 43P
   Cree짰 J Series??5050 6-V, 9?멫, 12?멫, 24?멫 & 36?멫 LEDs
JQ5050 CREE-JQ5050 Datasheet
4Mb / 26P
   Cree짰 J Series??5050 9?멫 LEDs
JK28359-V CREE-JK28359-V Datasheet
5Mb / 28P
   Cree짰 J Series??2835 9?멫 Value LEDs
logo
List of Unclassifed Man...
MIKE-1B ETC2-MIKE-1B Datasheet
301Kb / 2P
   Flexible connector and cable options
logo
Maxim Integrated Produc...
MAX13053AESHLD MAXIM-MAX13053AESHLD Datasheet
882Kb / 9P
   Family Provides Flexible Design Options
Rev 0; 7/18
logo
Integrated Device Techn...
IDT72264 IDT-IDT72264 Datasheet
392Kb / 31P
   VARIABLE WIDTH SUPERSYNCO FIFO 8,192 x 18 or 16,384 x 9 16,384 x 18 or 32,768 x 9
logo
Lineage Power Corporati...
JHW350R1 LINEAGEPOWER-JHW350R1 Datasheet
583Kb / 16P
   18 - 36Vdc or 36 - 75Vdc Input; 28Vdc Output; 350W
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com