Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX1189AEUI Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX1189AEUI
Description  16-Bit, 135ksps, Single-Supply ADCs with Bipolar Analog Input Range
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1189AEUI Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX1189AEUI Datasheet HTML 1Page - Maxim Integrated Products MAX1189AEUI Datasheet HTML 2Page - Maxim Integrated Products MAX1189AEUI Datasheet HTML 3Page - Maxim Integrated Products MAX1189AEUI Datasheet HTML 4Page - Maxim Integrated Products MAX1189AEUI Datasheet HTML 5Page - Maxim Integrated Products MAX1189AEUI Datasheet HTML 6Page - Maxim Integrated Products MAX1189AEUI Datasheet HTML 7Page - Maxim Integrated Products MAX1189AEUI Datasheet HTML 8Page - Maxim Integrated Products MAX1189AEUI Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
16-Bit, 135ksps, Single-Supply ADCs with
Bipolar Analog Input Range
________________________________________________________________ Maxim Integrated Products
1
19-2675; Rev 1; 1/03
For pricing, delivery, and ordering information, please contact Maxim/Dallas Direct! at
1-888-629-4642, or visit Maxim’s website at www.maxim-ic.com.
General Description
The MAX1179/MAX1187/MAX1189 16-bit, low-power,
successive-approximation analog-to-digital converters
(ADCs) feature automatic power-down, a factory-
trimmed internal clock, and a 16-bit wide parallel inter-
face. The devices operate from a single +4.75V to
+5.25V analog supply and feature a separate digital
supply input for direct interface with +2.7V to +5.25V
digital logic.
The MAX1179 accepts a bipolar input voltage range of
±5V. The MAX1187 accepts an analog input voltage
range from 0 to +10V, while the MAX1189 accepts a
bipolar analog input voltage range of ±10V. All devices
consume only 23mW at a sampling rate of 135ksps
when using an external reference and 29mW when
using the internal +4.096V reference. AutoShutdown™
reduces supply current to 0.4mA at 10ksps. The
MAX1179/MAX1187/MAX1189 are ideal for high-perfor-
mance, battery-powered data-acquisition applications.
Excellent AC performance (THD = -100dB) and DC
accuracy (±2LSB INL) make the MAX1179/MAX1187/
MAX1189 ideal for industrial process control, instrumen-
tation, and medical applications.
The MAX1179/MAX1187/MAX1189 are available in a
28-pin TSSOP package and are fully specified over the
-40°C to +85°C extended temperature range and the
0°C to +70°C commercial temperature range.
Applications
Temperature Sensing and Monitoring
Industrial Process Control
I/O Modules
Data-Acquisition Systems
Precision Instrumentation
Features
o Analog Input Voltage Range: ±10V, ±5V, or 0 to 10V
o 16-Bit Wide Parallel Interface
o Single +4.75V to +5.25V Analog Supply Voltage
o Interfaces with +2.7V to +5.25V Digital Logic
o ±2LSB INL (max)
o ±1LSB DNL (max)
o Low Supply Current (MAX1189)
5.3mA (External Reference)
6.2mA (Internal Reference)
5µA AutoShutdown Mode
o Small Footprint
28-Pin TSSOP Package
Ordering Information
PART
TEMP RANGE
PIN-PACKAGE
INPUT VOLTAGE
RANGE
INL (LSB)
MAX1179ACUI
0°C to +70°C
28 TSSOP
±5V
±2
MAX1179BCUI
0°C to +70°C
28 TSSOP
±5V
±2
28
27
26
25
24
23
22
21
20
19
18
17
16
15
1
2
3
4
5
6
7
8
9
10
11
12
13
14
D5
D4
D7
D6
D3
D2
D1
REFADJ
D0
DVDD
DGND
RESET
REF
AGND
AIN
AGND
AVDD
D15
D14
D13
D12
D11
D10
D9
D8
TSSOP
TOP VIEW
MAX1179
MAX1187
MAX1189
R/C
EOC
CS
Pin Configuration
AutoShutdown is a trademark of Maxim Integrated Products, Inc.
Ordering Information continued at end of data sheet.


Similar Part No. - MAX1189AEUI

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX118 MAXIM-MAX118 Datasheet
102Kb / 12P
   5V, 1Msps, 4 & 8-Channel, 8-Bit ADCs with 1關A Power-Down
19-1083; Rev 1; 8/96
MAX118 MAXIM-MAX118 Datasheet
94Kb / 8P
   Fully Assembled and Tested
Rev 0; 7/96
MAX1180 MAXIM-MAX1180 Datasheet
573Kb / 20P
   Dual 10-Bit, 105Msps, 3.3V, Low-Power ADC with Internal Reference and Parallel Outputs
19-2097; Rev 0; 7/01
MAX1180 MAXIM-MAX1180 Datasheet
497Kb / 9P
   Single-Ended or Fully Differential Signal Input Configuration
Rev 2; 7/02
MAX11800 MAXIM-MAX11800 Datasheet
917Kb / 56P
   Low-Power, Ultra-Small Resistive Touch-Screen Controllers with I2C/SPI Interface
Rev 0; 7/09
More results

Similar Description - MAX1189AEUI

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1178 MAXIM-MAX1178 Datasheet
330Kb / 14P
   16-Bit, 135ksps, Single-Supply ADCs with Bipolar Analog Input Range
Rev 1; 8/03
MAX1188AEUP MAXIM-MAX1188AEUP Datasheet
336Kb / 14P
   16-Bit, 135ksps, Single-Supply ADCs with Bipolar Analog Input Range
Rev 1; 8/03
MAX1157 MAXIM-MAX1157 Datasheet
301Kb / 15P
   14-Bit, 135ksps, Single-Supply ADCs with Bipolar Analog Input Range
Rev 1; 1/03
MAX1156 MAXIM-MAX1156 Datasheet
298Kb / 15P
   14-Bit, 135ksps, Single-Supply ADCs with Bipolar Analog Input Range
19-2736; Rev 0; 1/03
MAX1177 MAXIM-MAX1177 Datasheet
293Kb / 13P
   16-Bit, 135ksps, Single-Supply ADC with 0 to 10V Input Range
Rev 0; 8/03
logo
SG Micro Corp
SGM51652H4 SGMICRO-SGM51652H4 Datasheet
1Mb / 43P
   16-Bit, 500kSPS, 4- and 8-Channel,Single Supply, SAR ADCs with Bipolar Input Ranges
DECEMBER 2022-REV.A
logo
Linear Technology
LTC2389 LINER-LTC2389 Datasheet
945Kb / 12P
   18-Bit/16-Bit, 2.5Msps Low Noise, SAR ADCs with Pin-Configurable Analog Input Range
logo
Maxim Integrated Produc...
MAX1134 MAXIM-MAX1134 Datasheet
353Kb / 18P
   16-Bit ADCs, 150ksps, 3.3V Single Supply
19-2464; Rev 0; 4/02
logo
Linear Technology
LTC1605-1 LINER-LTC1605-1_15 Datasheet
320Kb / 20P
   Single Supply 16-Bit, 100ksps, Sampling ADCs
LTC1605-2 LINER-LTC1605-2_15 Datasheet
320Kb / 20P
   Single Supply 16-Bit, 100ksps, Sampling ADCs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com