Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MHDEWT-0000-000C0BH457E Datasheet(PDF) 10 Page - Cree, Inc

Part # MHDEWT-0000-000C0BH457E
Description  Flexible 9?멫, 18?멫 or 36?멫 options
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

MHDEWT-0000-000C0BH457E Datasheet(HTML) 10 Page - Cree, Inc

Back Button MHDEWT-0000-000C0BH457E Datasheet HTML 6Page - Cree, Inc MHDEWT-0000-000C0BH457E Datasheet HTML 7Page - Cree, Inc MHDEWT-0000-000C0BH457E Datasheet HTML 8Page - Cree, Inc MHDEWT-0000-000C0BH457E Datasheet HTML 9Page - Cree, Inc MHDEWT-0000-000C0BH457E Datasheet HTML 10Page - Cree, Inc MHDEWT-0000-000C0BH457E Datasheet HTML 11Page - Cree, Inc MHDEWT-0000-000C0BH457E Datasheet HTML 12Page - Cree, Inc MHDEWT-0000-000C0BH457E Datasheet HTML 13Page - Cree, Inc MHDEWT-0000-000C0BH457E Datasheet HTML 14Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 25 page
background image
Copyright © 2015-2016 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree®, XLamp® and EasyWhite® are registered trademarks and the Cree logo is a
trademark of Cree, Inc. UL® and the UR logo are registered trademarks of UL LLC.
10
XLamp® mHD-E LED
relatiVe Flux Vs. Current (t
J = 85 °C) - COntinued
0%
20%
40%
60%
80%
100%
120%
140%
160%
0
100
200
300
400
500
600
700
Forward Current (mA)
18 V
Relative Intensity vs. Current (Tj = 85ºC)
0%
20%
40%
60%
80%
100%
120%
140%
160%
0
50
100
150
200
250
300
350
Forward Current (mA)
36 V


Similar Part No. - MHDEWT-0000-000C0BH457E

ManufacturerPart #DatasheetDescription
logo
MERITEK ELECTRONICS COR...
MHD MERITEK-MHD Datasheet
285Kb / 2P
   Snap-In Aluminim Electrolytic Capacitors
logo
Cree, Inc
MHD-G CREE-MHD-G Datasheet
1Mb / 21P
   Flexible 18?멫 or 36?멫 options
logo
MERITEK ELECTRONICS COR...
MHD160V153M22X25 MERITEK-MHD160V153M22X25 Datasheet
285Kb / 2P
   Snap-In Aluminim Electrolytic Capacitors
MHD160V222M22X25 MERITEK-MHD160V222M22X25 Datasheet
285Kb / 2P
   Snap-In Aluminim Electrolytic Capacitors
MHD160V473M22X25 MERITEK-MHD160V473M22X25 Datasheet
285Kb / 2P
   Snap-In Aluminim Electrolytic Capacitors
More results

Similar Description - MHDEWT-0000-000C0BH457E

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
MHB-A CREE-MHB-A Datasheet
1Mb / 28P
   Flexible 9?멫, 18?멫 or 36?멫 options
MHB-B CREE-MHB-B Datasheet
1Mb / 25P
   Flexible 9?멫, 18?멫 or 36?멫 options
MHD-G CREE-MHD-G Datasheet
1Mb / 21P
   Flexible 18?멫 or 36?멫 options
JR50506-V CREE-JR50506-V Datasheet
4Mb / 43P
   Cree짰 J Series??5050 6-V, 9?멫, 12?멫, 24?멫 & 36?멫 LEDs
JQ5050 CREE-JQ5050 Datasheet
4Mb / 26P
   Cree짰 J Series??5050 9?멫 LEDs
JK28359-V CREE-JK28359-V Datasheet
5Mb / 28P
   Cree짰 J Series??2835 9?멫 Value LEDs
logo
List of Unclassifed Man...
MIKE-1B ETC2-MIKE-1B Datasheet
301Kb / 2P
   Flexible connector and cable options
logo
Maxim Integrated Produc...
MAX13053AESHLD MAXIM-MAX13053AESHLD Datasheet
882Kb / 9P
   Family Provides Flexible Design Options
Rev 0; 7/18
logo
Integrated Device Techn...
IDT72264 IDT-IDT72264 Datasheet
392Kb / 31P
   VARIABLE WIDTH SUPERSYNCO FIFO 8,192 x 18 or 16,384 x 9 16,384 x 18 or 32,768 x 9
logo
Lineage Power Corporati...
JHW350R1 LINEAGEPOWER-JHW350R1 Datasheet
583Kb / 16P
   18 - 36Vdc or 36 - 75Vdc Input; 28Vdc Output; 350W
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com