Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS4C1M16S Datasheet(PDF) 11 Page - Alliance Semiconductor Corporation

Part # AS4C1M16S
Description  1M x 16 bit Synchronous DRAM
Download  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

AS4C1M16S Datasheet(HTML) 11 Page - Alliance Semiconductor Corporation

Back Button AS4C1M16S Datasheet HTML 7Page - Alliance Semiconductor Corporation AS4C1M16S Datasheet HTML 8Page - Alliance Semiconductor Corporation AS4C1M16S Datasheet HTML 9Page - Alliance Semiconductor Corporation AS4C1M16S Datasheet HTML 10Page - Alliance Semiconductor Corporation AS4C1M16S Datasheet HTML 11Page - Alliance Semiconductor Corporation AS4C1M16S Datasheet HTML 12Page - Alliance Semiconductor Corporation AS4C1M16S Datasheet HTML 13Page - Alliance Semiconductor Corporation AS4C1M16S Datasheet HTML 14Page - Alliance Semiconductor Corporation AS4C1M16S Datasheet HTML 15Page - Alliance Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 53 page
background image
Col n
COMMAND
NOP
NOP
AS4C1M16S
CLK
T0
T1
T2
T3
T4
T5
T6
T7
T8
COMMAND
NOP
WRITE A
READ B
NOP
NOP
NOP
NOP
NOP
NOP
CAS# Latency=2
tCK2, DQ
DIN A0
don’t care
DOUT B0
DOUT B1
DOUT B2
DOUT B3
CAS# Latency=3
tCK3, DQ
DIN A0
don’t care
don’t care
DOUT B0
DOUT B1
DOUT B2
DOUT B3
Input data must be removed from the DQ at
least one clock cycle before the Read data
appears on the outputs to avoid data contention
Figure 12. Write Interrupted by a Read (Burst Length = 4, CAS# Latency = 2, 3)
The BankPrecharge/PrechargeAll command that interrupts a write burst without the auto
precharge function should be issued m cycles after the clock edge in which the last data-in element
is registered, where m equals tWR/tCK rounded up to the next whole number. In addition, the
LDQM/UDQM signals must be used to mask input data, starting with the clock edge following the
last data-in element and ending with the clock edge on which the BankPrecharge/PrechargeAll
command is entered (refer to the following figure).
CLK
T0
T1
T2
T3
T4
T5
T6
T7
DQM
COMMAND
tRP
WRITE
NOP
NOP
Precharge
NOP
NOP
Activate
NOP
ADDRESS
Bank
DIN
DIN
tWR
Bank (s)
ROW
DQ
n
N+1
Don’t Care
Note: The LDQM/UDQM can remain low in this example if the length of the write burst is 1 or 2.
Figure 13. Write to Precharge
7
Write and AutoPrecharge command (refer to the following figure)
(RAS# = "H", CAS# = "L", WE# = "L", A11 = “V”, A10 = "H", A0-A7 = Column Address)
The Write and AutoPrecharge command performs the precharge operation automatically after the
write operation. Once this command is given, any subsequent command can not occur within a time
delay of {(burst length -1) + tWR + tRP (min.)}. At full-page burst, only the write operation is performed
in this command and the auto precharge function is ignored.
CLK
T0
T1
T2
T3
T4
T5
T6
T7
T8
T9
Bank A
Activate
WRITE A
Auto Precharge
NOP
NOP
NOP
NOP
NOP
tDAL
Bank A
Activate
DQ
DIN A0
DIN A1
tDAL=tWR+tRP
Begin AutoPrecharge
Bank can be reactivated at
completion of tDAL
Figure 14. Burst Write with Auto-Precharge (Burst Length = 2)
11


Similar Part No. - AS4C1M16S

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
AS4C1M16S-6TIN ALSC-AS4C1M16S-6TIN Datasheet
1Mb / 54P
   1M x 16 bit Synchronous DRAM (SDRAM)
AS4C1M16S-6TIN ALSC-AS4C1M16S-6TIN Datasheet
1Mb / 54P
   Programmable Mode registers
AS4C1M16S-7TCN ALSC-AS4C1M16S-7TCN Datasheet
1Mb / 54P
   1M x 16 bit Synchronous DRAM (SDRAM)
AS4C1M16S-7TCN ALSC-AS4C1M16S-7TCN Datasheet
1Mb / 54P
   Programmable Mode registers
AS4C1M16S-CI ALSC-AS4C1M16S-CI Datasheet
1Mb / 54P
   Programmable Mode registers
More results

Similar Description - AS4C1M16S

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
AS4C1M16S-7TCN ALSC-AS4C1M16S-7TCN Datasheet
1Mb / 54P
   1M x 16 bit Synchronous DRAM (SDRAM)
logo
Etron Technology, Inc.
EM636165TS ETRON-EM636165TS Datasheet
489Kb / 52P
   1M x 16 bit Synchronous DRAM (SDRAM)
logo
Generalplus Technology ...
GPR323616A GENERALPLUS-GPR323616A Datasheet
1Mb / 56P
   1M x 16 bit Synchronous DRAM (SDRAM)
logo
Elite Semiconductor Mem...
M52S128168A ESMT-M52S128168A Datasheet
1Mb / 47P
   1M x 16 Bit x 4 Banks Synchronous DRAM
M12S64164A ESMT-M12S64164A Datasheet
1Mb / 45P
   1M x 16 Bit x 4 Banks Synchronous DRAM
logo
AMIC Technology
A43L1616 AMICC-A43L1616 Datasheet
1Mb / 44P
   1M X 16 Bit X 2 Banks Synchronous DRAM
logo
Elite Semiconductor Mem...
M12L64164A ESMT-M12L64164A_07 Datasheet
814Kb / 45P
   1M x 16 Bit x 4 Banks Synchronous DRAM
logo
A-Data Technology
VDS6616A4A A-DATA-VDS6616A4A Datasheet
608Kb / 8P
   Synchronous DRAM(1M X 16 Bit X 4 Banks)
Rev 1.1 April, 2001
logo
AMIC Technology
A43L2616A AMICC-A43L2616A Datasheet
1Mb / 42P
   1M X 16 Bit X 4 Banks Synchronous DRAM
logo
Elite Semiconductor Mem...
M12L64164A ESMT-M12L64164A_09 Datasheet
1Mb / 45P
   1M x 16 Bit x 4 Banks Synchronous DRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com