Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS4C2M32SA-6TCN Datasheet(PDF) 3 Page - Alliance Semiconductor Corporation

Part # AS4C2M32SA-6TCN
Description  64Mb SDRAM AS4C2M32SA - 86pin TSOP II PACKAGE
Download  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

AS4C2M32SA-6TCN Datasheet(HTML) 3 Page - Alliance Semiconductor Corporation

  AS4C2M32SA-6TCN Datasheet HTML 1Page - Alliance Semiconductor Corporation AS4C2M32SA-6TCN Datasheet HTML 2Page - Alliance Semiconductor Corporation AS4C2M32SA-6TCN Datasheet HTML 3Page - Alliance Semiconductor Corporation AS4C2M32SA-6TCN Datasheet HTML 4Page - Alliance Semiconductor Corporation AS4C2M32SA-6TCN Datasheet HTML 5Page - Alliance Semiconductor Corporation AS4C2M32SA-6TCN Datasheet HTML 6Page - Alliance Semiconductor Corporation AS4C2M32SA-6TCN Datasheet HTML 7Page - Alliance Semiconductor Corporation AS4C2M32SA-6TCN Datasheet HTML 8Page - Alliance Semiconductor Corporation AS4C2M32SA-6TCN Datasheet HTML 9Page - Alliance Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 54 page
background image
Figure 1. Pin Assignment (Top View)
1
86
VDD
VSS
2
85
DQ0
DQ15
3
84
VDDQ
VSSQ
4
83
DQ1
DQ14
5
82
DQ2
DQ13
6
81
VSSQ
VDDQ
7
80
DQ3
DQ12
8
79
DQ4
DQ11
9
78
VDDQ
VSSQ
10
77
DQ5
DQ10
11
76
DQ6
DQ9
12
75
VSSQ
VDDQ
13
74
DQ7
DQ8
14
73
NC
NC
15
72
VDD
VSS
16
71
DQM0
DQM1
18
69
CAS#
NC
19
68
RAS#
CLK
20
67
CS#
CKE
22
65
BA0
A8
23
64
BA1
A7
24
63
A10/AP
A6
25
62
A0
A5
26
61
A1
A4
27
60
A2
A3
28
59
DQM2
DQM3
29
58
VDD
VSS
17
70
WE#
NC
21
66
NC
A9
31
56
DQ16
DQ31
32
55
VSSQ
VDDQ
33
54
DQ17
DQ30
34
53
DQ18
DQ29
35
52
VDDQ
VSSQ
36
51
DQ19
DQ28
37
50
DQ20
DQ27
38
49
VSSQ
VDDQ
30
57
NC
NC
39
48
DQ21
DQ26
40
47
DQ22
DQ25
41
46
VDDQ
VSSQ
42
45
DQ23
DQ24
43
44
VDD
VSS
AS4C2M32SA-6TIN
AS4C2M32SA-6TCN
AS4C2M32SA-7TCN
Confidential
-3/54-
Rev.1.0 Sep. 2015


Similar Part No. - AS4C2M32SA-6TCN

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
AS4C2M32S ALSC-AS4C2M32S Datasheet
1Mb / 53P
   AS4C2M32S
More results

Similar Description - AS4C2M32SA-6TCN

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K4S640432H-TC SAMSUNG-K4S640432H-TC Datasheet
144Kb / 14P
   64Mb H-die SDRAM Specification 54 TSOP-II with Pb-Free
K4S640432H-UC SAMSUNG-K4S640432H-UC Datasheet
144Kb / 14P
   64Mb H-die SDRAM Specification 54 TSOP-II with Pb-Free (RoHS compliant)
logo
List of Unclassifed Man...
EM484M1644VTA-55L ETC1-EM484M1644VTA-55L Datasheet
741Kb / 18P
   64Mb SDRAM
EM482M3244VTA-5L ETC1-EM482M3244VTA-5L Datasheet
934Kb / 33P
   64Mb SDRAM
logo
Hynix Semiconductor
H5DU6462CTR-FAX HYNIX-H5DU6462CTR-FAX Datasheet
329Kb / 29P
   64Mb DDR SDRAM
logo
Mosel Vitelic, Corp
V55C2128164V MOSEL-V55C2128164V Datasheet
591Kb / 44P
   128Mbit LOW-POWER SDRAM 2.5 VOLT, TSOP II / BGA PACKAGE 8M X 16
logo
White Electronic Design...
W3DG648V-D1 WEDC-W3DG648V-D1 Datasheet
129Kb / 6P
   64MB - 2x4Mx64 SDRAM, UNBUFFERED
W3DG647V-D2 WEDC-W3DG647V-D2 Datasheet
81Kb / 5P
   64MB- 8Mx64 SDRAM UNBUFFERED
W3DG648V-D2 WEDC-W3DG648V-D2 Datasheet
76Kb / 5P
   64MB- 8Mx64 SDRAM UNBUFFERED
W3DG727V-D2 WEDC-W3DG727V-D2 Datasheet
121Kb / 5P
   64MB - 8Mx72 SDRAM UNBUFFERED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com