Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MBRM140D Datasheet(PDF) 4 Page - ON Semiconductor

Part # MBRM140D
Description  Surface Mount Schottky Power Rectifier
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MBRM140D Datasheet(HTML) 4 Page - ON Semiconductor

  MBRM140D Datasheet HTML 1Page - ON Semiconductor MBRM140D Datasheet HTML 2Page - ON Semiconductor MBRM140D Datasheet HTML 3Page - ON Semiconductor MBRM140D Datasheet HTML 4Page - ON Semiconductor MBRM140D Datasheet HTML 5Page - ON Semiconductor MBRM140D Datasheet HTML 6Page - ON Semiconductor MBRM140D Datasheet HTML 7Page - ON Semiconductor MBRM140D Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
MBRM140
http://onsemi.com
4
Ipk/Io = 5
Figure 5. Current Derating
Figure 6. Forward Power Dissipation
TL, LEAD TEMPERATURE (°C)
IO, AVERAGE FORWARD CURRENT (AMPS)
0.2
0
1.0
0.6
0.5
0.3
0.1
0
1.0
0.4
0.8
1.2
1.6
0.4
SQUARE
WAVE
dc
Ipk/Io = p
Ipk/Io = 10
Ipk/Io = 20
0.6
1.4
0.2
0.7
0.8
0.9
45
75
25
1.8
1.2
1.0
0.8
0.2
0
55
115
105
1.4
125
1.6
Ipk/Io = 20
Ipk/Io = 10
Ipk/Io = 5
Ipk/Io = p
SQUARE WAVE
dc
0.6
0.4
FREQ = 20 kHz
35
65
85
95
Figure 7. Capacitance
Figure 8. Typical Operating Temperature Derating*
30
0
VR, REVERSE VOLTAGE (VOLTS)
1000
100
10
VR, DC REVERSE VOLTAGE (VOLTS)
15
40
0
115
95
85
75
15
5.0
10
20
25
20
25
5.0
10
105
125
* Reverse power dissipation and the possibility of thermal runaway must be considered when operating this device under any re-
verse voltage conditions. Calculations of TJ therefore must include forward and reverse power effects. The allowable operating
TJ may be calculated from the equation:
TJ = TJmax - r(t)(Pf + Pr) where
r(t) = thermal impedance under given conditions,
Pf = forward power dissipation, and
Pr = reverse power dissipation
This graph displays the derated allowable TJ due to reverse bias under DC conditions only and is calculated as TJ = TJmax - r(t)Pr,
where r(t) = Rthja. For other power applications further calculations must be performed.
Rtja = 33.72°C/W
51
°C/W
83.53
°C/W
96
°C/W
TJ = 25°C
40
35
30
35
69
°C/W


Similar Part No. - MBRM140D

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MBRM140 ONSEMI-MBRM140 Datasheet
69Kb / 5P
   Surface Mount Schottky Power Rectifier
September, 2006 ??Rev. 3
logo
Linear Technology
MBRM140 LINER-MBRM140 Datasheet
207Kb / 20P
   True Color PWM Delivers Constant Color with 400:1 Dimming Range
logo
ON Semiconductor
MBRM140E ONSEMI-MBRM140E Datasheet
158Kb / 5P
   Low Leakage Surface Mount Schottky Power Rectifier
September, 2006 ??Rev. 2
MBRM140ET1 ONSEMI-MBRM140ET1 Datasheet
158Kb / 5P
   Low Leakage Surface Mount Schottky Power Rectifier
September, 2006 ??Rev. 2
MBRM140ET1G ONSEMI-MBRM140ET1G Datasheet
158Kb / 5P
   Low Leakage Surface Mount Schottky Power Rectifier
September, 2006 ??Rev. 2
More results

Similar Description - MBRM140D

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MBRA140 ONSEMI-MBRA140 Datasheet
72Kb / 4P
   Surface Mount Schottky Power Rectifier
April, 2002 ??Rev. 5
MBRS2040LT3 ONSEMI-MBRS2040LT3 Datasheet
96Kb / 6P
   Surface Mount Schottky Power Rectifier
December, 2003 ??Rev. 3
SS24 ONSEMI-SS24 Datasheet
64Kb / 6P
   Surface Mount Schottky Power Rectifier
July, 2005 ??Rev. 2
MBRA210LT3 ONSEMI-MBRA210LT3 Datasheet
46Kb / 8P
   Surface Mount Schottky Power Rectifier
December, 2002 - Rev. 3
MBRA340T3 ONSEMI-MBRA340T3 Datasheet
49Kb / 6P
   Surface Mount Schottky Power Rectifier
July, 2004 ??Rev. 2
MBRA120LT3 ONSEMI-MBRA120LT3 Datasheet
42Kb / 4P
   Surface Mount Schottky Power Rectifier
April, 2002 ??Rev. 1
MBR140SFT1 ONSEMI-MBR140SFT1 Datasheet
61Kb / 6P
   Surface Mount Schottky Power Rectifier
September, 2003 ??Rev. 2
MBR120ESFT1 ONSEMI-MBR120ESFT1_05 Datasheet
62Kb / 6P
   Surface Mount Schottky Power Rectifier
July, 2005 ??Rev. 2
MBR120LSFT1 ONSEMI-MBR120LSFT1_05 Datasheet
62Kb / 6P
   Surface Mount Schottky Power Rectifier
July, 2005 ??Rev. 2
MBRS540T3 ONSEMI-MBRS540T3_05 Datasheet
65Kb / 5P
   Surface Mount Schottky Power Rectifier
November, 2005 ??Rev. 5
logo
Motorola, Inc
MBRA140T3 MOTOROLA-MBRA140T3 Datasheet
135Kb / 4P
   Surface Mount Schottky Power Rectifier
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com