Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS4C128M16D3B-12BCN Datasheet(PDF) 7 Page - Alliance Semiconductor Corporation

Part # AS4C128M16D3B-12BCN
Description  2Gb AS4C128M16D3B-12BCN - 96 ball FBGA PACKAGE
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

AS4C128M16D3B-12BCN Datasheet(HTML) 7 Page - Alliance Semiconductor Corporation

Back Button AS4C128M16D3B-12BCN Datasheet HTML 3Page - Alliance Semiconductor Corporation AS4C128M16D3B-12BCN Datasheet HTML 4Page - Alliance Semiconductor Corporation AS4C128M16D3B-12BCN Datasheet HTML 5Page - Alliance Semiconductor Corporation AS4C128M16D3B-12BCN Datasheet HTML 6Page - Alliance Semiconductor Corporation AS4C128M16D3B-12BCN Datasheet HTML 7Page - Alliance Semiconductor Corporation AS4C128M16D3B-12BCN Datasheet HTML 8Page - Alliance Semiconductor Corporation AS4C128M16D3B-12BCN Datasheet HTML 9Page - Alliance Semiconductor Corporation AS4C128M16D3B-12BCN Datasheet HTML 10Page - Alliance Semiconductor Corporation AS4C128M16D3B-12BCN Datasheet HTML 11Page - Alliance Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 41 page
background image
Basic Functionality
Read and write operation to the DDR3 SDRAM are burst oriented, start at a selected location, and continue for a burst
length of four or eight in a programmed sequence. Operation begins with the registration of an Active command, which
is then followed by a Read or Write command. The address bits registered coincident with the Active command are used
to select the bank and row to be accessed (BA0-BA2 select the bank; A0-A14 select the row).The address bits regis-
tered coincident with the Read or Write command are used to select the starting column location for the burst operation,
determine if the auto precharge command is to be issued (via A10/AP), and the select BC4 or BL8 mode “on the fly” (via
A12) if enabled in the mode register.
Prior to normal operation, the DDR3 SDRAM must be powered up and initialized in a predefined manner. The following
sections provide detailed information covering device reset and initialization, register definition, command descriptions
and device operation.
Power-up and Initialization Sequence
The following sequence is required for POWER UP and Initialization.
1. Apply power and attempt to maintain RESET below 0.2 x VDD (all other inputs may be undefined). RESET needs to
be maintained for minimum 200
μs with stable power. CKE is pulled “Low” anytime before RESET being de-asserted
(min. time 10ns). The power voltage ramp time between 300mV to VDD min must be no longer than 200ms; and dur-
ing the ramp, VDD > VDDQ and VDD -VDDQ < 0.3 volts.
- VDD and VDDQ are driven from a single power converter output, AND
- The voltage levels on all pins other than VDD,VDDQ,VSS,VSSQ must be less than or equal to VDDQ and VDD on
one side and must be larger than or equal to VSSQ and VSS on the other side. In addition, VTT is limited to 0.95V
max once power ramp is finished, AND
- Vref tracks VDDQ/2.
or
- Apply VDD without any slope reversal before or at the same time as VDDQ.
- Apply VDDQ without any slope reversal before or at the same time as VTT & Vref.
- The voltage levels on all pins other than VDD,VDDQ,VSS,VSSQ must be less than or equal to VDDQ and VDD on
one side and must be larger than or equal to VSSQ and VSS on the other side.
2. After RESET is de-asserted, wait for another 500us until CKE becomes active. During this time, the DRAM will start
internal initialization; this will bedone independently of external clocks.
3. Clocks (CK, CK) need to be started and stabilized for at least 10ns or 5tCK (which is larger) before CKE goes active.
Since CKE is a synchronous signal, the corresponding setup time to clock (tIS) must be met. Also a NOP or Deselect
command must be registered (with tIS set up time to clock) before CKE goes active. Once the CKE registered “High”
after Reset, CKE needs to be continuously registered “High” until the initialization sequenceis finished, including expi-
ration of tDLLK and tZQinit.
4. The DDR3 SDRAM keeps its on-die termination in high-impedance state as long as RESET is asserted. Further, the
SDRAM keeps its on-die termination in high impedance state after RESET deassertion until CKE is registered HIGH.
The ODT input signal may be in undefined state until tIS before CKE is registered HIGH. When CKE is registered
HIGH, the ODT input signal may be statically held at either LOW or HIGH. If RTT_NOM is to be enabled in MR1 and
the on-die termination is required to remain in the high impedance state, the ODT input signal must be statically held
LOW. In all cases, the ODT input signal remains static until the power up initialization sequence is finished, including
the expiration of tDLLK and tZQinit.
5. After CKE is registered high, wait minimum of Reset CKE Exit time, tXPR, before issuing the first MRS command to
load mode register.(tXPR=Max(tXS, 5tCK)]
6. Issue MRS Command to load MR2 with all application settings. (To issue MRS command for MR2, provide “Low” to
BA0 and BA2, “High” to BA1.)
7. Issue MRS Command to load MR3 with all application settings. (To issue MRS command for MR3, provide “Low” to
BA2, “High” to BA0 and BA1.)
8. Issue MRS Command to load MR1 with all application settings and DLL enabled. (To issue ”DLL Enable” command,
provide “Low” to A0, ”High” to BA0 and “Low” to BA1-BA2)
9. Issue MRS Command to load MR0 with all application settings and “DLL reset”. (To issue DLL reset command, pro-
vide “High” to A8 and “Low” to BA0-2).
10. Issue ZQCL command to starting ZQ calibration.
11. Wait for both tDLLK and tZQ init completed.
12. The DDR3 SDRAM is now ready for normal operation.
AS4C128M16D3B-12BCN
Confidential
- 7/41 -
Rev.1.0 Mar. 2016


Similar Part No. - AS4C128M16D3B-12BCN

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
AS4C128M16D3 ALSC-AS4C128M16D3 Datasheet
2Mb / 84P
   Bidirectional differential data strobe
AS4C128M16D3-12BAN ALSC-AS4C128M16D3-12BAN Datasheet
2Mb / 83P
   JEDEC Standard Compliant
AS4C128M16D3-12BCN ALSC-AS4C128M16D3-12BCN Datasheet
2Mb / 84P
   Bidirectional differential data strobe
AS4C128M16D3-12BIN ALSC-AS4C128M16D3-12BIN Datasheet
2Mb / 84P
   Bidirectional differential data strobe
AS4C128M16D3A ALSC-AS4C128M16D3A Datasheet
2Mb / 83P
   AS4C128M16D3A-12BIN - 96 ball FBGA PACKAGE
More results

Similar Description - AS4C128M16D3B-12BCN

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
AS4C256M16D3B ALSC-AS4C256M16D3B Datasheet
2Mb / 41P
   12BCN 96 ball FBGA PACKAGE
AS4C128M16D3LB ALSC-AS4C128M16D3LB Datasheet
3Mb / 45P
   96 ball FBGA PACKAGE
AS4C64M16D3A ALSC-AS4C64M16D3A Datasheet
1Mb / 86P
   96 ball FBGA PACKAGE
AS4C64M16D3A-12BAN ALSC-AS4C64M16D3A-12BAN Datasheet
1Mb / 86P
   96 ball FBGA PACKAGE
AS4C128M16D3LA-12BIN ALSC-AS4C128M16D3LA-12BIN Datasheet
2Mb / 83P
   96 ball FBGA PACKAGE
AS4C128M16D3A ALSC-AS4C128M16D3A Datasheet
2Mb / 83P
   AS4C128M16D3A-12BIN - 96 ball FBGA PACKAGE
AS4C512M8D3A-12BCN ALSC-AS4C512M8D3A-12BCN Datasheet
1Mb / 83P
   78 ball FBGA PACKAGE
AS4C32M16MD1A ALSC-AS4C32M16MD1A Datasheet
2Mb / 53P
   60 ball FBGA PACKAGE
AS4C8M16D1-5BIN ALSC-AS4C8M16D1-5BIN Datasheet
4Mb / 66P
   60-ball FBGA PACKAGE
AS4C512M8D3L ALSC-AS4C512M8D3L Datasheet
3Mb / 86P
   AS4C512M8D3L - 78-ball FBGA PACKAGE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com