Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BR24G08-3 Datasheet(PDF) 1 Page - Rohm

Part # BR24G08-3
Description  I2C BUS EEPROM (2-Wire)
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BR24G08-3 Datasheet(HTML) 1 Page - Rohm

  BR24G08-3_1 Datasheet HTML 1Page - Rohm BR24G08-3_1 Datasheet HTML 2Page - Rohm BR24G08-3_1 Datasheet HTML 3Page - Rohm BR24G08-3_1 Datasheet HTML 4Page - Rohm BR24G08-3_1 Datasheet HTML 5Page - Rohm BR24G08-3_1 Datasheet HTML 6Page - Rohm BR24G08-3_1 Datasheet HTML 7Page - Rohm BR24G08-3_1 Datasheet HTML 8Page - Rohm BR24G08-3_1 Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 37 page
background image
Datasheet
○Product structure:Silicon monolithic integrated circuit ○This product has not designed protection against radioactive rays
1/33
31.May.2013 Rev.003
©2013 ROHM Co., Ltd. All rights reserved.
TSZ22111・14・001
www.rohm.com
TSZ02201-0R2R0G100190-1-2
Serial EEPROM Series Standard EEPROM
I
2C BUS EEPROM (2-Wire)
BR24G08-3
General Description
BR24G08-3 is a serial EEPROM of I
2C BUS interface method
Features
Completely conforming to the world standard I
2C
BUS.
All controls available by 2 ports of serial clock
(SCL) and serial data (SDA)
Other devices than EEPROM can be connected to
the same port, saving microcontroller port
1.6V to 5.5V Single Power Source Operation most
suitable for battery use
1.6V to 5.5V wide limit of operating voltage, possible
FAST MODE 400KHz operation
Page Write Mode Useful for Initial Value Write at
Factory Shipment
Self-timed Programming Cycle
Low Current Consumption
Prevention of Write Mistake
Write (Write Protect) Function Added
Prevention of Write Mistake at Low Voltage
More than 1 million write cycles
More than 40 years data retention
Noise Filter Built in SCL / SDA Terminal
Initial delivery state FFh
Packages W (Typ) x D(Typ) x H(Max)
BR24G08-3
Capacity
Bit Format
Type
Power Source
Voltage
Package
8Kbit
1K×8
BR24G08-3
1.6V to 5.5V
DIP-T8
BR24G08F-3
SOP8
BR24G08FJ-3
SOP-J8
BR24G08FV-3
SSOP-B8
BR24G08FVT-3
TSSOP-B8
BR24G08FVJ-3
TSSOP-B8J
BR24G08FVM-3
MSOP8
BR24G08NUX-3
VSON008X2030
SOP8
5.00mm x 6.20mm x 1.71mm
SOP- J8
4.90mm x 6.00mm x 1.65mm
VSON008X2030
2.00mm x 3.00mm x 0.60mm
TSSOP-B8
3.00mm x 6.40mm x 1.20mm
DIP-T8
9.30mm x 6.50mm x 7.10mm
TSSOP-B8J
3.00mm x 4.90mm x 1.10mm
MSOP8
2.90mm x 4.00mm x 0.90mm
SSOP-B8
3.00mm x 6.40mm x 1.35mm
Figure 1.


Similar Part No. - BR24G08-3_1

ManufacturerPart #DatasheetDescription
logo
Rohm
BR24G08-3A ROHM-BR24G08-3A Datasheet
1Mb / 36P
   I2C BUS EEPROM (2-Wire)
BR24G08-3E2 ROHM-BR24G08-3E2 Datasheet
1Mb / 36P
   Serial EEPROM Series Standard EEPROM I2C BUS EEPROM (2-Wire)
BR24G08-3TR ROHM-BR24G08-3TR Datasheet
1Mb / 36P
   Serial EEPROM Series Standard EEPROM I2C BUS EEPROM (2-Wire)
More results

Similar Description - BR24G08-3_1

ManufacturerPart #DatasheetDescription
logo
Rohm
BR24G02-3 ROHM-BR24G02-3_1 Datasheet
1Mb / 38P
   I2C BUS EEPROM (2-Wire)
BR24G04-3A ROHM-BR24G04-3A Datasheet
843Kb / 37P
   I2C BUS EEPROM (2-Wire)
BR24G32-3 ROHM-BR24G32-3_16 Datasheet
1Mb / 40P
   I2C BUS EEPROM (2-Wire)
BR24G128-3 ROHM-BR24G128-3_1 Datasheet
595Kb / 37P
   I2C BUS EEPROM (2-Wire)
BR24T512-3AM ROHM-BR24T512-3AM Datasheet
1Mb / 33P
   I2C BUS EEPROM (2-Wire)
BR24G01-3 ROHM-BR24G01-3_1 Datasheet
594Kb / 37P
   I2C BUS EEPROM (2-Wire)
BR24G512-3A ROHM-BR24G512-3A_14 Datasheet
874Kb / 34P
   I2C BUS EEPROM (2-Wire)
BR24G01-3A ROHM-BR24G01-3A_1 Datasheet
841Kb / 37P
   I2C BUS EEPROM (2-Wire)
BR24G64-3 ROHM-BR24G64-3_16 Datasheet
1Mb / 40P
   I2C BUS EEPROM (2-Wire)
BR24G08-3A ROHM-BR24G08-3A Datasheet
1Mb / 36P
   I2C BUS EEPROM (2-Wire)
BR24G16-3A ROHM-BR24G16-3A Datasheet
820Kb / 36P
   I2C BUS EEPROM (2-Wire)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com