Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BR24G32FJ-3AGTE2 Datasheet(PDF) 3 Page - Rohm

Part # BR24G32FJ-3AGTE2
Description  I2C BUS EEPROM (2-Wire)
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BR24G32FJ-3AGTE2 Datasheet(HTML) 3 Page - Rohm

  BR24G32FJ-3AGTE2 Datasheet HTML 1Page - Rohm BR24G32FJ-3AGTE2 Datasheet HTML 2Page - Rohm BR24G32FJ-3AGTE2 Datasheet HTML 3Page - Rohm BR24G32FJ-3AGTE2 Datasheet HTML 4Page - Rohm BR24G32FJ-3AGTE2 Datasheet HTML 5Page - Rohm BR24G32FJ-3AGTE2 Datasheet HTML 6Page - Rohm BR24G32FJ-3AGTE2 Datasheet HTML 7Page - Rohm BR24G32FJ-3AGTE2 Datasheet HTML 8Page - Rohm BR24G32FJ-3AGTE2 Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 41 page
background image
3/37
BR24G32-3A
©2014 ROHM Co., Ltd. All rights reserved.
www.rohm.com
TSZ22111・15・001
TSZ02201-0R2R0G100050-1-2
31.Aug.2016 Rev.008
AC Characteristics (Unless otherwise specified, Ta=-40°C to +85°C)
Parameter
Symbol
Limits
(1.6V
≤VCC≤5.5V)
Limits
(1.7V
≤VCC≤5.5V)
Unit
Min
Typ
Max
Min
Typ
Max
Clock Frequency
fSCL
-
-
400
-
-
1000
kHz
Data Clock High Period
tHIGH
0.6
-
-
0.30
-
-
µs
Data Clock Low Period
tLOW
1.2
-
-
0.5
-
-
µs
SDA, SCL (INPUT) Rise Time (Note1)
tR
-
-
1
-
-
0.12
µs
SDA, SCL (INPUT) Fall Time (Note1)
tF1
-
-
1
-
-
0.12
µs
SDA (OUTPUT) Fall Time (Note1)
tF2
-
-
0.3
-
-
0.12
µs
Start Condition Hold Time
tHD:STA
0.6
-
-
0.25
-
-
µs
Start Condition Setup Time
tSU:STA
0.6
-
-
0.20
-
-
µs
Input Data Hold Time
tHD:DAT
0
-
-
0
-
-
ns
Input Data Setup Time
tSU:DAT
100
-
-
50
-
-
ns
Output Data Delay Time
tPD
0.1(Note2)
-
0.9
0.05
-
0.45
µs
0.05(Note3)
-
0.9
Output Data Hold Time
tDH
0.1(Note2)
-
-
0.05
-
-
µs
0.05(Note3)
-
-
Stop Condition Setup Time
tSU:STO
0.6
-
-
0.25
-
-
µs
Bus Free Time
tBUF
1.2
-
-
0.5
-
-
µs
Write Cycle Time
tWR
-
-
5
-
-
5
ms
Noise Spike Width (SDA, SCL)
tI
-
-
0.05
-
-
0.05
µs
WP Hold Time
tHD:WP
1.0
-
-
1.0
-
-
µs
WP Setup Time
tSU:WP
0.1
-
-
0.1
-
-
µs
WP High Period
tHIGH:WP
1.0
-
-
1.0
-
-
µs
(Note1) Not 100% tested
(Note2) At 1.6V
≤VCC<1.7V
(Note3) At 1.7V
≤VCC≤5.5V
AC Characteristics Condition
Parameter
Symbol
Conditions
Unit
Load Capacitance
CL
100
pF
SDA, SCL (INPUT) Rise Time
tR
20
ns
SDA, SCL (INPUT) Fall Time
tF1
20
ns
Input Data Level
VIL/VIH
0.2VCC/0.8VCC
V
Input/Output Data Timing Reference Level
-
0.3VCC/0.7VCC
V


Similar Part No. - BR24G32FJ-3AGTE2

ManufacturerPart #DatasheetDescription
logo
Rohm
BR24G32FJ-3GTE2 ROHM-BR24G32FJ-3GTE2 Datasheet
1Mb / 40P
   I2C BUS EEPROM (2-Wire)
BR24G32FJ-3NE2 ROHM-BR24G32FJ-3NE2 Datasheet
1Mb / 40P
   I2C BUS EEPROM (2-Wire)
More results

Similar Description - BR24G32FJ-3AGTE2

ManufacturerPart #DatasheetDescription
logo
Rohm
BR24G02-3 ROHM-BR24G02-3_1 Datasheet
1Mb / 38P
   I2C BUS EEPROM (2-Wire)
BR24G04-3A ROHM-BR24G04-3A Datasheet
843Kb / 37P
   I2C BUS EEPROM (2-Wire)
BR24G32-3 ROHM-BR24G32-3_16 Datasheet
1Mb / 40P
   I2C BUS EEPROM (2-Wire)
BR24G128-3 ROHM-BR24G128-3_1 Datasheet
595Kb / 37P
   I2C BUS EEPROM (2-Wire)
BR24T512-3AM ROHM-BR24T512-3AM Datasheet
1Mb / 33P
   I2C BUS EEPROM (2-Wire)
BR24G01-3 ROHM-BR24G01-3_1 Datasheet
594Kb / 37P
   I2C BUS EEPROM (2-Wire)
BR24G512-3A ROHM-BR24G512-3A_14 Datasheet
874Kb / 34P
   I2C BUS EEPROM (2-Wire)
BR24G01-3A ROHM-BR24G01-3A_1 Datasheet
841Kb / 37P
   I2C BUS EEPROM (2-Wire)
BR24G64-3 ROHM-BR24G64-3_16 Datasheet
1Mb / 40P
   I2C BUS EEPROM (2-Wire)
BR24G08-3A ROHM-BR24G08-3A Datasheet
1Mb / 36P
   I2C BUS EEPROM (2-Wire)
BR24G16-3A ROHM-BR24G16-3A Datasheet
820Kb / 36P
   I2C BUS EEPROM (2-Wire)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com