Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BR24G512-3A Datasheet(PDF) 5 Page - Rohm

Part # BR24G512-3A
Description  I2C BUS EEPROM (2-Wire)
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BR24G512-3A Datasheet(HTML) 5 Page - Rohm

  BR24G512-3A_14 Datasheet HTML 1Page - Rohm BR24G512-3A_14 Datasheet HTML 2Page - Rohm BR24G512-3A_14 Datasheet HTML 3Page - Rohm BR24G512-3A_14 Datasheet HTML 4Page - Rohm BR24G512-3A_14 Datasheet HTML 5Page - Rohm BR24G512-3A_14 Datasheet HTML 6Page - Rohm BR24G512-3A_14 Datasheet HTML 7Page - Rohm BR24G512-3A_14 Datasheet HTML 8Page - Rohm BR24G512-3A_14 Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 34 page
background image
5/30
Datasheet
Datasheet
BR24G512-3A
TSZ02201-0R2R0G100360-1-2
24.May.2014 Rev.004
© 2014 ROHM Co., Ltd. All rights reserved.
www.rohm.com
TSZ22111・15・001
Block Diagram
Figure 3. Block Diagram
Pin Configuration
(TOP VIEW)
Pin Descriptions
Terminal
Name
Input/
Output
Descriptions
A0
Input
Slave address setting*
A1
Input
Slave address setting*
A2
Input
Slave address setting*
GND
-
Reference voltage of all input / output, 0V
SDA
Input/
Output
Serial data input serial data output
SCL
Input
Serial clock input
WP
Input
Write protect terminal
VCC
-
Connect the power source
*A0,A1 and A2 are not allowed to use as open.
1
1
1
2
1
3
1
4
1
1
6
1
5
BR24G512-3A
A0
1
7
A1
A2
GND
VCC
WP
SCL
8
SDA
8
7
6
5
4
3
2
1
SDA
SCL
WP
VCC
GND
A2
A1
A0
Address
Decoder
Word
Address Register
Data
Register
Control Circuit
High Voltage
Generating Circuit
Power Source
Voltage Detection
8bit
ACK
START
STOP
512Kbit
EEPROM Array
16bit


Similar Part No. - BR24G512-3A_14

ManufacturerPart #DatasheetDescription
logo
Rohm
BR24G512-3AE2 ROHM-BR24G512-3AE2 Datasheet
768Kb / 33P
   Serial EEPROM Series Standard EEPROM I2C BUS EEPROM (2-Wire)
More results

Similar Description - BR24G512-3A_14

ManufacturerPart #DatasheetDescription
logo
Rohm
BR24G02-3 ROHM-BR24G02-3_1 Datasheet
1Mb / 38P
   I2C BUS EEPROM (2-Wire)
BR24G04-3A ROHM-BR24G04-3A Datasheet
843Kb / 37P
   I2C BUS EEPROM (2-Wire)
BR24G32-3 ROHM-BR24G32-3_16 Datasheet
1Mb / 40P
   I2C BUS EEPROM (2-Wire)
BR24G128-3 ROHM-BR24G128-3_1 Datasheet
595Kb / 37P
   I2C BUS EEPROM (2-Wire)
BR24T512-3AM ROHM-BR24T512-3AM Datasheet
1Mb / 33P
   I2C BUS EEPROM (2-Wire)
BR24G01-3 ROHM-BR24G01-3_1 Datasheet
594Kb / 37P
   I2C BUS EEPROM (2-Wire)
BR24G01-3A ROHM-BR24G01-3A_1 Datasheet
841Kb / 37P
   I2C BUS EEPROM (2-Wire)
BR24G64-3 ROHM-BR24G64-3_16 Datasheet
1Mb / 40P
   I2C BUS EEPROM (2-Wire)
BR24G08-3A ROHM-BR24G08-3A Datasheet
1Mb / 36P
   I2C BUS EEPROM (2-Wire)
BR24G16-3A ROHM-BR24G16-3A Datasheet
820Kb / 36P
   I2C BUS EEPROM (2-Wire)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com