Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BR24G128FV-3A Datasheet(PDF) 11 Page - Rohm

Part # BR24G128FV-3A
Description  I2C BUS EEPROM (2-Wire)
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BR24G128FV-3A Datasheet(HTML) 11 Page - Rohm

Back Button BR24G128FV-3A Datasheet HTML 7Page - Rohm BR24G128FV-3A Datasheet HTML 8Page - Rohm BR24G128FV-3A Datasheet HTML 9Page - Rohm BR24G128FV-3A Datasheet HTML 10Page - Rohm BR24G128FV-3A Datasheet HTML 11Page - Rohm BR24G128FV-3A Datasheet HTML 12Page - Rohm BR24G128FV-3A Datasheet HTML 13Page - Rohm BR24G128FV-3A Datasheet HTML 14Page - Rohm BR24G128FV-3A Datasheet HTML 15Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 40 page
background image
.
11/36
BR24Gxxx-3A (128K 256K 1M)
TSZ02201-0R2R0G100020-1-2
18.Jun.2015 Rev.006
© 2014 ROHM Co., Ltd. All rights reserved.
TSZ22111・15・001
www.rohm.com
Typical Performance Curves‐continued
Figure 20. Start Condition Setup Time vs Supply Voltage
0
0.05
0.1
0.15
0.2
0.25
0.3
0
1
2
3
4
5
6
Supply Voltage : Vcc(V)
SPEC
Ta=-40℃
Ta= 25℃
Ta= 85℃
-150
-100
-50
0
50
0
1
2
3
4
5
6
Supply Voltage : Vcc(V)
SPEC
Ta=-40℃
Ta= 25℃
Ta= 85℃
0
10
20
30
40
50
60
0
1
2
3
4
5
6
Supply Voltage : Vcc(V)
SPEC
Ta=-40℃
Ta= 25℃
Ta= 85℃
Figure 21. Input Data Hold Time vs Supply Voltage
(HIGH)
-150
-100
-50
0
50
0
1
2
3
4
5
6
Supply Voltage : Vcc(V)
SPEC
Ta=-40℃
Ta= 25℃
Ta= 85℃
Figure 22. Input Data Hold Time vs Supply Voltage
(LOW)
Figure 23 Input Data Setup Time vs Supply Voltage
(HIGH)


Similar Part No. - BR24G128FV-3A

ManufacturerPart #DatasheetDescription
logo
Rohm
BR24G128FV-3A ROHM-BR24G128FV-3A Datasheet
868Kb / 38P
   Serial EEPROM Series Standard EEPROM I2C BUS EEPROM (2-Wire)
BR24G128FV-3A ROHM-BR24G128FV-3A Datasheet
2Mb / 40P
   I2C BUS EEPROM
BR24G128FV-3AE2 ROHM-BR24G128FV-3AE2 Datasheet
868Kb / 38P
   Serial EEPROM Series Standard EEPROM I2C BUS EEPROM (2-Wire)
BR24G128FV-3ATR ROHM-BR24G128FV-3ATR Datasheet
868Kb / 38P
   Serial EEPROM Series Standard EEPROM I2C BUS EEPROM (2-Wire)
More results

Similar Description - BR24G128FV-3A

ManufacturerPart #DatasheetDescription
logo
Rohm
BR24G02-3 ROHM-BR24G02-3_1 Datasheet
1Mb / 38P
   I2C BUS EEPROM (2-Wire)
BR24G04-3A ROHM-BR24G04-3A Datasheet
843Kb / 37P
   I2C BUS EEPROM (2-Wire)
BR24G32-3 ROHM-BR24G32-3_16 Datasheet
1Mb / 40P
   I2C BUS EEPROM (2-Wire)
BR24G128-3 ROHM-BR24G128-3_1 Datasheet
595Kb / 37P
   I2C BUS EEPROM (2-Wire)
BR24T512-3AM ROHM-BR24T512-3AM Datasheet
1Mb / 33P
   I2C BUS EEPROM (2-Wire)
BR24G01-3 ROHM-BR24G01-3_1 Datasheet
594Kb / 37P
   I2C BUS EEPROM (2-Wire)
BR24G512-3A ROHM-BR24G512-3A_14 Datasheet
874Kb / 34P
   I2C BUS EEPROM (2-Wire)
BR24G01-3A ROHM-BR24G01-3A_1 Datasheet
841Kb / 37P
   I2C BUS EEPROM (2-Wire)
BR24G64-3 ROHM-BR24G64-3_16 Datasheet
1Mb / 40P
   I2C BUS EEPROM (2-Wire)
BR24G08-3A ROHM-BR24G08-3A Datasheet
1Mb / 36P
   I2C BUS EEPROM (2-Wire)
BR24G16-3A ROHM-BR24G16-3A Datasheet
820Kb / 36P
   I2C BUS EEPROM (2-Wire)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com