Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BR24G64FVM-3GTTR Datasheet(PDF) 9 Page - Rohm

Part # BR24G64FVM-3GTTR
Description  I2C BUS EEPROM (2-Wire)
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BR24G64FVM-3GTTR Datasheet(HTML) 9 Page - Rohm

Back Button BR24G64FVM-3GTTR Datasheet HTML 5Page - Rohm BR24G64FVM-3GTTR Datasheet HTML 6Page - Rohm BR24G64FVM-3GTTR Datasheet HTML 7Page - Rohm BR24G64FVM-3GTTR Datasheet HTML 8Page - Rohm BR24G64FVM-3GTTR Datasheet HTML 9Page - Rohm BR24G64FVM-3GTTR Datasheet HTML 10Page - Rohm BR24G64FVM-3GTTR Datasheet HTML 11Page - Rohm BR24G64FVM-3GTTR Datasheet HTML 12Page - Rohm BR24G64FVM-3GTTR Datasheet HTML 13Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 40 page
background image
Datasheet
9/36
BR24G64-3
TSZ02201-0R2R0G100220-1-2
14.Mar.2016 Rev.006
©2013 ROHM Co., Ltd. All rights reserved.
TSZ22111・15・001
www.rohm.com
Figure 23. Output Data Delay Time vs Supply Voltage
(HIGH)
Figure 21. Input Data Setup Time vs Supply Voltage
(LOW)
Figure 22. Output Data Delay Time vs Supply Voltage
(LOW)
Figure 20. Input Data Setup Time vs Supply Voltage
(HIGH)
Typical Performance Curves‐continued
-200
-100
0
100
200
300
01
23
45
6
Supply Voltage : Vcc(v)
SPEC
Ta=-40℃
Ta= 25℃
Ta= 85℃
-200
-100
0
100
200
300
0
1
2
3456
Supply Voltage : Vcc(v)
SPEC
Ta=-40℃
Ta= 25℃
Ta= 85℃
0
0.5
1
1.5
2
0123
456
Supply Voltage : Vcc(v)
SPEC
SPEC
Ta=-40℃
Ta= 25℃
Ta= 85℃
0
0.5
1
1.5
2
01
23
4
5
6
Supply Voltage : Vcc(v)
SPEC
SPEC
Ta=-40℃
Ta= 25℃
Ta= 85℃


Similar Part No. - BR24G64FVM-3GTTR

ManufacturerPart #DatasheetDescription
logo
Rohm
BR24G64FVM-3 ROHM-BR24G64FVM-3 Datasheet
524Kb / 36P
   Serial EEPROM Series Standard EEPROM I2C BUS EEPROM (2-Wire)
BR24G64FVM-3A ROHM-BR24G64FVM-3A Datasheet
842Kb / 38P
   I2C BUS EEPROM (2-Wire)
BR24G64FVM-3AGTTR ROHM-BR24G64FVM-3AGTTR Datasheet
842Kb / 38P
   I2C BUS EEPROM (2-Wire)
BR24G64FVM-3E2 ROHM-BR24G64FVM-3E2 Datasheet
524Kb / 36P
   Serial EEPROM Series Standard EEPROM I2C BUS EEPROM (2-Wire)
BR24G64FVM-3TR ROHM-BR24G64FVM-3TR Datasheet
524Kb / 36P
   Serial EEPROM Series Standard EEPROM I2C BUS EEPROM (2-Wire)
More results

Similar Description - BR24G64FVM-3GTTR

ManufacturerPart #DatasheetDescription
logo
Rohm
BR24G02-3 ROHM-BR24G02-3_1 Datasheet
1Mb / 38P
   I2C BUS EEPROM (2-Wire)
BR24G04-3A ROHM-BR24G04-3A Datasheet
843Kb / 37P
   I2C BUS EEPROM (2-Wire)
BR24G32-3 ROHM-BR24G32-3_16 Datasheet
1Mb / 40P
   I2C BUS EEPROM (2-Wire)
BR24G128-3 ROHM-BR24G128-3_1 Datasheet
595Kb / 37P
   I2C BUS EEPROM (2-Wire)
BR24T512-3AM ROHM-BR24T512-3AM Datasheet
1Mb / 33P
   I2C BUS EEPROM (2-Wire)
BR24G01-3 ROHM-BR24G01-3_1 Datasheet
594Kb / 37P
   I2C BUS EEPROM (2-Wire)
BR24G512-3A ROHM-BR24G512-3A_14 Datasheet
874Kb / 34P
   I2C BUS EEPROM (2-Wire)
BR24G01-3A ROHM-BR24G01-3A_1 Datasheet
841Kb / 37P
   I2C BUS EEPROM (2-Wire)
BR24G08-3A ROHM-BR24G08-3A Datasheet
1Mb / 36P
   I2C BUS EEPROM (2-Wire)
BR24G16-3A ROHM-BR24G16-3A Datasheet
820Kb / 36P
   I2C BUS EEPROM (2-Wire)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com