Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BR93G56-3A Datasheet(PDF) 4 Page - Rohm

Part # BR93G56-3A
Description  MicroWire BUS EEPROM (3-Wire)
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BR93G56-3A Datasheet(HTML) 4 Page - Rohm

  BR93G56-3A Datasheet HTML 1Page - Rohm BR93G56-3A Datasheet HTML 2Page - Rohm BR93G56-3A Datasheet HTML 3Page - Rohm BR93G56-3A Datasheet HTML 4Page - Rohm BR93G56-3A Datasheet HTML 5Page - Rohm BR93G56-3A Datasheet HTML 6Page - Rohm BR93G56-3A Datasheet HTML 7Page - Rohm BR93G56-3A Datasheet HTML 8Page - Rohm BR93G56-3A Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 40 page
background image
4/36
Datasheet
Datasheet
BR93G56-3A
www.rohm.com
TSZ02201-09190G100020-1-2
27.Feb.2013 REV.002
© 2013 ROHM Co., Ltd. All rights reserved.
TSZ22111・15・001
AC Characteristics (Unless otherwise specified, Vcc=1.7V to 2.5V, Ta=-40℃ to +85℃)
Parameter
Symbol
Limit
Unit
Min
Typ
Max
SK Frequency
fSK
-
-
1
MHz
SK High Time
tSKH
250
-
-
ns
SK Low Time
tSKL
250
-
-
ns
CS Low Time
tCS
250
-
-
ns
CS Setup Time
tCSS
200
-
-
ns
DI Setup Time
tDIS
100
-
-
ns
CS Hold Time
tCSH
0
-
-
ns
DI Hold Time
tDIH
100
-
-
ns
Data “1” Output Delay
tPD1
-
-
400
ns
Data “0” Output Delay
tPD0
-
-
400
ns
Time from CS to Output Establishment
tSV
-
-
400
ns
Time from CS to High-Z
tDF
-
-
200
ns
Write Cycle Time
tE/W
-
-
5
ms
(Unless otherwise specified, Vcc=2.5V to 4.5V, Ta=-40℃ to +85℃)
Parameter
Symbol
Limit
Unit
Min
Typ
Max
SK Frequency
fSK
-
-
2
MHz
SK High Time
tSKH
230
-
-
ns
SK Low Time
tSKL
200
-
-
ns
CS Low Time
tCS
200
-
-
ns
CS Setup Time
tCSS
50
-
-
ns
DI Setup Time
tDIS
100
-
-
ns
CS Hold Time
tCSH
0
-
-
ns
DI Hold Time
tDIH
100
-
-
ns
Data “1” Output Delay
tPD1
-
-
200
ns
Data “0” Output Delay
tPD0
-
-
200
ns
Time from CS to Output Establishment
tSV
-
-
150
ns
Time from CS to High-Z
tDF
-
-
100
ns
Write Cycle Time
tE/W
-
-
5
ms
(Unless otherwise specified, Vcc=4.5V to 5.5V, Ta=-40℃ to +85℃)
Parameter
Symbol
Limit
Unit
Min
Typ
Max
SK Frequency
fSK
-
-
3
MHz
SK High Time
tSKH
100
-
-
ns
SK Low Time
tSKL
100
-
-
ns
CS Low Time
tCS
200
-
-
ns
CS Setup Time
tCSS
50
-
-
ns
DI Setup Time
tDIS
50
-
-
ns
CS Hold Time
tCSH
0
-
-
ns
DI Hold Time
tDIH
50
-
-
ns
Data “1” Output Delay
tPD1
-
-
200
ns
Data “0” Output Delay
tPD0
-
-
200
ns
Time from CS to Output Establishment
tSV
-
-
150
ns
Time from CS to High-Z
tDF
-
-
100
ns
Write Cycle Time
tE/W
-
-
5
ms


Similar Part No. - BR93G56-3A

ManufacturerPart #DatasheetDescription
logo
Rohm
BR93G56-3 ROHM-BR93G56-3 Datasheet
939Kb / 39P
   Serial EEPROM series Standard EEPROM MicroWire BUS EEPROM (3-Wire)
BR93G56-3 ROHM-BR93G56-3 Datasheet
1,014Kb / 40P
   MicroWire BUS EEPROM (3-Wire)
BR93G56-3B ROHM-BR93G56-3B Datasheet
960Kb / 40P
   MicroWire BUS EEPROM (3-Wire)
BR93G56-3 ROHM-BR93G56-3_1 Datasheet
1,014Kb / 40P
   MicroWire BUS EEPROM (3-Wire)
More results

Similar Description - BR93G56-3A

ManufacturerPart #DatasheetDescription
logo
Rohm
BR93G76-3 ROHM-BR93G76-3_1 Datasheet
1Mb / 40P
   MicroWire BUS EEPROM (3-Wire)
BR93G46-3B ROHM-BR93G46-3B_1 Datasheet
1,016Kb / 40P
   MicroWire BUS EEPROM (3-Wire)
BR93G76-3B ROHM-BR93G76-3B_1 Datasheet
971Kb / 40P
   MicroWire BUS EEPROM (3-Wire)
BR93G86-3 ROHM-BR93G86-3_15 Datasheet
3Mb / 40P
   MicroWire BUS EEPROM (3-Wire)
BR93G46-3 ROHM-BR93G46-3_1 Datasheet
1,013Kb / 40P
   MicroWire BUS EEPROM (3-Wire)
BR93G66-3 ROHM-BR93G66-3 Datasheet
1Mb / 40P
   MicroWire BUS EEPROM (3-Wire)
BR93G76-3A ROHM-BR93G76-3A_1 Datasheet
997Kb / 40P
   MicroWire BUS EEPROM (3-Wire)
BR93G86-3A ROHM-BR93G86-3A_15 Datasheet
3Mb / 40P
   MicroWire BUS EEPROM (3-Wire)
BR93G46-3A ROHM-BR93G46-3A_1 Datasheet
1,017Kb / 40P
   MicroWire BUS EEPROM (3-Wire)
BR93G56-3 ROHM-BR93G56-3_1 Datasheet
1,014Kb / 40P
   MicroWire BUS EEPROM (3-Wire)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com