Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LC75829PE Datasheet(PDF) 2 Page - ON Semiconductor

Part # LC75829PE
Description  LCD Display Driver
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LC75829PE Datasheet(HTML) 2 Page - ON Semiconductor

  LC75829PE Datasheet HTML 1Page - ON Semiconductor LC75829PE Datasheet HTML 2Page - ON Semiconductor LC75829PE Datasheet HTML 3Page - ON Semiconductor LC75829PE Datasheet HTML 4Page - ON Semiconductor LC75829PE Datasheet HTML 5Page - ON Semiconductor LC75829PE Datasheet HTML 6Page - ON Semiconductor LC75829PE Datasheet HTML 7Page - ON Semiconductor LC75829PE Datasheet HTML 8Page - ON Semiconductor LC75829PE Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
LC75829PE, 75829PW
No.A1462-2/22
Specifications
Absolute Maximum Ratings at Ta = 25
°C, VSS = 0V
Parameter
Symbol
Conditions
Ratings
Unit
Maximum supply voltage
VDD max
VDD
-0.3 to +6.5
V
VIN1
CE, CL, DI, INH
-0.3 to +6.5
Input voltage
VIN2
OSCI, VDD1, VDD2
-0.3 to VDD+0.3
V
Output voltage
VOUT
S1 to S53, COM1 to COM4, P1 to P4
-0.3 to VDD+0.3
V
IOUT1
S1 to S52
300
μA
IOUT2
COM1 to COM4, S53
3
Output current
IOUT3
P1 to P4
5
mA
Allowable power dissipation
Pd max
Ta=85
°C
200
mW
Operating temperature
Topr
-40 to +85
°C
Storage temperature
Tstg
-55 to +125
°C
Allowable Operating Ranges at Ta = -40 to +85
°C, VSS = 0V
Ratings
Parameter
Symbol
Conditions
min
typ
max
Unit
Supply voltage
VDD
VDD
4.5
6.0
V
VDD1
VDD1
2/3VDD
VDD
Input voltage
VDD2
VDD2
1/3VDD
VDD
V
VIH1
CE, CL, DI, INH
0.4VDD
6.0
Input high-level voltage
VIH2
OSCI: External clock operating mode
0.4VDD
VDD
V
VIL1
CE, CL, DI, INH
0
0.2VDD
Input low-level voltage
VIL2
OSCI: External clock operating mode
0
0.2VDD
V
External clock operating frequency
fCK
OSCI: External clock operating mode [Figure 4]
10
300
600
kHz
External clock duty cycle
DCK
OSCI: External clock operating mode [Figure 4]
30
50
70
%
Data setup time
tds
CL, DI
[Figure 2][Figure 3]
160
ns
Data hold time
tdh
CL, DI
[Figure 2][Figure 3]
160
ns
CE wait time
tcp
CE, CL
[Figure 2][Figure 3]
160
ns
CE setup time
tcs
CE, CL
[Figure 2][Figure 3]
160
ns
CE hold time
tch
CE, CL
[Figure 2][Figure 3]
160
ns
High-level clock pulse width
t
φH
CL
[Figure 2][Figure 3]
160
ns
Low-level clock pulse width
t
φL
CL
[Figure 2][Figure 3]
160
ns
Rise time
tr
CE, CL, DI
[Figure 2][Figure 3]
160
ns
Fall time
tf
CE, CL, DI
[Figure 2][Figure 3]
160
ns
INH switching time
tc
INH, CE
[Figure 5][Figure 6]
10
μs
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the Recommended Operating
Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect device reliability.


Similar Part No. - LC75829PE

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC75829PE SANYO-LC75829PE Datasheet
172Kb / 22P
   1/4 and 1/3-Duty General-Purpose LCD Display Driver
logo
ON Semiconductor
LC75829PE-H ONSEMI-LC75829PE-H Datasheet
357Kb / 23P
   Duty General-Purpose LCD Driver
June 2017 - Rev. 1
LC75829PEH-H ONSEMI-LC75829PEH-H Datasheet
357Kb / 23P
   Duty General-Purpose LCD Driver
June 2017 - Rev. 1
LC75829PEH-TLA-H ONSEMI-LC75829PEH-TLA-H Datasheet
357Kb / 23P
   Duty General-Purpose LCD Driver
June 2017 - Rev. 1
More results

Similar Description - LC75829PE

ManufacturerPart #DatasheetDescription
logo
Princeton Technology Co...
PT6522 PTC-PT6522 Datasheet
698Kb / 13P
   LCD Display Driver
logo
ON Semiconductor
LC75890W ONSEMI-LC75890W Datasheet
201Kb / 29P
   LCD Display Driver
November, 2013
logo
Finechips
FD2000 FINECHIPS-FD2000 Datasheet
4Mb / 37P
   LCD Display Driver
logo
ON Semiconductor
LC75879PT ONSEMI-LC75879PT_13 Datasheet
341Kb / 35P
   LCD Display Driver
July, 2013
LC75805PE ONSEMI-LC75805PE Datasheet
295Kb / 34P
   LCD Display Driver with LED Driver
December, 2013
logo
Intersil Corporation
ICM7211AM INTERSIL-ICM7211AM_06 Datasheet
204Kb / 8P
   4-Digit, LCD Display Driver
logo
Sanyo Semicon Device
LC75841PE SANYO-LC75841PE Datasheet
115Kb / 18P
   General-Purpose LCD Display Driver
LC75832E SANYO-LC75832E Datasheet
185Kb / 22P
   General-Purpose LCD Display Driver
logo
ON Semiconductor
EN6473 ONSEMI-EN6473 Datasheet
355Kb / 35P
   General-Purpose LCD Display Driver
July, 2013
logo
Intersil Corporation
ICM7211AMlM44 INTERSIL-ICM7211AMlM44 Datasheet
223Kb / 9P
   4-Digit, LCD Display Driver
October 22, 2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com