Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KAI-16000-AAA-JD-B1 Datasheet(PDF) 1 Page - ON Semiconductor

Part # KAI-16000-AAA-JD-B1
Description  Interline CCD Image Sensor
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

KAI-16000-AAA-JD-B1 Datasheet(HTML) 1 Page - ON Semiconductor

  KAI-16000-AAA-JD-B1 Datasheet HTML 1Page - ON Semiconductor KAI-16000-AAA-JD-B1 Datasheet HTML 2Page - ON Semiconductor KAI-16000-AAA-JD-B1 Datasheet HTML 3Page - ON Semiconductor KAI-16000-AAA-JD-B1 Datasheet HTML 4Page - ON Semiconductor KAI-16000-AAA-JD-B1 Datasheet HTML 5Page - ON Semiconductor KAI-16000-AAA-JD-B1 Datasheet HTML 6Page - ON Semiconductor KAI-16000-AAA-JD-B1 Datasheet HTML 7Page - ON Semiconductor KAI-16000-AAA-JD-B1 Datasheet HTML 8Page - ON Semiconductor KAI-16000-AAA-JD-B1 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
© Semiconductor Components Industries, LLC, 2016
February, 2016 − Rev. 6
1
Publication Order Number:
KAI−16000/D
KAI-16000
4872 (H) x 3248 (V)
Interline CCD Image Sensor
Descriptio
n
The KAI−16000 is an interline transfer CCD offering 16 million
pixels at up to 3 frames per second through 2 outputs. This image
sensor is organized into an array of 4,872 (H) x 3,248 (V) with
7.4 micron square pixels and full 35 mm optical format. As an
interline transfer CCD, the KAI−16000 includes additional features
such as progressive scan readout, electronic shutter, low noise, high
dynamic range, and blooming suppression. These features make the
KAI−16000 the perfect sensor for applications in Industrial, Aerial,
Security, and Scientific markets.
Table 1. GENERAL SPECIFICATIONS
Parameter
Typical Value
Architecture
Interline CCD; Progressive Scan
Total Number of Pixels
4960 (H) x 3324 (V) = 16.6M
Number of Effective Pixels
4904 (H) x 3280 (V) = 16.1M
Number of Active Pixels
4872 (H) x 3248 (V) = 15.8M
Pixel Size
7.4 mm (H) x 7.4 mm (V)
Active Image Size
36.1 mm (H) x 24.0 mm (V)
43.3 mm (diagonal),
35 mm Optical Format
Aspect Ratio
3:2
Number of Outputs
1 or 2
Saturation Signal
30,000 electrons
Output Sensitivity
30 mV/e
Quantum Efficiency
KAI−16000−AXA
KAI−16000−CXA (RGB)
KAI−16000−FXA (RGB)
47%
29%, 38%, 44%
31%, 39%, 45%
Read Noise (f = 30 MHz)
16 electrons
Dark Current
< 0.5 nA/cm2
Dark Current Doubling Temperature
7°C
Dynamic Range
65 dB
Charge Transfer Efficiency
0.99999
Blooming Suppression
> 100 X
Smear
< −80 dB
Image Lag
< 10 electrons
Maximum Data Rate
30 MHz per channel
Package
40 pin Grid Array
Cover Glass
AR coated, 2 sides
or Clear Glass
NOTE: All parameters are specified at T = 40°C unless otherwise noted.
www.onsemi.com
Figure 1. KAI−16000 CCD Image Sensor
Features
16 Million Pixel Resolution
Electronic Shutter
35 mm Optical Format
Progressive Scan Readout
High Sensitivity
Fast Frame Rate
> 60 dB Dynamic Range
Applications
Industrial
Aerial Photography
Security
Scientific
See detailed ordering and shipping information on page 2 of
this data sheet.
ORDERING INFORMATION


Similar Part No. - KAI-16000-AAA-JD-B1

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
KAI-16000-AAA-JD-B1 ONSEMI-KAI-16000-AAA-JD-B1 Datasheet
636Kb / 27P
   Interline CCD Image Sensor
September, 2015 ??Rev. 5
More results

Similar Description - KAI-16000-AAA-JD-B1

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
KAI-02050 ONSEMI-KAI-02050 Datasheet
1Mb / 41P
   Interline CCD Image Sensor
August, 2015 ??Rev. 8
KAI-08050 ONSEMI-KAI-08050 Datasheet
703Kb / 31P
   Interline CCD Image Sensor
March, 2015 ??Rev. 7
KAI-01050 ONSEMI-KAI-01050 Datasheet
689Kb / 32P
   Interline CCD Image Sensor
July, 2015 ??Rev. 5
KAI-01150 ONSEMI-KAI-01150 Datasheet
952Kb / 36P
   Interline CCD Image Sensor
August, 2015 ??Rev. 5
KAI-04050 ONSEMI-KAI-04050_17 Datasheet
1Mb / 38P
   Interline CCD Image Sensor
February, 2017 ??Rev. 6
KAI-1010 ONSEMI-KAI-1010 Datasheet
308Kb / 27P
   Interline CCD Image Sensor
May, 2015 ??Rev. 2
KAI-2020 ONSEMI-KAI-2020 Datasheet
853Kb / 37P
   Interline CCD Image Sensor
October, 2015 ??Rev. 3
KAI-08670 ONSEMI-KAI-08670 Datasheet
1Mb / 52P
   INTERLINE CCD IMAGE SENSOR
March, 2015 ??Rev. 2
KAE-02150 ONSEMI-KAE-02150 Datasheet
1Mb / 52P
   Interline CCD Image Sensor
September, 2017 ??Rev. 5
KAE-02152 ONSEMI-KAE-02152 Datasheet
2Mb / 58P
   Interline CCD Image Sensor
October, 2017 ??Rev. P2
KAI-16070 ONSEMI-KAI-16070_16 Datasheet
1Mb / 49P
   Interline CCD Image Sensor
November, 2016 ??Rev. 4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com