Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LC75832W Datasheet(PDF) 2 Page - ON Semiconductor

Part # LC75832W
Description  General-Purpose LCD Display Driver
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LC75832W Datasheet(HTML) 2 Page - ON Semiconductor

  LC75832W Datasheet HTML 1Page - ON Semiconductor LC75832W Datasheet HTML 2Page - ON Semiconductor LC75832W Datasheet HTML 3Page - ON Semiconductor LC75832W Datasheet HTML 4Page - ON Semiconductor LC75832W Datasheet HTML 5Page - ON Semiconductor LC75832W Datasheet HTML 6Page - ON Semiconductor LC75832W Datasheet HTML 7Page - ON Semiconductor LC75832W Datasheet HTML 8Page - ON Semiconductor LC75832W Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
LC75832E, 75832W
No.A0712-2/22
Specifications
Absolute Maximum Ratings at Ta = 25
°C, VSS = 0V
Parameter
Symbol
Conditions
Ratings
Unit
VDD max
VDD
-0.3 to +7.0
Maximum supply voltage
VLCD max
VLCD
-0.3 to +7.0
V
VIN1
CE, CL, DI, INH
-0.3 to +7.0
Input voltage
VIN2
OSC
-0.3 to VDD+0.3
V
VOUT1
OSC
-0.3 to VDD+0.3
Output voltage
VOUT2
S1 to S54, COM1, COM2, P1 to P4
-0.3 to VLCD+0.3
V
IOUT1
S1 to S54
300
μA
IOUT2
COM1, COM2
3
Output current
IOUT3
P1 to P4
5
mA
Allowable power dissipation
Pd max
Ta=105
°C
100
mW
Operating temperature
Topr
-40 to +105
°C
Storage temperature
Tstg
-55 to +125
°C
Allowable Operating Ranges at Ta = -40 to +105
°C, VSS = 0V
Ratings
Parameter
Symbol
Conditions
min
typ
max
unit
VDD
VDD
2.7
6.0
Supply voltage
VLCD
VLCD
2.7
6.0
V
VIH1
CE, CL, DI, INH
0.8VDD
6.0
Input high-level voltage
VIH2
OSC external clock operating mode
0.7VDD
VDD
V
VIL1
CE, CL, DI, INH
0
0.2VDD
Input low-level voltage
VIL2
OSC external clock operating mode
0
0.3VDD
V
Recommended external resistor
for RC oscillation
Rosc
OSC RC oscillator operating mode
39
k
Ω
Recommended external capacitor
for RC oscillation
Cosc
OSC RC oscillator operating mode
1000
pF
Guaranteed range of RC
oscillation
fosc
OSC RC oscillator operating mode
19
38
76
kHz
External clock operating frequency
fCK
OSC external clock operating mode [Figure 3]
19
38
76
kHz
External clock duty cycle
DCK
OSC external clock operating mode [Figure 3]
30
50
70
%
Data setup time
tds
CL, DI
[Figure 1][Figure 2]
160
ns
Data hold time
tdh
CL, DI
[Figure 1][Figure 2]
160
ns
CE wait time
tcp
CE, CL
[Figure 1][Figure 2]
160
ns
CE setup time
tcs
CE, CL
[Figure 1][Figure 2]
160
ns
CE hold time
tch
CE, CL
[Figure 1][Figure 2]
160
ns
High-level clock pulse width
t
φH
CL
[Figure 1][Figure 2]
160
ns
Low-level clock pulse width
t
φL
CL
[Figure 1][Figure 2]
160
ns
Rise time
tr
CE, CL, DI
[Figure 1][Figure 2]
160
ns
Fall time
tf
CE, CL, DI
[Figure 1][Figure 2]
160
ns
INH switching time
tc
INH, CE
[Figure 4] to [Figure 7]
10
μs
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the Recommended Operating
Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect device reliability.


Similar Part No. - LC75832W

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LC75832W-E ONSEMI-LC75832W-E Datasheet
382Kb / 24P
   Duty Drive General-Purpose LCD Driver
June 2017 - Rev. 1
LC75832W-TBM-E ONSEMI-LC75832W-TBM-E Datasheet
382Kb / 24P
   Duty Drive General-Purpose LCD Driver
June 2017 - Rev. 1
LC75832WH-E ONSEMI-LC75832WH-E Datasheet
382Kb / 24P
   Duty Drive General-Purpose LCD Driver
June 2017 - Rev. 1
LC75832WS-E ONSEMI-LC75832WS-E Datasheet
382Kb / 24P
   Duty Drive General-Purpose LCD Driver
June 2017 - Rev. 1
LC75832WS-TBM-E ONSEMI-LC75832WS-TBM-E Datasheet
382Kb / 24P
   Duty Drive General-Purpose LCD Driver
June 2017 - Rev. 1
More results

Similar Description - LC75832W

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC75841PE SANYO-LC75841PE Datasheet
115Kb / 18P
   General-Purpose LCD Display Driver
LC75832E SANYO-LC75832E Datasheet
185Kb / 22P
   General-Purpose LCD Display Driver
logo
ON Semiconductor
EN6473 ONSEMI-EN6473 Datasheet
355Kb / 35P
   General-Purpose LCD Display Driver
July, 2013
LC75878W ONSEMI-LC75878W Datasheet
355Kb / 35P
   General-Purpose LCD Display Driver
July, 2013
logo
Sanyo Semicon Device
LC75878W SANYO-LC75878W Datasheet
263Kb / 35P
   General-Purpose LCD Display Driver
logo
ON Semiconductor
ENA1462 ONSEMI-ENA1462 Datasheet
207Kb / 22P
   Duty General-Purpose LCD Display Driver
July, 2013
LC450029PKB ONSEMI-LC450029PKB Datasheet
204Kb / 25P
   Duty General-Purpose LCD Display Driver
July, 2013
ENA0428 ONSEMI-ENA0428 Datasheet
160Kb / 18P
   Duty General-Purpose LCD Display Driver
July, 2013
LC75879PT ONSEMI-LC75879PT Datasheet
335Kb / 35P
   Duty General-Purpose LCD Display Driver
July, 2013
LC75809PT ONSEMI-LC75809PT Datasheet
336Kb / 43P
   Duty General-Purpose LCD Display Driver
July, 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com