Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KAI-29050-QXA-JD-B1 Datasheet(PDF) 2 Page - ON Semiconductor

Part # KAI-29050-QXA-JD-B1
Description  Interline CCD Image Sensor
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

KAI-29050-QXA-JD-B1 Datasheet(HTML) 2 Page - ON Semiconductor

  KAI-29050-QXA-JD-B1 Datasheet HTML 1Page - ON Semiconductor KAI-29050-QXA-JD-B1 Datasheet HTML 2Page - ON Semiconductor KAI-29050-QXA-JD-B1 Datasheet HTML 3Page - ON Semiconductor KAI-29050-QXA-JD-B1 Datasheet HTML 4Page - ON Semiconductor KAI-29050-QXA-JD-B1 Datasheet HTML 5Page - ON Semiconductor KAI-29050-QXA-JD-B1 Datasheet HTML 6Page - ON Semiconductor KAI-29050-QXA-JD-B1 Datasheet HTML 7Page - ON Semiconductor KAI-29050-QXA-JD-B1 Datasheet HTML 8Page - ON Semiconductor KAI-29050-QXA-JD-B1 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 33 page
background image
KAI−29050
www.onsemi.com
2
ORDERING INFORMATION
Table 2. ORDERING INFORMATION
Part Number
Description
Marking Code
KAI−29050−AXA−JD−B1
Monochrome, Special Microlens, PGA Package,
Sealed Clear Cover Glass with AR coating (both sides), Grade 1
KAI−29050−AXA
Serial Number
KAI−29050−AXA−JD−B2
Monochrome, Special Microlens, PGA Package,
Sealed Clear Cover Glass with AR coating (both sides), Grade 2
KAI−29050−AXA−JD−AE
Monochrome, Special Microlens, PGA Package, Sealed Clear
Cover Glass with AR coating (both sides), Engineering Grade
KAI−29050−AXA−JR−B1
Monochrome, Special Microlens, PGA Package,
Taped Clear Cover Glass with AR coating (both sides), Grade 1
KAI−29050−AXA−JR−B2
Monochrome, Special Microlens, PGA Package,
Taped Clear Cover Glass with AR coating (both sides), Grade 2
KAI−29050−AXA−JR−AE
Monochrome, Special Microlens, PGA Package, Taped Clear
Cover Glass with AR coating (both sides), Engineering Grade
KAI−29050−FXA−JD−B1
Gen2 Color (Bayer RGB), Special Microlens, PGA Package,
Sealed Clear Cover Glass with AR coating (both sides), Grade 1
KAI−29050−FXA
Serial Number
KAI−29050−FXA−JD−B2
Gen2 Color (Bayer RGB), Special Microlens, PGA Package,
Sealed Clear Cover Glass with AR coating (both sides), Grade 2
KAI−29050−FXA−JD−AE
Gen2 Color (Bayer RGB), Special Microlens, PGA Package,
Sealed Clear Cover Glass with AR coating (both sides),
Engineering Grade
KAI−29050−QXA−JD−B1
Gen2 Color (TRUESENSE Sparse CFA), Special Microlens,
PGA Package, Sealed Clear Cover Glass with AR coating (both
sides), Grade 1
KAI−29050−QXA
Serial Number
KAI−29050−QXA−JD−B2
Gen2 Color (TRUESENSE Sparse CFA), Special Microlens,
PGA Package, Sealed Clear Cover Glass with AR coating (both
sides), Grade 2
KAI−29050−QXA−JD−AE
Gen2 Color (TRUESENSE Sparse CFA), Special Microlens,
PGA Package, Sealed Clear Cover Glass with AR coating (both
sides), Engineering Grade
Table 3. EVALUATION SUPPORT
Catalog Number
Product Name
Description
4H2207
KEM−4H2207−G2 FPGA Board−14−40
FPGA Board for IT−CCD Evaluation Hardware
4H2209
KEH−4H2209−KAI−72 Pin Imager Board
72 Pin Imager Board for IT−CCD Evaluation Hardware
4H2211
KEL−4H2211−Lens Mount Kit
Lens Mount Kit for IT−CCD Evaluation Hardware
See the ON Semiconductor Device Nomenclature document (TND310/D) for a full description of the naming convention
used for image sensors. For reference documentation, including information on evaluation kits, please visit our web site at
www.onsemi.com.


Similar Part No. - KAI-29050-QXA-JD-B1

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
KAI-29050-QXA-JD-B1 ONSEMI-KAI-29050-QXA-JD-B1 Datasheet
961Kb / 33P
   Interline CCD Image Sensor
April, 2015 ??Rev. 8
KAI-29050-QXA-JD-B1 ONSEMI-KAI-29050-QXA-JD-B1 Datasheet
495Kb / 31P
   Interline CCD Image Sensor
May, 2017 ??Rev. 0
KAI-29050-QXA-JD-B1 ONSEMI-KAI-29050-QXA-JD-B1 Datasheet
2Mb / 34P
   6576 (H) x 4384 (V) Interline CCD Image Sensor
July, 2018 ??Rev. 10
More results

Similar Description - KAI-29050-QXA-JD-B1

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
KAI-02050 ONSEMI-KAI-02050 Datasheet
1Mb / 41P
   Interline CCD Image Sensor
August, 2015 ??Rev. 8
KAI-08050 ONSEMI-KAI-08050 Datasheet
703Kb / 31P
   Interline CCD Image Sensor
March, 2015 ??Rev. 7
KAI-01050 ONSEMI-KAI-01050 Datasheet
689Kb / 32P
   Interline CCD Image Sensor
July, 2015 ??Rev. 5
KAI-01150 ONSEMI-KAI-01150 Datasheet
952Kb / 36P
   Interline CCD Image Sensor
August, 2015 ??Rev. 5
KAI-04050 ONSEMI-KAI-04050_17 Datasheet
1Mb / 38P
   Interline CCD Image Sensor
February, 2017 ??Rev. 6
KAI-1010 ONSEMI-KAI-1010 Datasheet
308Kb / 27P
   Interline CCD Image Sensor
May, 2015 ??Rev. 2
KAI-2020 ONSEMI-KAI-2020 Datasheet
853Kb / 37P
   Interline CCD Image Sensor
October, 2015 ??Rev. 3
KAI-08670 ONSEMI-KAI-08670 Datasheet
1Mb / 52P
   INTERLINE CCD IMAGE SENSOR
March, 2015 ??Rev. 2
KAE-02150 ONSEMI-KAE-02150 Datasheet
1Mb / 52P
   Interline CCD Image Sensor
September, 2017 ??Rev. 5
KAE-02152 ONSEMI-KAE-02152 Datasheet
2Mb / 58P
   Interline CCD Image Sensor
October, 2017 ??Rev. P2
KAI-16070 ONSEMI-KAI-16070_16 Datasheet
1Mb / 49P
   Interline CCD Image Sensor
November, 2016 ??Rev. 4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com