Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC100EP016AFAR2 Datasheet(PDF) 9 Page - ON Semiconductor

Part # MC100EP016AFAR2
Description  3.3 V ECL 8-Bit Synchronous Binary Up Counter
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC100EP016AFAR2 Datasheet(HTML) 9 Page - ON Semiconductor

Back Button MC100EP016AFAR2 Datasheet HTML 4Page - ON Semiconductor MC100EP016AFAR2 Datasheet HTML 5Page - ON Semiconductor MC100EP016AFAR2 Datasheet HTML 6Page - ON Semiconductor MC100EP016AFAR2 Datasheet HTML 7Page - ON Semiconductor MC100EP016AFAR2 Datasheet HTML 8Page - ON Semiconductor MC100EP016AFAR2 Datasheet HTML 9Page - ON Semiconductor MC100EP016AFAR2 Datasheet HTML 10Page - ON Semiconductor MC100EP016AFAR2 Datasheet HTML 11Page - ON Semiconductor MC100EP016AFAR2 Datasheet HTML 12Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
MC100EP016A
http://onsemi.com
9
Applications Information (continued)
EP01
Q0 to Q7
P0 to P7
CLK
TC
PE
CE
Figure 6. 32-Bit Cascaded EP016A Programmable Divider
LO
CLK
CLK
CLK
MSB
LSB
EP016
EP01
EP01
Q0 to Q7
Q0 to Q7
Q0 to Q7
Q0 to Q7
P0 to P7
P0 to P7
P0 to P7
EP016
EP016
EP016
CLK
TC
PE
CE
CLK
CLK
TC
PE
CE
CLK
CLK
TC
PE
CE
CLK
Figure 6 shows a typical block diagram of a 32-bit divider
chain. Once again to maximize the frequency of operation
EP01 OR gates were used. For lower frequency applications
a slower OR gate could replace the EP01. Note that for a
16-bit divider the OR function feeding the PE (program
enable) input CANNOT be replaced by a wire OR tie as the
TC output of the least significant EP016A must also feed the
CE input of the most significant EP016A. If the two TC
outputs were OR tied the cascaded count operation would
not operate properly. Because in the cascaded form the PE
feedback is external and requires external gating, the
maximum frequency of operation will be significantly less
than the same operation in a single device.
Maximizing EP016A Count Frequency
The EP016A device produces 9 fast transitioning single
ended outputs, thus VCC noise can become significant in
situations where all of the outputs switch simultaneously in
the same direction. This VCC noise can negatively impact
the maximum frequency of operation of the device. Since
the device does not need to have the Q outputs terminated to
count properly, it is recommended that if the outputs are not
going to be used in the rest of the system they should be left
unterminated. In addition, if only a subset of the Q outputs
are used in the system only those outputs should be
terminated. Not terminating the unused outputs will not only
cut down the VCC noise generated but will also save in total
system power dissipation. Following these guidelines will
allow designers to either be more aggressive in their designs
or provide them with an extra margin to the published data
book specifications.


Similar Part No. - MC100EP016AFAR2

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC100EP016AFAR2 ONSEMI-MC100EP016AFAR2 Datasheet
157Kb / 11P
   3.3 V ECL 8?묪it Synchronous Binary Up Counter
November 2006 ??Rev. 6
MC100EP016AFAR2G ONSEMI-MC100EP016AFAR2G Datasheet
157Kb / 11P
   3.3 V ECL 8?묪it Synchronous Binary Up Counter
November 2006 ??Rev. 6
More results

Similar Description - MC100EP016AFAR2

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC100EP016AMNG ONSEMI-MC100EP016AMNG Datasheet
137Kb / 13P
   3.3 V ECL 8-Bit Synchronous Binary Up Counter
March, 2008 - Rev. 9
MC100EP016A ONSEMI-MC100EP016A_06 Datasheet
157Kb / 11P
   3.3 V ECL 8?묪it Synchronous Binary Up Counter
November 2006 ??Rev. 6
MC10EP016 ONSEMI-MC10EP016_16 Datasheet
195Kb / 15P
   ECL 8-Bit Synchronous Binary Up Counter
August, 2007 - Rev. 12
MC10E016 ONSEMI-MC10E016_08 Datasheet
181Kb / 12P
   5.0 VECL 8.Bit Synchronous Binary Up Counter
February, 2006 ??Rev. 7
MC10EP016 ONSEMI-MC10EP016 Datasheet
110Kb / 12P
   3.3V / 5VECL 8-Bit Synchronous Binary Up Counter
September, 2002 ??Rev. 10
MC10E016 ONSEMI-MC10E016_06 Datasheet
175Kb / 12P
   5.0 V ECL 8?묪it Synchronous Binary Up Counter
February, 2006 ??Rev. 7
MC10E016 ONSEMI-MC10E016_16 Datasheet
183Kb / 11P
   5.0VECL8?륛it Synchronous Binary Up Counter
July, 2016 ??Rev. 8
MC10E016 ONSEMI-MC10E016 Datasheet
161Kb / 8P
   8-BIT SYNCHRONOUS BINARY UP COUNTER
1996 REV 2
logo
SEMTECH ELECTRONICS LTD...
100E016 SEMTECH_ELEC-100E016 Datasheet
180Kb / 9P
   8-Bit Synchronous Binary Up Counter
logo
Micrel Semiconductor
SY10E016 MICREL-SY10E016 Datasheet
102Kb / 10P
   8-BIT SYNCHRONOUS BINARY UP COUNTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com